Part Number Hot Search : 
PS2501 UPS12540 3477M000 TIS108 H4N12 XXSCX V804ME04 3477M000
Product Description
Full Text Search
 

To Download KMB14F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KMB12F thru KMB110F
Schottky Surface Mount Flat Bridge Rectifier
VOLTAGE - 20 TO 100 VOLTS CURRENT - 1.0 AMPERES
Major Ratings and Characteristics 1.0 A IF(AV) 20 V to 100 V VRRM 30 A IFSM 0.50 V, 0.55V,0.70 V, 0.85V VF 125 C Tj max. FEATURES

Low profile package Ideal for automated placement Ultrafast reverse recovery time Low power losses, high efficiency Low forward voltage drop High surge capability High temperature soldering 260/10 seconds at terminals Component in accordance to RoHS 2002/95/1 and WEEE 2002/96/EC
MECHANICAL DATA
Case: MBF molded plastic body over Schottky barrier chips Terminals: Solder plated, solderable per J-STD-002B and JESD22-B102D Polarity: Polarity symbols marked on body
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
(TA = 25 C unless otherwise noted)
Symbol KMB12F KMB14F KMB16F KMB18F KMB110F UNIT
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.2x0.2"(5.0x5.0mm)copper pad area Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Maximum instantaneous forwad voltage at 1.0A Maximum DC reverse current TA = 25 at Rated DC blocking voltage TA = 100 Typical Junction Capacitance at 4.0V,1.0MHz Typical Thermal resistance (Note1) Operating junction temperature range Storage temperature range
VRRM VRMS VDC IF(AV) IFSM VF IR CJ RJA RJL TJ TSTG
20 14 20
40 28 40
60 42 60 1.0 30
80 56 80
100 70 100
V V V A A
0.50
0.55
0.70 0.5 20
0.85
V mA
250 85 20 -55 to +125 - 55 to +150
125
pF
/ W
Note1.Thermal resistance from junction to ambient and from junction to lead P.C.B.mounted on 0.2x0.2"(5.0x5.0mm)copper pad areas.
www.paceleader.tw
1
KMB12F thru KMB110F
Schottky Surface Mount Flat Bridge Rectifier
VOLTAGE - 20 TO 100 VOLTS CURRENT - 1.0 AMPERES
Characteristic Curves (TA=25 unless otherwise noted)
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of KMB14F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X