Part Number Hot Search : 
3710I NSR01L30 G3U7912 WR78W10 GT10G101 YAAMUA Z5240 4DFT1G
Product Description
Full Text Search
 

To Download JWL12BH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Internationally Approved TV Rated Rockers
Series JW
Distinctive Characteristics
Industry's first molded rocker with TV rating. Designed to handle large inrush current. JWM models certified for TV-5 rating and JWL models for TV-8 rating. Special 5A @ 72V DC rating for JWL models to use in worldwide telecommunication equipment for power distribution applications.
Prominent external insulating barriers increase insulation resistance and dielectric strength.
Constructed for dust resistance with interior cover between actuator and contact area.
Specially designed to break light contact welds.
JWMW panel seal version meets IP67 of IEC60529 Standards (similar to NEMA 4 and 6).
Terminals are molded in and epoxy sealed to lock out flux, dust, and other contaminants.
Actual Size JWM
Housing and case of heat resistant resin meet UL 94V-0 standard.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
Series JW
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 10A @ 125/250V AC for JWM & JWMW models; 10A @ 30V DC for JWMW; 16A @ 125/250V AC for JWL models; 5A @ 72V DC for telecommunication applications
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength:
Mechanical Life: Electrical Life: Nominal Operating Force: Angle of Throw:
10 milliohms maximum for JWM & JWMW; 20 milliohms maximum for JWL 1,000 megohms minimum @ 500V DC 2,000V AC minimum between contacts for 1 minute minimum; 4,000V AC minimum between contacts & case for 1 minute minimum 25,000 operations minimum 25,000 operations minimum JWM & JWMW Single Pole 3.92N & Double Pole 7.84N JWL Single Pole 5.00N & Double Pole 10.00N 26
Materials & Finishes
Housing/Frame & Barrier: Interior Seal for JWM & JWL: Case/Base:
Polyamide (UL94V-0) Polyphenylene sulfide Melamine (UL94V-0)
Movable Contacts: Stationary Contacts: Terminals:
Silver alloy Silver alloy Brass with silver plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock: Sealing:
-25C through +70C (-13F through +158F) for JWM & JWL; -25C through +85C (-13F through +185F) for panel seal JWMW model 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) IP67 of IEC60529 standard for panel seal JWMW model; dust resistant inner seal for others.
Installation
Soldering Time & Temp:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards: TV Ratings for UL & CSA: UL File No. WOYR2.E44145 CSA File No. 023535-0-000
UL & C-UL Recognized:
R
CSA Certified: VDE Approved:
V DE
UL94V-0 for housing/frame & case/base of JWL, JWM, & JWMW models JWM & JWMW (TV-5) Overload Test @ 120V AC for 50 operations: Steady State Current (rms) 7.5A; Minimum Inrush Current (peak) 111A JWM & JWMW (TV-5) Endurance Test @ 120V AC for 25,000 operations: Steady State Current (rms) 5A; Minimum Inrush Current (peak) 78A JWL (TV-8) Overload Test @ 120V AC for 50 operations: Steady State Current (rms) 12A; Minimum Inrush Current (peak) 163A JWL (TV-8) Endurance Test @ 120V AC for 25,000 operations: Steady State Current (rms) 8A; Minimum Inrush Current (peak) 117A JWM & JWMW models recognized at 10A @ 250V AC & JWMW at 10A @ 30V DC; JWL models recognized at 16A @ 250V AC; 5A @ 72V DC (specify "/U-DC" after part number to request UL rating be marked on DC rated switches); UL File No. WOYR2.E44145; C-UL File No. WOYR8.E44145. JWM & JWMW models certified at 10A @ 250V AC; JWL models certified at 16A @ 250V AC; CSA File No. 023535-0-000 JWM models approved at steady state 5A, inrush 80A, resistive 10A, & motor load 6A all at 250V AC; VDE License No. 115637; JWL models approved at steady state 8A, inrush 128A, resistive 16A, & motor load 8A all at 250V AC; VDE License No. 115637. Note: JWM & JWL Double Pole, Single Throw models approved only with the international on-off symbols on the actuator.
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Internationally Approved TV Rated Rockers
TYPICAL SWITCH ORDERING EXAMPLE
Series JW
JW
RATINGS
M MW L
L
2
1
R
BARRIER TYPES
C
2
A
HOUSING COLORS
A B H Black Ivory Gray
TV-5 Rated 10A @ 125/250V AC Panel Seal TV-5 Rated 10A @ 125/250V AC TV-8 Rated 16A @ 125/250V AC
R B
No Barrier With Barrier
Note: JWMW combines with code R only.
Note: JWMW available with black only.
CAP COLORS POLES
1 2 SPST SPDT * DPST DPDT A B C H Black Ivory Red Gray
BARRIER COLORS
A B H Black Ivory Gray
* DPST must have international ON-OFF symbols for VDE approval.
Note: JWMW available with black or red only.
CIRCUITS
1 2 ON ON NONE NONE OFF ON
INSCRIPTION ORIENTATION
No Code 1 2 No Inscription Horizontal Vertical
IMPORTANT:
Standard markings: TV Rating, UL, C-UL, CSA, & VDE. Specific models & ratings for international approvals noted on General Specifications page.
These are inscriptions for Single Throw models only. DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JWL21RC2A
Red Rocker Cap with International ON-OFF Symbols in Vertical Orientation DPST ON-NONE-OFF Circuit
Black Housing
TV-8 Rated 16A @ 125/250V AC
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
RATINGS M MW L
TV-5 Rated Power Level 10A @ 125/250V AC
Series JW
Panel Seal TV-5 Rated
Power Level
10A @ 125/250V AC
TV-8 Rated
Power Level
16A @ 125/250V AC
POLES & CIRCUITS
Rocker Position Down Pole SP Model JWM11 JWMW11 JWL11 JWM12 JWMW12 JWL12 JWM21 JWMW21 JWL21 JWM22 JWMW22 JWL22 ON NONE OFF 1-1b OPEN OPEN Center Up Connected Terminals Down Center Up Throw & Schematics Note: Terminal numbers are not actually on the switch. Actuator positions oriented with switch part number facing front.
1 (COM)
SPST
1b 1 (COM)
SP
ON
NONE
ON
1-1b 1-1b 2-2b 1-1b 2-2b
OPEN
1-1a
SPDT
1
1a (COM) 1b 1 (COM) 1b 2a 2
1b
DP
ON
NONE
OFF
OPEN
OPEN 1-1a 2-2a
DPST
2b 2 2b
DP
ON
NONE
ON
OPEN
DPDT
1a
BARRIER TYPES & COLORS R
No Barrier
B
With Barrier
Flange/Housing Material: Polyamide Finish: Matte
Barrier Material: Polyamide Finish: Matte
JWM
JWL
JWM
JWL
No-barrier type has a flat flange which is an integral part of the switch. JWMW panel seal device has exterior seal of acrylonitrile butadiene rubber covering the flange.
Barrier type designates that either AT217 (for JWM) or AT218 (for JWL) is factory assembled. Dimensions for barriers are shown in the Accessories section. Barrier Colors Available:
A
Black
B
Ivory
H
Gray
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Internationally Approved TV Rated Rockers
CAP COLORS
Cap Material: Polyphenelene Oxide Finish: Matte
Series JW
Rocker cap is an integral part of the switch and not available separately. JWMW available with black or red caps only. Cap Colors Available:
A
Black
B
Ivory
C
Red
H
Gray
INSCRIPTIONS No Code
No Inscription
1
Inscription for Horizontal Mounting
2
Inscription for Vertical Mounting
DPST models without inscriptions do not have VDE approval.
The IEC symbols for On-Off are supplied with Single Throw models only. Orientation of inscription must be selected. Inscription Colors: Black ink on Ivory or Gray cap. White ink on Black or Red cap. Contact factory for other inscriptions.
HOUSING
Material: Polyamide Finish: Matte JWMW panel seal models available in black housing only.
Colors Available:
A
Black
B
Ivory
H
Gray
TERMINALS
Solder Lug/.110" (2.8mm) Quick Connect JWM & JWMW Solder Lug/.187" (4.75mm) Quick Connect JWL
Epoxy Seal
(3.2) .126 (7.5) .295
Epoxy Seal (1.5) R .059 (0.65) R .026 Thk = (0.8) .031
(7.5) .295
(0.6) R (2.8) .024 .110 (1.6) .063 Thk = (0.5) .020
(4.75) .187
This switch assembly with connectors is not UL, C-UL, CSA, or VDE approved.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07
Internationally Approved TV Rated Rockers
TYPICAL SWITCH DIMENSIONS
TV-5 No Barrier * 10 Amp
Part No.
Series JW
(15.0) .591
Single & Double Pole
(6.0) .236
(19.6) .772
26 (16.4) .646
(7.7) Typ .303 (22.6) .890
2b 2
1b 1
COM 2a
COM 1a
(27.0) 1.063
JWM11RC1A
(13.6) .535 (18.0) .709
(2.0) .079
(0.5) Typ .020 (21.5) .846 (7.5) .295
(6.2) .244 (15.4) .606
(2.8) Typ .110
TV-5 With Barrier * 10 Amp
Part No.
Single & Double Pole
(15.0) .591
(19.6) .772
(25.0) .984
(7.7) Typ .303 (22.6) .890
2b 2
1b 1
COM 2a
COM 1a
(30.0) 1.181
JWM11BCA-H
(13.6) .535 (18.0) .709 (22.2) .874
(0.5) Typ .020 (7.2) .283 (18.9) .744 (7.5) .295
(6.2) .244 (15.4) .606
(2.8) Typ .110
Panel Seal * TV-5 No Barrier * 10 Amp
Part No.
Single & Double Pole
(7.0) .276 (15.0) .591
(19.6) .772
26 (16.4) .646
(7.7) Typ .303 (22.6) .890
2b 2
1b 1
COM 2a
COM 1a
(29.6) 1.165
(0.5) Typ .020 (13.6) .535 (21.0) .827 (3.0) .118 (6.2) .244 (15.4) .606
(2.8) Typ .110
JWMW22RCA
(21.5) .846
(7.5) .295
Single pole double throw models do not have terminals 2a, 2, & 2b; single throw models do not have 1a & 2a.
PANEL CUTOUTS FOR JWM MODELS
Panel Thickness Range Without Barrier (JWM & JWMW): .039" ~ .157" (1.0mm ~ 4.0mm) With Barrier (JWM): .024" ~ .126" (0.6mm ~ 3.2mm)
(24.0) .945 (25.0) .984
JWM
(15.4) .606
JWMW
(15.4) .606
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
TYPICAL SWITCH DIMENSIONS
TV-8 No Barrier * 16 Amp
(7.0) .276
Series JW
Single & Double Pole
(20.0) .787
Part No.
(24.4) .961
26 (20.2) .795
(9.8) Typ .386 (28.0) 1.102
2b 2
1b 1
COM 2a
COM 1a
(32.0) 1.260
(0.8) Typ .031 (17.6) .693 (2.0) .079 (23.0) .906 (24.0) .945 (7.5) .295 (9.0) .354 (20.5) .807
(4.75) Typ .187
JWL21RC2A
Single pole double throw models do not have terminals 2a, 2, & 2b; single throw models do not have 1a & 2a.
TV-8 With Barrier * 16 Amp
Single & Double Pole
Part No.
(20.0) .787
(24.4) .961
(29.0) 1.142
(9.8) Typ .386 (28.0) 1.102
2b 2
1b 1
COM 2a
COM 1a
(35.0) 1.378
(17.6) .693
(23.0) .906 (27.2) 1.071
(0.8) Typ .031 (8.15) .321 (21.4) .843 (7.5) .295
(9.0) .354 (20.5) .807
(4.75) Typ .187
JWL11BCA-H
Single pole double throw models do not have terminals 2a, 2, & 2b; single throw models do not have 1a & 2a.
PANEL CUTOUT FOR JWL MODELS
Panel Thickness Range
Without Barrier: .039" ~ .157" (1.0mm ~ 4.0mm) With Barrier: .024" ~ .126" (0.6mm ~ 3.2mm)
(29.5) 1.161
(20.5) .807
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
OPTIONAL DUST COVER
AT4126 Dust Cover for JWL Rocker Lid: Clear Polyvinyl Chloride Base: Black Polyamide Recommended Temperature Range: -10 ~ +70C (+14F ~ +158F) Loses pliability below 0C (+32F) Recommended Panel Thickness: .031" ~ .134" (0.8mm ~ 3.4mm)
Series JW
(42.0) 1.654
(22.2) .874
(8.6) .339
(2.6) .102
(33.0) 1.299
Top
Side
Bottom
Switch Groove
Assembly Instructions: (1) Insert bottom of switch through the base until the tabs lock into place. (2) Snap the switch into the panel. (3) Seat the lid into the grooves of the base.
Lid
Base
Groove
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07


▲Up To Search▲   

 
Price & Availability of JWL12BH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X