Part Number Hot Search : 
16245 KD70F120 AD7799 GL34G MAX5933C MCW1012 FJP5355 4HC245
Product Description
Full Text Search
 

To Download J0982AS12VDC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
E197851
21.5 x 15.8 x 16.5 mm
J098
Features
* * * * * Switching capacity up to 6A Small size and light weight Low coil power consumption Up to 48VDC coil voltage Strong resistance to shock and vibration
Contact Data
Contact Arrangement 2A = DPST N.O. 2B = DPDT N.C. 2C = DPDT
Specifications and availability subject to change without notice.
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgNi + Au 180W 720VA 277VAC, 125VDC 6A
Contact Rating
5A @ 277VAC 6A @ 125VAC 6A @ 30VDC
Coil Data
Coil Voltage VDC Rated 3 6 9 12 24 48 Max 3.9 7.8 11.7 15.6 31.2 62.4 15 60 135 240 960 3840 Coil Resistance +/- 10% Pick Up Voltage VDC (max) 75% of rated voltage 2.25 4.50 6.75 9.00 18.00 36.00 Release Voltage VDC (min) 10% of rated voltage .3 .6 .9 1.2 2.4 4.8 .60 10 5 Coil Power W Operate Time ms Release Time ms
Dimensions shown in mm. Dimensions are shown for reference purposes only.
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 1000V rms min. @ sea level 750V rms min. @ sea level 100m/s2 for 11 ms 1.50mm double amplitude 10~40Hz 10N -40oC to +85oC -40oC to +155oC 260oC for 5 s 12g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
page 21
phone - 763.535.2339
www.citrelay.com
fax - 763.535.2194
J098
Ordering Information
1. Series J098 2. Contact Arrangement 2A = DPST N.O. 2B = DPST N.C. 2C = DPDT 3. Sealing Options S = Sealed 4. Coil Voltage 3VDC 6VDC 9VDC 12VDC 24VDC 48VDC 5. Coil Power .60 = .60W J098 2C S 3VDC .60
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Dimensions
Units = mm
Specifications and availability subject to change without notice.
Schematics & PC Layouts
Bottom Views
2A
2B
2C
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
page 22


▲Up To Search▲   

 
Price & Availability of J0982AS12VDC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X