Part Number Hot Search : 
9S12D BLM7002K AD6680 DSK4S B250008 2SJ553 F54452VR KP800A
Product Description
Full Text Search
 

To Download IW0524SA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
1 Watts IW Series
* * * * * * * Wide 2:1 Input Range SIP or DIP Package 1000 VDC Isolation Optional 3000 VDC Isolation
xppower.com
Regulated Single & Dual Output
Continuous Short Circuit Protection MTBF >2.7 MHrs
Specification
Input
* 5 V models: 4.5 - 9.0 V 12 V models: 9.0 - 18.0 V 24 V models: 18.0 - 36.0 V 48 V models: 36.0 - 72.0 V Input Reflected Ripple * 35 mA pk-pk through 12 H inductor 5 Hz to 20 MHz Input Current * See table Input Filter * Capacitor Input Voltage Range
General
Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency MTBF * * * * * * See table 1000 VDC, optional 3000 VDC (see note 2) 109 60 pF typical 100-650 kHz typical >2.7 MHrs to MIL-STD-217F
Physical
Case Material * Non-conductive black plastic (UL94V-0 rated). Optional metal: nickel coated copper * SIP case: Alloy 42 solder coated DIP case: o0.5 mm brass solder coated * Epoxy (UL94V-0 rated) * 260 C 1.5 mm from case for 10 s
Output
Output Voltage * Line Regulation * Load Regulation * Setpoint Accuracy * Start Up Rise Time * Ripple & Noise * Temperature Coefficient * Short Circuit Protection * Current Limiting * Cross Regulation * Transient Response * Maximum Capacitive Load Remote On/Off See table 0.5% max 1.0% max from 25-100% load 2% max 100 ms typical 80 mV pk-pk max 20 MHz BW. See note 6 0.02%/C Continuous with auto recovery Typically 110% of max Iout 5% 3% deviation recovering to <1% within 300 s for 25% load change * See table * Optional on SIP package models applying 5 V via 1 k current limiting resistor & diode turns output off (see note 4)
Pin Material Potting Material Lead Soldering Temperature
Environmental
Operating Temperature * -40 C to +85 C, derate from 100% load at 85 C to 0% load at 100 C Storage Temperature * -40 C to +125 C Case Temperature * 100 C max Cooling * Convection-cooled Humidity * 95% RH, non condensing
DC-DC
Models and Ratings
Input Voltage No Load Input Current 15 15 40 55 55 70 15 15 15 15 15 15 8 8 8 8 8 8 6 6 6 6 6 6 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Full Load Input Current 298 298 285 285 285 294 119 115 115 108 108 114 59 57 55 55 55 55 31 30 29 29 29 30 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Output Voltage 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 V V V V V V V V V V V V V V V V V V V V V V V V Output Current 303 200 111 83 67 42 303 200 111 83 67 42 303 200 111 83 67 42 303 200 111 83 67 42 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency 67% 67% 70% 70% 70% 68% 70% 72% 77% 77% 77% 73% 70% 72% 75% 75% 75% 75% 66% 68% 70% 70% 70% 68% Max Capactive load Single Output 3300 3300 470 470 470 220 3300 3300 470 470 470 220 3300 3300 470 470 470 220 3300 3300 470 470 470 220 F F F F F F F F F F F F F F F F F F F F F F F F Dual Output 1000 1000 220 220 220 100 1000 1000 220 220 220 100 1000 1000 220 220 220 100 1000 1000 220 220 220 100 F F F F F F F F F F F F F F F F F F F F F F F F
IW
Model Number(1-6) IW0503SA IW0505SA IW0509SA IW0512SA IW0515SA IW0524SA IW1203SA IW1205SA IW1209SA IW1212SA IW1215SA IW1224SA IW2403SA IW2405SA IW2409SA IW2412SA IW2415SA IW2424SA IW4803SA IW4805SA IW4809SA IW4812SA IW4815SA IW4824SA
4.5-9.0 V
9.0-18.0 V
18.0-36.0 V
36.0-72.0 V
Notes
1. For dual inline package replace `S' in model number with `D'. 2. For optional 3 kV isolation add suffix `-H' to the model number. 3. For dual output delete suffix `A' & split output currents equally between rails. 4. 5. 6. 7. For optional Remote On/Off on SIP models, add suffix `-R' to model number. For optional metal case, add suffix `-M' to model number. Output capacitor of 100 F required to meet quoted ripple & noise. Minimum load of 25% required to meet quoted specifications.
Dimensions are in inches (mm) Weight: Plastic case = 4.5 g Metal case = 6.5 g PIN CONNECTIONS Pin
0.86 (21.85) 0.36 (9.20) 0.86 (21.85) Printed Face 0.44 (11.10) 0.02 (0.50) 0.10 (2.54) 0.70 (17.78) 0.02 (0.50) 0.14 0.36 (3.50) (9.20) 0.14 0.36 (3.50) (9.20) 0.01 (0.25) 0.12 (3.05) 0.44 (11.10) 0.42 (10.60) 0.44 (11.10) 0.36 (9.20)
Mechanical Details
SIP Package - Non-conductive Plastic Case SIP Package - Nickel Coated Copper Case
Single -V Input +V Input Opt. ROF* N.P. / N.C. +V Output -V Output NC
Dual -V Input +V Input Opt. ROF** N.C. +V Output -V Output Common
1 2 3 5
0.02 (0.50) 0.10 (2.54)
6
0.70 (17.78) 0.12 (3.05)
7 8
Bottom View 5678 123 0.01 (0.25)
123
5678
*When optional ROF is present pin 5 is No Connection. When not present pin 3 & 5 are No Pin. **When optional ROF is present pin 5 is No Connection. When not present pin 3 & 5 are No Connection.
0.02 (0.50)
DIP Package - Non-conductive Plastic Case
0.92 (23.40)
DIP Package - Nickel Coated Copper Case Dimensions are in inches (mm) Weight: Plastic case = 6.0 g Metal case = 8.0 g
0.12 (3.05)
0.92 (23.40) 0.40 (10.16)
0.55 (14.00)
0.55 (14.00)
0.40 (10.16)
PIN CONNECTIONS Pin 1 Single -V Input -V Input NC NC +V Output -V Output +V Input +V Input Dual -V Input -V Input Common -V Output +V Output Common +V Input +V Input
0.11 (2.81) 0.70 (17.78) 0.08 (1.92) 0.42 (10.60) 0.08 (1.92) 16 15 12 6 Bottom View 11 9 0.02 (0.50) 8 0.02 (0.50)
0.12 (3.05)
DIA. 0.02 (0.50) 0.08 (1.92)
0.11 (2.81)
0.70 (17.78) 6 Bottom View 8
DIA. 0.02 (0.50)
2 6 8
12 0.40 (10.16) 16 15 0.08 (1.92) 0.10 (2.54)
0.02 (0.50) 9 0.02 (0.50)
9 11 15 16
11
0.10 (2.54)
0.20 (5.08)
0.20 (5.08)
07-Apr-08


▲Up To Search▲   

 
Price & Availability of IW0524SA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X