Part Number Hot Search : 
74HCT04A OPV214AT SMAJ24C T1049 A3965S 3KP110 MMBZ5257 SSW1N60B
Product Description
Full Text Search
 

To Download HMC110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v01.0801
MICROWAVE CORPORATION
HMC110
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
Features
Bandwidth: DC - 10 GHz Low Insertion Loss: 6.2 dB 31 dB Attenuation Range Fast Switching: 6 nS
Typical Applications
* Base Station Infrastructure * Portable Wireless
2
ATTENUATORS - CHIP
* CATV & DBS * MMDS & WirelessLAN * Wireless Local Loop * UNII & HiperLAN
Functional Diagram
General Description
The HMC110 chip is a 5-bit digital attenuator with a 31 dB range in 1 dB steps. Each bit is activated by applying 0V to port A and disabled with -5 V to port A. Port B (as applicable) is biased with the complement of port A. See SMT packaged version HMC110G16 (hermetic).
Electrical Specifications, TA = +25 C, with 0/-5V Control
Parameter
Reference Inser tion Loss Attenuation Range Return Loss Attenuation Accuracy: 1 - 7 dB States 8 - 15 dB States 16 - 23 dB States 24 - 31 dB States Switching Characteristics tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF) Input Power for 0.2 dB Compression Min Atten: Max Atten: Min Atten: Max Atten: DC - 10 GHz 3 6 +22 +5 +44 +32 ns ns dBm dBm dBm dBm
Frequency
DC - 5 GHz DC - 10 GHz DC - 10 GHz DC - 2 GHz DC - 10 GHz
Min.
Typ.
5.2 6.2
Max.
6.0 7.0
Units
dB dB dB dB dB
27 12 8
31 15 10
DC - 10 GHz DC - 10 GHz DC - 10 GHz DC - 10 GHz
+/- 0.5 dB +/- 5% of Setting Max. +/- 0.6 dB +/- 5% of Setting Max. +/- 0.6 dB +/- 8% of Setting Max. +/- 0.6 dB +/- 10% of Setting Max.
dB dB dB dB
0.5 - 10 GHz
Input Third Order Intercept
0.5 - 10 GHz
2-2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v01.0801
MICROWAVE CORPORATION
HMC110
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
Insertion Loss
0 INSERTION LOSS (dB) -2 -4 -6 -8 -10 0 2 4 6 8 10 FREQUENCY (GHz)
Relative Attenuation
0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 -30 -32 -34 -36
RELATIVE ATTENUATION (dB)
2
0 2 4 6 FREQUENCY (GHz) 8 10
Relative Phase
90 RELATIVE PHASE (DEG) 70 50 30 16 dB 8 dB 10 -10 0 2 4 6 FREQUENCY (GHz) 1 dB, 2 dB, 4 dB 8 10
Return Loss
0
RETURN LOSS (dB)
31 dB
-10
-20
-30 0 2 4 6 8 10 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
2-3
ATTENUATORS - CHIP
v01.0801
MICROWAVE CORPORATION
HMC110
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
Truth Table
Control Input
4 dB Bit A1 High B1 Low Low Low High Low Low 1 dB A2 High Low High High High High 2 dB A3 High High Low High High High 8 dB Bit A4 High High High High Low High B4 Low Low Low Low High Low 16 dB Bit A5 High High High High High Low B5 Low Low Low Low Low High Ref 1dB 2dB 4dB 8dB 16dB Att Set
Control Voltages
State Low High Bias Condition 0 to -0.2V @ 20 uA Max. -3V @50uA Typ to -8V @500 uA Max.
2
ATTENUATORS - CHIP
High High Low High High
Absolute Maximum Ratings
Control Voltage Range Storage Temperature Operating Temperature RF Input Power (0.5 - 4 GHz) Inser tion Loss State Any Attenuation State +0.5 to -8.5 Vdc -65 to +150 deg C -55 to +125 deg C
Any combination of the above states will provide an attenuation approximately equal to the sum of the bits selected.
+27 dBm +13 dBm
Outline Drawing (See DIE HANDLING NOTES in section 8)
1.676 (0.066) 0.178 (0.007) 0.102 (0.004) 0.127 (0.005)
9 equal spaces @ 0.152 (0.006) each
0.279 (0.011) 0.864 (0.034)
A1 RF1
B1
A2
A3 A4 4306
B4
A5
B5
A6
B6 RF2
0.102 (0.004)
0.076 (0.003)
ALL DIMENSIONS IN MILLIMETERS (INCHES) ALL TOLERANCES ARE +/- 0.025 (0.001) DIE THICKNESS IS 0.203 (0.008), BACKSIDE IS NOT METALLIZED BOND PADS ARE 0.100 (0.004) SQUARE ALL UNLABELED BOND PADS ARE GROUND. BOND PAD METALLIZATION: GOLD. BACKSIDE METALLIZATION: NONE
2-4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v01.0801
MICROWAVE CORPORATION
HMC110
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
Suggested Driver Circuit
2
ATTENUATORS - CHIP
2-5
Simple driver using inexpensive standard logic ICs provides fast switching using minimum DC current. *Recommended values to suppress unwanted RF signals at A/B control lines. You may adjust for switching speed considerations.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com


▲Up To Search▲   

 
Price & Availability of HMC110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X