|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HIGH CURRENT POWER CHOKES RESISTORS CAPACITORS COILS DELAY LINES HL SERIES RoHS Term.W is RoHS compliant & 260C compatible Low price, wide selection, 2.7H to 100,000H, up to 15.5A Option ER Military Screening: per MIL-PRF-15305 Grp.A Non-standard values & sizes, increased current & temp., inductance measured at high freq., cut & formed leads, etc. HL chokes are specifically designed for high current applications. The use of high saturation cores and flame retardant shrink tubing makes them ideal for switching power supply circuits. SERIES HL9 | 1.0 [25.4] min. SERIES HL7 HL7: .71 [18] max HL9: .91 [23] max .118 [3] .033[.84] max max HL7 .28 [7] max Inch [mm] HL9 .47[12] max || Inductance DCR DC Saturation Rated SRF (MHz , Value (H) (Max@20C) Current (A) Current (A) Typ) 2.7 .016 7.9 1.6 39 3.9 .019 7.3 1.3 32 4.7 .022 6.3 1.3 36 5.6 .024 5.6 1.3 25 6.8 .026 5.3 1.3 25 8.2 .028 4.5 1.3 21 10 .033 4.1 1.3 17 12 .037 3.6 1.3 15 15 .040 3.3 1.3 12 18 .044 3.0 1.3 11 22 .050 2.7 1.3 10 27 .058 2.5 1.3 7 33 .075 2.2 1.0 6.8 39 .094 2.0 .80 5.7 47 .10 1.8 .80 4.8 56 .13 1.7 .80 4.4 68 .14 1.5 .80 3.8 82 .15 1.4 .80 3.7 100 .21 1.2 .63 3.0 120 .28 1.1 .50 2.9 .34 1.0 .50 2.5 150 .36 .95 .50 2.4 180 .43 .86 .50 2.1 220 .56 .77 .40 1.9 270 .67 .70 .40 1.8 330 390 .77 .64 .40 1.4 470 1.2 .59 .31 1.4 560 1.3 .54 .31 1.0 680 1.6 .49 .25 1.0 820 2.0 .44 .20 1.0 1000 2.3 .40 .20 .90 1200 2.7 .35 .20 .77 1500 3.5 .33 .15 .76 1800 4.0 .29 .15 .64 2200 4.5 .27 .15 .51 2700 5.4 .24 .12 .51 3300 6.6 .22 .12 .48 3900 8.6 .20 .10 .45 4700 9.7 .18 .10 .42 5600 14 .16 .08 .32 6800 16 .15 .08 .30 8200 21 .13 .06 .28 10000 26 .12 .05 .26 12,000 30 .11 .05 .23 15,000 43 .10 .039 .18 18,000 48 .09 .03 .18 Inductance DCR DC Saturation Rated SRF (MHz , Value (H) (Max@20C) Current (A) Current (A) Typ) 3.9 .007 15.5 4 34 4.7 .008 13.9 4 31 5.6 .011 12.6 4 29 6.8 .011 11.6 4 26 8.2 .013 9.89 4 23 10 .017 8.70 4 20 12 .019 8.21 4 17 15 .022 7.34 4 14 18 .023 6.64 4 11 22 .026 6.07 4 10 27 .027 5.36 4 9 33 .032 4.82 4 9 39 .033 4.36 4 8 47 .035 3.98 4 7 56 .037 3.66 3.2 6 68 .047 3.31 2.5 5 82 .060 3.10 2.0 4 100 .09 2.8 1.6 3 120 .11 2.5 1.6 3 150 .13 2.2 1.6 3 180 .15 2.0 1.6 2 220 .16 1.9 1.6 2 270 .20 1.6 1.6 2 330 .21 1.5 1.6 2 390 .28 1.4 1.6 2 470 .38 1.2 1.2 1 560 .42 1.2 1.0 1 680 .55 1.0 1.0 1 820 .66 .97 0.8 1 1000 .84 .87 0.8 1 1200 1.0 .79 0.6 1 1500 1.2 .70 0.6 .75 1800 1.6 .64 0.6 .72 2200 2.0 .58 0.5 .70 2700 2.1 .53 0.4 .65 3300 2.5 .47 0.4 .60 3900 2.7 .43 0.4 .55 4700 3.2 .39 0.4 .50 5600 3.9 .36 .32 .40 6800 5.7 .32 .25 .35 8200 6.3 .29 .25 .30 10000 7.3 .27 .25 .30 12,000 9.2 .24 .20 .30 15,000 10.5 .21 .20 .30 18,000 14.8 .20 .16 .20 22,000 21.8 .18 .13 .20 27,000 22.7 .16 .13 .15 33,000 25.7 .15 .13 .15 39,000 31.8 .14 .10 .15 47,000 36.1 .12 .10 .10 56,000 40.9 .11 .10 .10 68,000 57.3 .10 .08 .10 82,000 79.3 .09 .07 .10 100,000 89.7 .08 .07 .10 SPECIFICATIONS Test Frequency: 1KHz @0DCA Tolerance: 10% standard ( 5%, 15% and 20% available) Temperature Rise: 20C typ. at full rated current Temp.Range: -55C to +125C (no load), +100C max at rated A Saturation Current: lowers inductance approx. 5% (10% max) APPLICATIONS: Typical applications include buck/boost, noise filtering, DC/DC converters, SCR & triac controls, EMI suppression, switching power circuits, audio equipment, telecom, filters, power amplifiers, etc. Designed for use with Linear Tech LT1073 <1173, National Semi LM2574, Unitrode UC2575. Customized models available. P/N DESIGNATION: HL9 - 100 - K B W RCD Type Option Codes: ER, A (leave blank if std) Inductance (uH): 2 signif. digits & multiplier, e.g. 1R0=1uH, 100=10uH, 101=100uH, 102=1000uH Tolerance Code: J= 5%, K=10% (std), W= 15%, M= 20% Packaging: B = Bulk, T = Tape & Reel Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable) RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com FA019A Sale of this product is in accordance with GF-061. Specifications subject to change without notice. 104 |
Price & Availability of HL9-100KWTQ |