Part Number Hot Search : 
N4731 ASI10525 100AC M5229 LM336B EL2270CN LC4256 BCW67A
Product Description
Full Text Search
 

To Download HERA801G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
HIGH EFFICIENCY RECTIFIERS RF Cross Max Avg. Peak Peak Fwd Surge Max Forward Reverse Max Reverse Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25C Recovery Time Current @ 25C Current Voltage Superimposed @ Rated IO @ Rated PIV @ Rated PIV IO(A) PIV(V) IFSM(A) VFM(V) TRR(ns) IR(mA) HER101 UF4001 1.0 A 50 30 1.0 50 5 HER102 UF4002 1.0 A 100 30 1.0 50 5 HER103 UF4003 1.0 A 200 30 1.0 50 5 HER104 UF4004 1.0 A 300 30 1.0 50 5 HER105 1.0 A 400 30 1.3 50 5 HER106 UF4005 1.0 A 600 30 1.7 70 5 HER107 UF4006 1.0 A 800 30 1.7 70 5 HER151 1.5 A 50 50 1.0 50 5 HER152 1.5 A 100 50 1.0 50 5 HER153 1.5 A 200 50 1.0 50 5 HER154 1.5 A 300 50 1.0 50 5 HER155 1.5 A 400 50 1.3 50 5 HER156 1.5 A 600 50 1.7 80 5 HER157 1.5 A 800 50 1.7 80 5 HER301 UF5400 3.0 A 50 150 1.0 50 10 HER302 UF5401 3.0 A 100 150 1.0 50 10 HER303 UF5402 3.0 A 200 150 1.0 50 10 HER304 UF5403 3.0 A 300 150 1.0 50 10 HER305 UF5404 3.0 A 400 150 1.3 50 10 HER306 UF5406 3.0 A 600 150 1.7 75 10 HER307 UF5407 3.0 A 800 150 1.7 75 10 HER601 6.0 A 50 200 1.0 60 10 HER602 6.0 A 100 200 1.0 60 10 HER603 6.0 A 200 200 1.0 60 10 HER604 6.0 A 300 200 1.0 60 10 HER605 6.0 A 400 200 1.3 60 10 HER606 6.0 A 600 200 1.7 75 10 HER607 6.0 A 800 200 1.7 75 10 HERA801G 8.0 A 50 125 1.3 50 10 HERA802G 8.0 A 100 125 1.3 50 10 HERA803G 8.0 A 200 125 1.3 50 10 HERA804G 8.0 A 300 125 1.3 50 10 HERA805G 8.0 A 400 125 1.3 50 10 HERA806G 8.0 A 600 125 1.5 80 10 HERA807G 8.0 A 800 125 1.5 80 10 HERA1601G 16.0 A 50 250 1.3 50 10 HERA1602G 16.0 A 100 250 1.3 50 10 HERA1603G 16.0 A 200 250 1.3 50 10 HERA1604G 16.0 A 300 250 1.3 50 10 HERA1605G 16.0 A 400 250 1.3 50 10 HERA1606G 16.0 A 600 250 1.5 80 10 HERA1607G 16.0 A 800 250 1.5 80 10 HER1601G 16.0 A 50 125 1.3 50 10 HER1602G 16.0 A 100 125 1.3 50 10 HER1603G 16.0 A 200 125 1.3 50 10 HER1604G 16.0 A 300 125 1.3 50 10 HER1605G 16.0 A 400 125 1.3 50 10 HER1606G 16.0 A 600 125 1.5 80 10 HER1607G 16.0 A 800 125 1.5 80 10 Package Operating Temperature: -65C to 125C Outline (Max in inches) Bulk/Reel 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 500/4000 500/4000 500/4000 500/4000 500/4000 500/4000 500/4000 500/1200 500/1200 500/1200 500/1200 500/1200 500/1200 500/1200 200/500 200/500 200/500 200/500 200/500 200/500 200/500 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube 50/Tube
DO-41
DO-15
DO-201AD
R-6
.360
TO-220A
TO-220
SUPER FAST RECTIFIERS RF Cross Max Avg. Peak Peak Fwd Surge Max Forward Reverse Max Reverse Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25C Recovery Time Current @ 25C Current Voltage Superimposed @ Rated IO @ Rated PIV @ Rated PIV IO(A) PIV(V) IFSM(A) VFM(V) TRR(ns) IR(mA) SF 11 1.0 A 50 30 0.950 35 5.0 SF 12 1.0 A 100 30 0.950 35 5.0 SF 13 1.0 A 150 30 0.950 35 5.0 SF 14 1.0 A 200 30 0.950 35 5.0 SF 15 1.0 A 300 30 1.300 35 5.0 SF 16 1.0 A 400 30 1.300 35 5.0 SF21 2.0 A 50 50 0.950 35 5.0 SF22 2.0 A 100 50 0.950 35 5.0 SF23 2.0 A 150 50 0.950 35 5.0 SF24 2.0 A 200 50 0.950 35 5.0 SF25 2.0 A 300 50 1.300 35 5.0 SF26 2.0 A 400 50 1.300 35 5.0 SF31 3.0 A 50 125 0.950 35 5.0 SF32 3.0 A 100 125 0.950 35 5.0 SF33 3.0 A 150 125 0.950 35 5.0 SF34 3.0 A 200 125 0.950 35 5.0 SF35 3.0 A 300 125 1.300 35 5.0 SF36 3.0 A 400 125 1.300 35 5.0
Package
Operating Temperature: -65C to 125C Outline (Max in inches)
Bulk/Reel 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 1000/5000 500/4000 500/4000 500/4000 500/4000 500/4000 500/4000 500/1250 500/1250 500/1250 500/1250 500/1250 500/1250
DO-41
DO-15
DO-201AD
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C3CA03 REV 2001


▲Up To Search▲   

 
Price & Availability of HERA801G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X