Part Number Hot Search : 
MC283 MA3240 LB1950 11084 AM27C010 FP40R12 0610120 R5D10
Product Description
Full Text Search
 

To Download H5C-2E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
MODEL: H5C-2E
FEATURES
* * * * 5.0V Operationg HCMOS/TTL Output Tri-State Enable/Disable 8-Pin DIP
OPTIONS
* 14-Pin DIP Available (F5C-2E)
Discontinued
Internet required
Learn more about: Part Marking Identification Mechanical Specification
* PART NUMBER SELECTION Learn More - Internet Required
Part Number 267-Frequency-xxxxx 347-Frequency-xxxxx 271-Frequency-xxxxx 335-Frequency-xxxxx 275-Frequency-xxxxx 336-Frequency-xxxxx 342-Frequency-xxxxx Operating Model Frequency Number Stability1 Temperature (C) 0 ~ +70 100PPM H5C-2E -40 ~ +85 H5C-2ER 100PPM 0 ~ +70 50PPM H6C-2E -40 ~ +85 H6C-2ER 50PPM 0 ~ +70 25PPM H7C-2E -40 ~ +85 H7C-2ER 25PPM 0 ~ +70 20PPM H8C-2E Frequency Range (MHz) 1.000 ~ 160.000 1.000 ~ 160.000 1.000 ~ 160.000 1.000 ~ 160.000 1.000 ~ 160.000 1.000 ~ 125.000 1.000 ~ 125.000
* ELECTRICAL CHARACTERISTICS
PARAMETERS
Frequency Range (FO) Storage Temperature Range (TSTG) Supply Voltage (VDD) Input Current (IDD) 1.000 ~ 40.000 MHz 40.000+ ~ 125.000 MHz 125.000+ ~ 160.000 MHz Output Symmetry (50% VDD) 1.000 ~ 50.000 MHz 50.000+ ~ 160.000 MHz Rise Time (10% ~ 90% VDD) (TR) 1.000 ~ 125.000 MHz 125.000+ ~ 160.000 MHz Fall Time (90% ~ 10% VDD) (TF) 1.000 ~ 125.000 MHz 125.000+ ~ 160.000 MHz Output Voltage (VOL) (VOH) Output Current (IOL) (IOH) Output Load TTL HCMOS Start-up Time (TS) Output Enable/Disable Time 2
1
MAX (unless otherwise noted)
1.000 ~ 160.000 MHz -55C ~ +125C 5.0V 10% 40mA 60mA 100mA 45% ~ 55% 40% ~ 60% 10 nS 6 nS 10 nS 6 nS 10% VDD 90% VDD Min 16mA Min -16mA Min 10TTL 50pF 10mS 100nS
All dimensions are in millimeters.
Inclusive of 25C tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration. 2 An internal pullup resistor from pin 1 to VDD allows active output if pin 1 is left open. All specifications subject to change without notice. Rev. 6/1/04
* ENABLE / DISABLE FUNCTION INH (Pin 1) OUTPUT (Pin 5) OPEN 2 ACTIVE '1' Level VIH 2.2 V ACTIVE '0' Level VIL 0.8 V High Z
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
(c) 2004 FOX ELECTRONICS
65


▲Up To Search▲   

 
Price & Availability of H5C-2E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X