Part Number Hot Search : 
1N6692S 02111 C330F 45000 B25667 ON2830 MK105 002N3
Product Description
Full Text Search
 

To Download H12D48125G-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H12 Series
* * * *
Ratings from 25A to 125A @ 48-530 V AC SCR output for heavy industrial loads AC or DC control Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
4-32 VDC
25A
H12D4825
50A
H12D4850
75A
H12D4875
90A
H12D4890
125A
H12D48125
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Transient Overvoltage [Vpk] Maximum Off-State Leakage Current @ Rated Voltage [mArms] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2) Maximum Load Current (3) [Arms] Minimum Load Current [mArms] Maximum Surge Current (16.6ms) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Thermal Resistance Junction to Case (Rjc) [C/W] Maximum I2 t for Fusing (8.3 msec) [A2 sec] Minimum Power Factor (with Maximum Load)
25A
48-530 1200 10 500 25 150 250 1.6 1.02 260 0.5
50A
48-530 1200 10 500 50 150 625 1.6 0.63 1620 0.5
75A
48-530 1200 10 500 75 150 1000 1.6 0.31 4150 0.5
90A
48-530 1200 10 500 90 150 1200 1.6 0.28 6000 0.5
125A
48-530 1200 10 500 125 150 1750 1.7 0.22 12700 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Maximum Turn-On Voltage Minimum Turn-Off Voltage Typical Input Current Nominal Input Impedance Maximum Turn-On Time [msec] (4) Maximum Turn-Off Time [msec]
DC Control
4-32 VDC 4.0 VDC 1 .0 VDC 15 mADC (5) See Note 5 1/2 Cycle 1/2 Cycle
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input/Output/Base (50/60Hz) Minimum Insulation Resistance (@ 500 V DC) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical) Encapsulation Terminals Recommended Terminal Screw Torque Range: Fastons:
Parameters
4000 Vrms 109 Ohm 8 pF -40 to 80 C -40 to 125 C 3 oz (86.5 g) Thermally conductive Epoxy Screw and saddle Clamps Furnished, Unmounted 6-32 Screws - 10 in/lbs. 8-32 & 10-32 Screws - 20 in. lbs. (Screws dry without grease) Single pair (up to 25A) Double pair* (50A model only) Caution: User must connect to both pairs
GENERAL NOTES
1) All parameters at 25C and per section unless otherwise specified. 2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 3) Heat sinking required, for derating curves see page 2. 4) Turn-on time for DC control random turn-on versions is 0.02 msec 5) Input circuitry version incorporates active current limiter. 6) Only 125A model CE Compliant.
MECHANICAL SPECIFICATIONS
THERMAL DERATE INFORMATION
AGENCY APPROVALS
UL E116949 CSA LR81689 VDE 10143 UG
Rev. 013009
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of H12D48125G-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X