Part Number Hot Search : 
PC2105 MPW2146 SDZ5V1 4030P ON1266 ES51999 CT374 CT374
Product Description
Full Text Search
 

To Download FR206GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR201GP
Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
THRU FR207GP
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
DO-15
Features
* * * * * * Low Cost Low Leakage Low Forward Voltage Drop High Current Capability Fast Switching Speed For High Efficiency Glass Passivated Junction
* *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
Catalog Number FR201GP FR202GP FR203GP FR204GP FR205GP FR206GP FR207GP
D
---------------
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 2A TA = 55C Current Peak Forward Surge IFSM 60A 8.3ms, half sine Current IFM = 2.0A; Maximum 1.3V Instantaneous VF TA = 25C Forward Voltage Maximum DC Reverse Current At IR 5.0A TA = 25C Rated DC Blocking 100A TA = 100C Voltage Maximum Reverse Recovery Time 150ns IF=0.5A, IR=1.0A, FR201GP-204GP Trr 250ns Irr=0.25A FR205GP 500ns FR206GP-207GP Typical Junction CJ 40pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
D
C
DIMENSIONS INCHES MIN .230 .104 .026 1.000 MM MIN 5.80 2.60 .70 25.40
DIM A B C D
MAX .300 .140 .034 ---
MAX 7.60 3.60 .90 ---
NOTE
www.cnelectr.com
FR201GP thru FR207GP
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 12 1.4 0 .5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 1.0 2.0 3.0 Figure 2 Forward Derating Curve
1.5
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
FR201GP thru FR207GP
Figure 4 Maximum Non-Repetitive Forward Surge Current 90 75 60 45 Amps 30 15 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
2
Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of FR206GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X