Part Number Hot Search : 
DSP56 TSM69 M4T27 CM3019 C27411 LCX020 BC86816 LB1813M
Product Description
Full Text Search
 

To Download EM316DMR3G-3R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Media Converters Repeaters and Optimizers
Datasheet
SFP Multi-Rate Dual Transponder
Features
Wide range of applications: - Media conversion - Signal repeating - Lambda conversion - WDM - OADM - Self-healing redundant links - Physical layer multicasting
FD
Any-port-to-any-port connectivity Single-port-to-multiport connectivity 3R signal regeneration - Retransmission - Reshaping - Retiming Data rate support from 42 Mbps to 3.2 Gbps SFP transceivers for flexible configuration High port density - four data ports on a single slot SNMP management through MegaVision Pro(R) and a Fiber Driver network management module SFP Digital Diagnostics (SFF-8472)
Overview
The Fiber Driver(R) SFP Multi-Rate Dual Transponder (EM316DMR3G-3R) from MRV Communications defines a new level of deployment flexibility and inventory management. It combines software selectable data rates, any-port-to-any-port connectivity, and the use of Small Form-factor Pluggable (SFP) optical transceivers. It offers an extremely wide range of optical infrastructure solutions including media conversion, signal repeating, lambda conversion, Wave Division Multiplexing (WDM), and Optical Add/Drop Multiplexing (OADM). The EM316DMR3G-3R can create self-healing redundant links for mission critical applications or support physical layer multicast broadcasts of any protocol within its range. SFP Multi-Rate Dual Transponder deployment is quick and easy. The module resides in a Fiber Driver chassis. The selected SFP transceivers are inserted, and the ports are set to the corresponding data rate. Changing the connection type at a later time means simply replacing the SFP transceivers and configuring the module for the new data rate. SFP transceivers are easily reuseable at different locations for other applications. Reuse maximizes the investment in optical equipment and reduces the need for on-hand inventory. MRV Communications provides a complete range of optical and copper plug-in interfaces for the EM316DMR3G-3R and other Fiber Driver modules. The Fiber Driver SFP Multi-Rate Dual Transponder performs full 3R signal regeneration - retransmission, reshaping, and retiming - on each channel at any selected data rate from 42 Mbps to 3.2 Gbps. This range covers Fast and Gigabit Ethernet, FDDI, ESCON, SONET (OC-3, OC-12 and OC-48), Fibre Channel (1 Gbps and 2 Gbps), Serial Digital Video Interface (SDI) SMPTPE-259M (270Mbps), High-Definition Serial Digital Video Interface (HD-SDI) SMTPE-292M (1.5Gbps) and DVB-ASI (270Mbps). Bypassing the signal retiming function creates a protocol-transparent 2R connection for more application options.
Benefits
Flexible and scalable - Add or change optics to adjust data or media rates - Maintain single item inventory Wide range of optical and copper interfaces - Standard wavelengths (850 nm, 1310 nm, 1550nm) - CWDM wavelengths - DWDM (ITU-T G.694.1-2002) - Ethernet, Fast Ethernet, and Gigabit Ethernet
sales@mrv.com
Media Converters Repeaters and Optimizers
The data rate may be set through one of the management interfaces available with a Fiber Driver network management module - SNMP, Telnet, SSH, or the local serial port - or by jumpers located on the module itself. The data rates available using the onboard jumpers without remote management are Fast and Gigabit Ethernet, Fibre Channel (1 Gbps and 2 Gbps), and SONET (OC-3). The application of the SFP Multi-Rate Dual Transponder varies with the type of SFPs employed. The module may be used as a media converter to connect network segments of different media types, or as a lambda converter to connect network elements operating at different wavelengths. For example, a multi-mode link operating at 850 nm may connect to a single-mode link operating at 1550 nm by using the required SFPs. With its 3R functionality, the EM316DMR3G-3R long-haul optics also work perfectly as a repeater in a link spanning hundreds of kilometers. Together with an externally connected Mux/DeMux unit such as the 4-channel or 8-channel Fiber Driver CWDM Passive Mux/DeMux (EM316PAMULC41, EM316PAMULC42 or EM316PAMULC8), the SFP Multi-Rate Dual Transponder becomes a part of an elaborate SFP-based WDM solution. It may be used to create a static trunk WDM system, a trunk switching WDM system, or a WDM repeater with or without lambda conversion. Deployed along a WDM trunk at customer service points using MRV Communications passive OADM technology, the SFP Multi-Rate Dual Transponder can create a sophisticated Add/Drop topology. The EM316DMR3G-3R is factory-configured to support two independent data connections; ports 1 & 2 and ports 3 & 4 are paired for redundancy. It also supports any-port-
to-any-port internal mapping. Port assignments may be changed through management at any time, allowing data routes to change as needed and enabling the module to perform physical layer multicasting for any protocol. For example, the device may be configured to retransmit the data signal entering port 1 out from ports 2, 3, and 4 simultaneously. In mission critical installations that demand maximum uptime, EM316DMR3G-3R modules can establish a selfhealing redundant link. In the event of link loss, the module pair is configured to automatically switch from the primary to the secondary data path. The switchover occurs in microseconds without the reconvergence times and data loss associated with slower solutions like OSPF or Spanning Tree. The Fiber Driver SFP Multi-Rate Dual Transponder is a hotswappable, single-slot module that is compatible with any powered Fiber Driver chassis. The EM316DMR3G3R is SNMP manageable with a Fiber Driver network management module in the same chassis. MegaVision Pro(R), the MRV network management system, uses SNMP to provide full graphical administration for all Fiber Driver and other addressable systems in the network. The EM316DMR3G-3R supports the SFF-8472 standard including digital diagnostics. Together with the network manager it provides real-time access to information such as transceiver details, transceiver temperature, TX/RX optical power, and transceiver supply voltage. Contact your MRV Communication sales representative for additional information about the full line of MRV Communications products or for pricing and availability.
DMR Application # 1: Point-to-Point Media Conversion with Redundant Link
*Range determined by SFP transceivers used and quality of fiber plant
sales@mrv.com
Media Converters Repeaters and Optimizers
DMR Application # 2: Point-to-Point Repeater with Redundant Link
*Range determined by SFP transceivers used and quality of fiber plant
DMR Application Example #3: 8-Channel CWDM with OADM
sales@mrv.com
Media Converters Repeaters and Optimizers
Physical Specifications
Operating Temperature Range Storage Temperature Relative Humidity Physical Dimensions Weight Regulatory Compliance 00C to 600C (320F to 1400F) -40C to 70C (-40F to 158F) 85% maximum, non-condensing 25 mm x 75 mm x 175 mm deep (1" x 3" x 7" deep) Approximately 213 g (7.5 oz) FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity; RoHS Directive; China RoHS; WEEE Directive
Ordering Information
Model Function
4-port SFP multi-rate transponder module with quad CDR
Protocol
Any from 42 Mbps to 3.2 Gbps in 3R mode
Connectors
Wavelength (nm)
Budget (dB)
Range
EM316DMR3G-3R
SFP (x4)
SFP dependent
SFP dependent
SFP dependent
MRV has more than 50 offices throughout the world. Addresses, phone numbers, and fax numbers are listed at www.mrv.com. Please e-mail us at sales@mrv.com or call us for assistance.
MRV (West Coast USA) 20415 Nordhoff St. Chatsworth, CA 91311 800-338-5316 818-773-0900 MRV (East Coast USA) 295 Foster St. Littleton, MA 01460 800-338-5316 978-952-4700 MRV (International) Business Park Moerfelden Waldeckerstrasse 13 64546 Moerfelden-Walldorf Germany Tel. (49) 6105/2070 Fax. (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
MRV-FD-DMR-100407
1398020-001 Rev. A2
Copyright (c)2007 MRV Communications, Inc. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of EM316DMR3G-3R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X