Part Number Hot Search : 
PQ208 SMG8C60F L6246ES4 40007 3361ELT HC00A AS105 HC00A
Product Description
Full Text Search
 

To Download E31J2D3A2B-155520M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Marketing Bulletin
DATE: TO: FROM: RE: August 25, 2005 All Sales Personnel Mark Stoner Product Termination
To all concerned parties, This bulletin is to notify all customers of the discontinuation of the following Ecliptek series effective August 25th, 2005: Series E31J2 E32J2 Description 5V 6 pad SMD LVPECL VCXO 3.3V 6 pad SMD LVPECL VCXO Recommended Replacement E32D1 E32D1
In compliance with our End of Life (EOL) policy, this will serve as advanced notice of product termination. New orders will not be accepted after November 25th, 2005, with delivery to conclude by February 25th 2006. If there are any questions pertaining to this bulletin, please fell free to contact me. Thank you again for your cooperation.
Best Regards,
Mark W. Stoner Director of Marketing Ecliptek Corporation
3545 CADILLAC AVENUE * COSTA MESA, CA 92626-1401 * (714) 433-1200 * Fax (714) 433-1234
E31J2 Series
* PECL Output VCXO * 5.0V supply voltage * 6 pad PCB SMD package with J-leads * Stability to 20ppm * Output Enable/Disable available * Complementary Output available * Available on Tape and Reel
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (VCC) Input Current Logic Type Frequency Tolerance / Stability Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Additional Output / Logic Control 20% to 80% of waveform at 50% of waveform Load, and Aging @25C over 10 years
E31J2
OBSOLETE
H 5.9 L 14.8 W 10.2
OSCILLATOR
19.440MHz to 212.500MHz 0C to 70C or -40C to 85C -55C to 125C 5.0VDC 5% 100mA Maximum 100KH Inclusive of Operating Temp Range, Supply Voltage, 50ppm, 25ppm, or 20ppm Maximum VCC-1.025VDC Minimum VCC-1.620VDC Maximum 2 nSeconds Maximum 50 10(%) 50 5(%) 50 Ohms into VCC-2.0VDC No Connect and Single Output Enable/Disable and Single Output No Connect and Complementary Output or Enable/Disable and Complementary Output
Enable/Disable Input Voltage
VIL of VCC-1.475VDC Maximum No Connection VIH of VCC-1.165VDC Minimum
Enables Output Enables Output Disables Output: Logic Low Disables Complementary Output: Logic High 10 mSeconds Maximum
Start Up Time RMS Phase Jitter Absolute Pull Range (APR) Linearity Control Voltage (VC): Test Conditions for APR Control Voltage Range (VCR) Center Control Voltage Transfer Function Input Impedance Modulation Bandwidth
MANUFACTURER CATEGORY
FJ = 12kHz to 20MHz Load, and Aging @25C over 10 years
1 pSec Maximum
Inclusive of Operating Temp Range, Supply Voltage, 50ppm Minimum 20%, 15%, or 10% Maximum 2.5VDC 2.0VDC 0.0VDC to VCC 2.5VDC Positive Transfer Characteristic 50kOhms Typical at -3dB with Control Voltage of +2.5VDC
SERIES PACKAGE VOLTAGE
10kHz Minimum
CLASS REV.DATE
ECLIPTEK CORP.
OSCILLATOR
E31J2
6-PCB-J
5.0V
OS74
01/03
800-ECLIPTEK www.ecliptek.com for latest revision
192
Specifications subject to change without notice.
OBSOLETE
FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE D=50ppm Maximum over 0C to +70C E=25ppm Maximum over 0C to +70C F=20ppm Maximum over 0C to +70C H=50ppm Maximum over -40C to +85C APR 3=50ppm Minimum LINEARITY A=20% B=15% C=10%
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
PART NUMBERING GUIDE E31J2 F 3 A 2 C - 155.520M TR
AVAILABLE OPTIONS Blank=Tubes TR = Tape and Reel (Standard) FREQUENCY ADDITIONAL OUTPUT/LOGIC CONTROL A=No Connect and Single Output B=Enable/Disable and Single Output C=No Connect and Complementary Output D=Enable/Disable and Complementary Output DUTY CYCLE 1=50 10(%), 2=50 5(%)
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TOP VIEW
SIDE VIEW
FRONT VIEW
Pin 1: Voltage Control Pin 4: Output Pin 2: Enable/Disable or No Connect Pin 5: Complementary Output or No Connect Pin 3: Case Ground Pin 6: Supply Voltage TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Tolerances = 0.1
TAPE
A
24 .3
B
11.5 .1
C
10.75 .1
D
4 .2
E
2.1
F
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1000
F
12 .1
G
B0*
H
1.5 +.1-0
J
A0*
K
.4 .05
L
K0*
R
2.5 MIN
S
10 MIN
T
30.4 MAX
U
360 MAX
V
24.4+2-0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Characteristic Seal Integrity Solderability Marking Permanency Shock Vibration
Specification Bubble test in Perfluorocarbon at +125C 5C for 60 seconds minimum (internal crystal only). Sn63 Solder dip at +230C 5C for 5 seconds/95% coverage. 10 Strokes with brush after 1 minute soak in solvent, 3 times. Random drop on hard wooden plate 3 times from a height of 20cm. Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz within 1 minute (approximately) for 2 hours minimum on each axis (X, Y and Z) for a total of 6 hours.
CATEGORY SERIES PACKAGE
Line 1: ECLIPTEK Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
E31J2
6-PCB-J
5.0V
OS74
01/03
800-ECLIPTEK www.ecliptek.com for latest revision
193
Specifications subject to change without notice.
E32J2 Series
* PECL Output VCXO * 3.3V supply voltage * 6 pad PCB SMD package with J-leads * Stability to 20ppm * Output Enable/Disable available * Complementary Output available * Available on Tape and Reel
ELECTRICAL SPECIFICATIONS
Frequency Range Operating Temperature Range Storage Temperature Range Supply Voltage (VCC) Input Current Logic Type Frequency Tolerance / Stability Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Additional Output / Logic Control 20% to 80% of waveform at 50% of waveform Load, and Aging @25C over 10 years
E32J2
OBSOLETE
H 5.9 L 14.8 W 10.2
OSCILLATOR
19.440MHz to 212.500MHz 0C to 70C or -40C to 85C -55C to 125C 3.3VDC 5% 75mA Maximum 100KH Inclusive of Operating Temp Range, Supply Voltage, 50ppm, 25ppm, or 20ppm Maximum VCC-1.025VDC Minimum VCC-1.620VDC Maximum 2 nSeconds Maximum 50 10(%) 50 5(%) 50 Ohms into VCC-2.0VDC No Connect and Single Output Enable/Disable and Single Output No Connect and Complementary Output or Enable/Disable and Complementary Output
Enable/Disable Input Voltage
VIL of VCC-1.475VDC Maximum No Connection VIH of VCC-1.165VDC Minimum
Enables Output Enables Output Disables Output: Logic Low Disables Complementary Output: Logic High 10 mSeconds Maximum
Start Up Time RMS Phase Jitter Absolute Pull Range (APR) Linearity Control Voltage (VC): Test Conditions for APR Control Voltage Range (VCR) Center Control Voltage Transfer Function Input Impedance Modulation Bandwidth
MANUFACTURER CATEGORY
FJ = 12kHz to 20MHz Load, and Aging @25C over 10 years
1 pSec Maximum
Inclusive of Operating Temp Range, Supply Voltage, 50ppm Minimum 20%, 15%, or 10% Maximum 1.65VDC 1.35VDC 0.0VDC to VCC 1.65VDC Positive Transfer Characteristic 50kOhms Typical at -3dB with Control Voltage of +1.65VDC
SERIES PACKAGE VOLTAGE
10kHz Minimum
CLASS REV.DATE
ECLIPTEK CORP.
OSCILLATOR
E32J2
6-PCB-J
3.3V
OS73
01/03
800-ECLIPTEK www.ecliptek.com for latest revision
194
Specifications subject to change without notice.
OBSOLETE
FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE D=50ppm Maximum over 0C to +70C E=25ppm Maximum over 0C to +70C F=20ppm Maximum over 0C to +70C H=50ppm Maximum over -40C to +85C APR 3=50ppm Minimum LINEARITY A=20% B=15% C=10%
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
PART NUMBERING GUIDE E32J2 F 3 A 2 C - 155.520M TR
AVAILABLE OPTIONS Blank=Tubes TR = Tape and Reel (Standard) FREQUENCY ADDITIONAL OUTPUT/LOGIC CONTROL A=No Connect and Single Output B=Enable/Disable and Single Output C=No Connect and Complementary Output D=Enable/Disable and Complementary Output DUTY CYCLE 1=50 10(%), 2=50 5(%)
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TOP VIEW
SIDE VIEW
FRONT VIEW
Pin 1: Voltage Control Pin 4: Output Pin 2: Enable/Disable or No Connect Pin 5: Complementary Output or No Connect Pin 3: Case Ground Pin 6: Supply Voltage TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Tolerances = 0.1
TAPE
A
24 .3
B
11.5 .1
C
10.75 .1
D
4 .2
E
2.1
F
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1000
F
12 .1
G
B0*
H
1.5 +.1-0
J
A0*
K
.4 .05
L
K0*
R
2.5 MIN
S
10 MIN
T
30.4 MAX
U
360 MAX
V
24.4+2-0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Characteristic Seal Integrity Solderability Marking Permanency Shock Vibration
Specification Bubble test in Perfluorocarbon at +125C 5C for 60 seconds minimum (internal crystal only). Sn63 Solder dip at +230C 5C for 5 seconds/95% coverage. 10 Strokes with brush after 1 minute soak in solvent, 3 times. Random drop on hard wooden plate 3 times from a height of 20cm. Frequency with an amplitude of 1.5mm sweeping between 10Hz to 55Hz within 1 minute (approximately) for 2 hours minimum on each axis (X, Y and Z) for a total of 6 hours.
CATEGORY SERIES PACKAGE
Line 1: ECLIPTEK Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
E32J2
6-PCB-J
3.3V
OS73
01/03
800-ECLIPTEK www.ecliptek.com for latest revision
195
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of E31J2D3A2B-155520M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X