Part Number Hot Search : 
AN26130A 74VCX2 AK4384ET V844ME 1SV149 G101M C1504 WM5621L
Product Description
Full Text Search
 

To Download DS1608C-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 186-1
SMT Power Inductors - DS1608C Series
These shielded inductors can help achieve significantly longer battery life in handheld devices and other portable products. They offer high efficiency and small size. Their flat top and heat resistant materials ensure trouble-free assembly and reflow operations. For new designs, consider the MSS7341, MSS1038 or LPS4018 as alternatives to this series. These series are more cost effective and offer better current handling. In addition, the LPS4018 is a significantly smaller part. We will continue to manufacture and support the DS1608C indefinitely.
Part number1 DS1608C-102ML_ DS1608C-152ML_ DS1608C-222ML_ DS1608C-332ML_ DS1608C-472ML_ DS1608C-682ML_ DS1608C-822ML_ DS1608C-103ML_ DS1608C-153ML_ DS1608C-223ML_ DS1608C-333ML_ DS1608C-473ML_ DS1608C-683ML_ DS1608C-104ML_ DS1608C-154ML_ DS1608C-224ML_ DS1608C-334ML_ DS1608C-474ML_ DS1608C-684ML_ DS1608C-105ML_ DS1608C-155ML_ DS1608C-225ML_ DS1608C-335ML_ DS1608C-475ML_ DS1608C-685ML_ DS1608C-106ML_
L 20%2 (H) 1.0 1.5 2.2 3.3 4.7 6.8 8.2 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000
DCR max Q min (Ohms) 30 @ 200 kHz 0.040 30 @ 200 kHz 0.045 40 @ 200 kHz 0.050 40 @ 200 kHz 0.055 40 @ 200 kHz 0.060 40 @ 200 kHz 0.065 40 @ 200 kHz 0.070 40 @ 200 kHz 0.075 40 @ 100 kHz 0.090 40 @ 100 kHz 0.11 40 @ 100 kHz 0.19 40 @ 100 kHz 0.23 40 @ 100 kHz 0.29 40 @ 100 kHz 0.48 40 @ 100 kHz 0.59 40 @ 100 kHz 0.77 40 @ 100 kHz 1.4 40 @ 100 kHz 1.8 40 @ 100 kHz 2.2 40 @ 100 kHz 3.4 50 @ 100 kHz 4.2 50 @ 100 kHz 8.5 50 @ 100 kHz 11.0 50 @ 100 kHz 13.9 50 @ 100 kHz 25.0 50 @ 100 kHz 32.8
SRF typ (MHz) 250 125 120 120 105 50 42 38 33 25 20 20 15 10 9 6 5 4 3 2 2 2 1 1 1 0.8
1. When ordering, please specify termination and packaging codes:
Isat3 (A) 1.4 0.93 0.92 0.75 0.58 0.58 0.47 0.37 0.31 0.30 0.30 0.24 0.17 0.13 0.10 0.10 0.07 0.06 0.055 0.045 0.035 0.028 0.024 0.021 0.019 0.017
DS1608C-106MLC Termination: L = RoHS compliant gold over nickel over moly-manganese Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (750 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape (2500 parts per full reel). 2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc. 3. DC current at which the inductance drops 30% (typ.) from its value without current. 4. Ambient temperature range: -40C to +85C 5. Storage temperature range: Component: -40C to +85C Packaging: -55C to +80C 6. Resistance to soldering heat: Three reflows at >217C for 90 seconds (+260C 5C for 20 - 40 seconds), allowing parts to cool to room temperature between. 7. Electrical specifications at 25C. See Qualification Standards section for environmental and test data. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 186-1
Revised 09/20/07
(c) Coilcraft, Inc. 2007
Document 186-2
SMT Power Inductors - DS1608 Series
Typical L vs Frequency
100000
10000 H
Typical L vs Current
100000 10000
10000 H
10000
Inductance (H)
Inductance (H)
1000
1000 H
1000
1000 H
100
100 H
100
100 H
10 H
10
1 H
10
10 H
1
1
1 H
0.1 0.01 0.1 1 10
0.1 0.01 0.1 1 10
Frequency (MHz)
Current (A)
0.115 max 2,92
0.260 max 6,60
0.070 1,78
Recommended Land Pattern
0.050 1,27 0.090 2,29 0.055 1,40 0.160 4,06 0.140 3,56
0.175 max 4,45
0.170 min 4,32
0.040 1,02
0.270 6,86
Dash number
Part marking since Feb. 2005. Parts manufactured prior to that date may have color dots. Visit www.coilcraft.com/colrpowr.cfm for details.
Weight: 144 - 167 mg Terminations: Gold over nickel over moly-manganese Tape and reel: 750/7 reel; 2500/13 reel 12 mm tape width For packaging data see Tape and Reel Specifications section.
XXX
Specifications subject to change without notice. Please check our website for latest information. Document 186-2 Revised 09/20/07
(c) Coilcraft, Inc. 2007


▲Up To Search▲   

 
Price & Availability of DS1608C-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X