Part Number Hot Search : 
MOC3022 SIHFP KIA3844 C517A99 H11AA1SM BU400 1210M UPD8884A
Product Description
Full Text Search
 

To Download DDP-092L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series D (Standard D-Sub) Dual Port Solder Dip
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temp.: 5,000M min. 1,000V AC 10m max. 5A -55C to +105C 240C / 3 sec.
I/O Connectors
Part Number (Details)
D
Series
DP - 01 *
*
1
Connector Version: DP = Dual Port No. of Contacts (Top/Bottom): 01 = 9 / 9 02 = 15 / 15 03 = 25 / 25 10 = 37 / 37 Conector Types (Top / Bottom): 1 = Male / Male 2 = Male / Female 3 = Female / Male 4 = Female / Female Vertical Distance between Connectors: S = 15.88mm, M = 19.05mm, L = 22.86mm Assembly: 1 = Snap-in + 4-40 Clinch Nut (Standard) 2 = 4-40 Threaded
Materials and Finish
Shell: Steel, Tin plated Insulator: Polyester Resin (glass filled) Fiber reinforced, UL94V-0 Contacts: Stamped Copper Alloy Plating: Gold over Nickel
Outline Connector Dimensions
Recommended PCB Layouts
33.24 1.38 1.1 0.05
7.900.25
4- 3.05 0.05
2.84
Top View
2.77
B Mating Face
Part Number DDP-01**1 DDP-02**1 DDP-03**1 DDP-10**1
Trading Division
No. of Contacts 9/9 15 / 15 25 / 25 37 / 37
A 30.81 39.14 53.04 69.32
B 24.99 33.32 47.04 63.50
C 16.33 24.66 38.38 54.84
Vertical Distances Type S Type M Type L
E 15.88 19.05 22.86
F 28.42 31.60 35.41
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
E-71
Standard D-Sub
D Series (Standard D-Sub)
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temp.: 5,000M min. 1,000V AC 10m max. 5A -55C to +105C 240C / 3 sec.
Mixed Dual Port Solder Dip (Male / Female)
Part Number (Details) D
Series Connector Version: DP = Dual Port No. of Contacts (Top / Bottom): 04 = 9 / 15 05 = 9 / 25 06 = 15 / 9 07 = 15/ 25 08 = 25 / 9 09 = 25 / 15 Conector Types (Top / Bottom): 1 = Male / Male 2 = Male / Female 3 = Female / Male 4 = Female / Female Vertical Distance between Connectors: S = 15.88mm, M = 19.05mm, L = 22.86mm Assembly: 1 = With Snap-in 4-40 Clinch Nut (Std.) 2 = 4-40 UNC Threaded
DP - 04 *
*
1
Materials and Finish
Shell: Steel, Tin plated Insulator: Polyester Resin (glass filled) Fiber reinforced, UL94V-0 Contacts: Stamped Copper Alloy Plating: Gold over Nickel
Outline Connector Dimensions
Recommended PCB Layouts
Top View
33.24 (ref 25 pins) 1.38 2.77 1.1 0.05
7.90
11.07
(ref 9 pins)
Part No.
DDP-04**1 DDP-05**1 DDP-06**1 DDP-07**1 DDP-08**1 DDP-09**1
Trading Division
No. of Cont.
9 / 15 9 / 25 15 / 9 15 / 25 25 / 9 25 / 15
A
30.81 / 39.14 30.81 / 53.04 39.14 / 30.81 39.14 / 53.04 53.04 / 30.81 53.04 / 39.14
B
24.99 / 33.32 24.99 / 47.04 33.32 / 24.99 33.32 /47.04 47.04 / 24.99 47.04 / 33.32
C
16.33 / 24.66 16.33 / 38.38 24.66 / 16.33 24.66 / 38.38 38.38 / 16.33 38.38 / 24.66
B Mating Face
Vertical Distances
Type S Type M Type L
E
15.88 19.05 22.86
2.84
4-
3.05 0.05
F
28.42 31.60 35.41
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors


▲Up To Search▲   

 
Price & Availability of DDP-092L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X