Part Number Hot Search : 
MAX5020 MLL4748A F332M F332M 92315 00N6T EMQ8932 TEH1221
Product Description
Full Text Search
 

To Download DCW08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8W DC-DC Regulated Dual Output Converter
Features :
2:1 wide input range 1000VDC I/O isolation Built-in EMI filter
DCW08
series
Protections: Short circuit / Overload Cooling by free air convection Five-sided shield metal case 100% full load burn-in test Low cost / High reliability 2 years warranty
SPECIFICATION
ORDER NO. DC VOLTAGE CURRENT RANGE RATED POWER OUTPUT DCW08A-05 DCW08B-05 DCW08C-05 DCW08A-12 DCW08B-12 DCW08C-12 DCW08A-15 DCW08B-15 DCW08C-15 5V 160 ~ 800mA 8W 60mVp-p 60mVp-p 12V 66 ~ 335mA 15V 52 ~ 267mA
RIPPLE & NOISE (max.) Note.2 50mVp-p LINE REGULATION Note.3 0.5% LOAD REGULATION VOLTAGE ACCURACY SWITCHING FREQUENCY VOLTAGE RANGE EFFICIENCY (Typ.)
Note.4
0.5% 2.0% 50KHz min. A: 9 ~ 18VDC B: 18 ~ 36VDC C: 36 ~ 72VDC 78% 80% 75% 78% Full load No load A: 888mA B: 426mA A: 50mA B: 25mA C: 215mA C: 15mA 80% 80% 80% 80% 80%
INPUT
DC CURRENT FILTER PROTECTION OVERLOAD
Pi network Fuse recommended 110 ~ 250% rated output load Protection type : Hiccup mode, recovers automatically after fault condition is removed All output equipped with over current protection Protection type : Hiccup mode, recovers automatically after fault condition is removed -25 ~ +71 -25 ~ +105 (refer to output load derating curve) , 10 ~ 95% RH 20% ~ 90% RH non-condensing 0.03% / (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes I/P-O/P:1KVDC I/P-O/P: 100M Ohms / 500VDC / 25 / 70% RH 250pF max. Compliance to EN55022 Class B, FCC part 15 Class B Compliance to EN61000-4-2,3,4,5,6,8, light industry level, criteria A 900khrs min. MIL-HDBK-217F (25 ) 31.8*20.3*12.2mm (L*W*H) or 1.25"*0.80"*0.48" inch (L*W*H) 15g
PROTECTION
Note.5
SHORT CIRCUIT WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION WITHSTAND VOLTAGE ISOLATION RESISTANCE SAFETY & ISOLATION CAPACITANCE EMC EMI CONDUCTION & RADIATION EMS IMMUNITY MTBF OTHERS DIMENSION PACKING
Mechanical Specification
Unit:mm(inch)
20.3(0.80) 4.6(0.18) 3.8(0.15)
Pin Configuration
Derating Curve
Pin No.
2&3 9 11 14 16 22 & 23
Output
- Vi n COM - Vo u t + Vo u t COM + Vi n
100
31.8(1.25)
17.8(0.70)
22
3
BOTTOM VIEW
16 14 9 11
2.5( 0.10 ) 5.0( 0.20 )
LOAD (%)
23
2
80
15.2(0.60)
0.6+ 0.1/-0(0.024)
-25
0
25
50 60 71
100
12.2(0.48)
Ta (
NOTE 1.All parameters are specified at normal input, rated load, 25 70% RH Ambient. 2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 3.Line regulation is measured from low line to high line at rated load. 4.Load regulation is measured from 20% to 100% rated load. 5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
)
File Name:DCW08-SPEC 2008-05-12


▲Up To Search▲   

 
Price & Availability of DCW08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X