Part Number Hot Search : 
SBL1050 MC13224V SBL1050 74LVT65 4N50QD SB1030CT VB025BSP 00TT4
Product Description
Full Text Search
 

To Download CSPR-U32DHR4-A0R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. PS-LU-U32DHR4-A0R A Rev.
PRODUCT SPECIFICATION
Model NoCSPR-U32DHR4-A0R
LED Type : Superbright Lamp LED Package : Piranha LED Lamp Emitting ColorRed Viewing Angle90 Stopper
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377

Descriptions:

CHECKED BY
PREPARED BY
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model NoCSPR-U32DHR4-A0R Features 1. High Current Operation 2. High Luminous Output 3. High Reliability and Solid Performance 4. Optimal Optical/Mechanical Design
Spec. No. PS-LU-U32DHR4-A0R A Rev.
5. Packaged in Tubes for Use with Automatic Pick and Place Equipment 6. Rohs Compliant
Device Selection Guide Chip
Package Outline Dimensions -
Tolerance 0.25


Part No.
Material
CSPR-U32DHR4-A0R
LED Lens Emitted Color Red Water Transparent
AlInGaP
0.01
Unit
inch mm
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSPR-U32DHR4-A0R Absolute Maximum Rating -
Spec. No. PS-LU-U32DHR4-A0R Rev. A
Storage Temp.
Tstg Tsol
1/10
-40 ~ +100
Lead Soldering Temperature
Max. 260 for 5 sec Max. (3mm from the epoxy bulb)
Electro-optical Characteristics (Ta=25) Parameter
Forward Voltage Luminous Intensity Luminous Flux
Dominant Wavelength
Symbol VF IV v d
Peak Wavelength Viewing Angle Reverse Current
p
2 1/2
http://www.csctw.com.tw
IR


* Pulse width
0.1 msec. duty
Min. ----1400 1000 -----------------
Typ. 2.3 2700 1900 625 635 90 -----
Max. 2.8 ---------------------100
Unit V mcd mlm
nm nm deg A VR=5V




(Ta=25) Parameter
Power Dissipation Forward Current (DC) Peak Forward Current * Reverse Voltage Operating Temp.
Symbol Pd IF IFP VR Topr
Rating 224 70 100 5 -30 ~ +80
Unit mW mA mA V
Condition
IF=70mA
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Luminous Flux Rank Limits ( IF = 70mA ) unitmlm
Part No.CSPR-U32DHR4-A0R Code
Spec. No. PS-LU-U32DHR4-A0R A Rev.

1. 2. 3. 4. 5. 6. 7.
B C D E F
min. 1000 1500 2000 2500 3000
max. 1500 2000 2500 3000 3500
Dominant Wavelength Rank Limits ( IF = 70mA ) unitnm
Part No. CSPR-U32DHR4-A0R Code min. max.
R1 R2 R3
620 625 630
625 630 635
Forward Voltage Rank Limits ( IF = 70mA ) unitv
Part No. CSPR-U32DHR4-A0R Code
min. 1.8 2.0 2.2 2.4 2.6
max. 2.0 2.2 2.4 2.6 2.8
C D E F G
Notes: Tolerance of measurement of luminous Flux :15 Tolerance of measurement of dominant wavelength :2nm Tolerance of measurement of forward voltage :0.05v All data are measured by CSC's test equipment. One delivery will include several color rank, VF rank and Iv ranks of the products. The quantity-ratio of the ranks is decided by CSC. Please confirm with CSC salesman,if your request different form standard specification.
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSPR-U32DHR4-A0R Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
Spec. No. PS-LU-U32DHR4-A0R Rev. A
Relative Intensity @ 20mA
1.0
0.5
0
550
Fig 5. Relative Intensity Vs. Wavelength



600
650
700
Wavelength (nm)
Fig 6. Relative Luminous Intensity vs.Radiation Angle
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model NoCSPR-U32DHR4-A0R Precautions For Use 1. Recommended Soldering conditions Wave Soldering
Spec. No. PS-LU-U32DHR4-A0R A Rev.
Temperature(C)
be shorter (+10 -1sec.). Power dissipation of iron should be smaller than 15W , and temperature should be controllable. Surface temperature of the device should be under 230. 3. Static Electricity a. Static electricity or surge voltage damages LEDs.. It is recommended that a wrist band or an anit-electrostatic glove be used when handling the LEDs. b. All devices, equipment and machinery must be properly grounded. It is recommended that mesures be taken against surge voltage to the equipment that mounts the LEDs.
Note: The specifications are subject to change without notice. Please contact us for updated information.
http://www.csctw.com.tw


260(max.) 250 240 Preheat 105(max.)
0
Max. 60sec. Time(sec.)
5 sec.
2. Soldering Iron Basic SPEC. is 5sec. When 260. If temperature is higher, time should
Page
5/5


▲Up To Search▲   

 
Price & Availability of CSPR-U32DHR4-A0R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X