Part Number Hot Search : 
SPX3940 MB12CA 2SA1783 SMAJ24 TMP90 TC1213A 1N5818WB 10102
Product Description
Full Text Search
 

To Download CHTA92LPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT High Voltage PNP Transistor
VOLTAGE 300 Volts
APPLICATION
* Small Signal Amplifier .
CHTA92LPT
CURRENT 500 mAmpere
FEATURE
* Surface mount package. (SOT-23) * Low saturation voltage VCE(sat)=-0.5V(max.)(IC=-20mA) * Low cob. Cob=6.0pF(Typ.) * PD= 300mW (mounted on ceramic substrate). * High saturation current capability.
.110 (2.80) .082 (2.10) .119 (3.04)
SOT-23
.041 (1.05) .033 (0.85)
(1)
.066 (1.70)
(3)
CONSTRUCTION
* PNP Silicon Transistor * Epitaxial planner type
(2)
.055 (1.40) .047 (1.20)
MARKING
* PA
.045 (1.15) .033 (0.85)
.103 (2.64) .086 (2.20)
.028 (0.70) .020 (0.50)
.007 (0.177)
.018 (0.30) .002 (0.05)
CIRCUIT
(1) B
C (3)
E (2)
.019 (0.50)
Dimensions in inches and (millimeters)
SOT-23
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current DC Peak Collector Current Peak Base Current Total Power Dissipation Storage Temperature Junction Temperature Operating Ambient Temperature TA 25OC; Note 1 CONDITION Open Emitter Open Base Open Collector SYMBOL VCBO VCEO VEBO IC ICM IBM PTOT TSTG TJ TAMB MIN. -55 -55 MAX. -300 -300 -5.0 -500 -500 -15 300 +150 +150 +150 UNITS Volts Volts Volts mAmps mAmps mAmps mW
o
C C C
o
o
Note
1. Transistor mounted on ceramic substrate 50mmX50mmx0.8t. 2. Measured at Pulse Width 300 us, Duty Cycle 2%. 2002-11
RATING CHARACTERISTICS ( CHTA92LPT )
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) PARAMETERS Collector Cut-off Current Emitter Cut-off Current CONDITION IE=0; VCB=-200V IC=0; VEB=-3.0V VCE=-10V; Note 1 IC=-1.0mA IC=-10mA IC=-30mA IC=-20mA; IB=-2mA IC=-20mA; IB=-2mA IE=ie=0; VCB=-20V; f=1MHz IC=10mA; VCE=-20V; f=100MHz SYMBOL ICBO ICEO MIN. 25 40 25 50 TYPE MAX. -0.25 -0.1 -0.5 -0.9 6.0 Volts Volts pF MHz UNITS uA uA
DC Current Gain
hFE
Collector-Emitter Saturation Voltage Base-Emitter Saturatio Voltage Output Collector Capacitance Transition Frequency
VCE(sat) VBE(sat) Cob fT
Note : 1. Pulse test: tp 300uSec; 0.02.
RATING CHARACTERISTIC CURVES ( CHTA92LPT )
Figure 1. DC Current Gain
300 TJ = +125OC hFE, DC CURRENT GAIN 250 200 150 100 50 0 -0.1 -55OC VCE=-10Vdc
25OC
-1.0 IC, COLLECTOR CURRENT (mA)
-10
-100
Figure 2. Capacitance
fT, CURRENT GAIN - BANDWIDT (MHz) 100 Ceb @ 1MHz C, CAPACITANCE (pF) 150 130 110 90 70 50 30 10 -1.0
Figure 3. Current-Gain - Bandwidth
10
1.0
Ccb @ 1MHz
TJ = 25OC VCE = -20 V f = 20 MHz -2.0 -3.0 -5.0 -7.0 -10 -20 -30 -50 -70 -100 IC, COLLECTOR CURRENT (mA)
0.1
0.1
1.0 10 100 VR, REVERSE VOLTAGE (VOLTS)
1000
Figure 4. "ON" Voltages
1.4 1.2 V, VOLTAGE (VOLTS) 1.0 0.8 0.6 0.4 0.2 0.0 -0.1 VCE(sat)@25OC,IC/IB=10 VCE(sat)@125OC,IC/IB=10 VCE(sat)@-55OC,IC/IB=10 VBE(sat)@25OC,IC/IB=10 VBE(sat)@125OC,IC/IB=10 VBE(sat)@-55OC,IC/IB=10 VBE(on)@25OC,VCE=-10V VBE(on)@125OC,VCE=-10V VBE(on)@-55OC,VCE=-10V
-1.0 -10 IC, COLLECTOR CURRENT (mA)
-100


▲Up To Search▲   

 
Price & Availability of CHTA92LPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X