Part Number Hot Search : 
KDR377E MIC2196 B6270 DFH10T SMBJ28 0T502 SBO90 SP204
Product Description
Full Text Search
 

To Download BY255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY251 thru BY255
MEDIUM CURRENT PLASTIC RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE-200 TO 1300 Volts CURRENT -3.0 Amperes
DO-201AD
FEATURE
High surge current capability Plastic package has underwriters laboratory Flammability classification 94V-O Low leakage Void-free molded in DO-201AD plastic package High current operation of 3 Amperse at TA=950C with no thermal runaway Exceeds enviromental standard of MIL-STD19500/228
MECHANICAL DATA
Case:JEDEC D0-201AD molded plastic Trminals:plated axials leads ,solderable per MIL-STD-750, Method 2026 Polarity:Color band denotes cathode Weight:0.04 ounce, 1.1gram Mounting Position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
BY251
BY252
400 280 400
BY253
600 420 600 3.0
BY254
800 560 800
BY255
1300 910 1300
UNITS
V V V A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375", (9.5mm) lead lengths at T A=95 C
0
VRRM VRMS VDC I(AV)
200 140 200
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage TJ =25 C at 3.0A T J =100 C
0 0
IFSM
100.0
A
VF IR
1.1 1.0 5.0 500 28.0 2.5 15.0 -55 to +150
0
V
Maximum DC Reverse Current TA=25 C at Rated DC Blocking Voltage TA =100 C
0 0
Typical Junction Capacitance (Note 2) TJ =25 C
0
CJ TRR T JA TJ
pF
Typical Reverse Recovery Time (Note 3) Typical Thermal Resistance (Note1) Operating Junction Temperature Range Storage Temperature Range
C/W
0
C C
-55 to +150 TSTG Notes : 1. Thermal Resistance from Junction to applied at ambient .375" (9.5mm) lead lengths, P.C. Board mounted. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. Reverse Recovery Test Conditions : IF=0.5A, IR=1.0A, Irr=0.25A.
0
BY251 thru BY255
MEDIUM CURRENT PLASTIC RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES BY251 THRU BY255
Fig.2 - MAXIMUM PEAK FORWARD SURGE CURRENT
200
Fig.1 - FORWARD CURRENT DERATING CURVE
8
1=.25"(6.3mm) 1=.301"(.79min) TJ=Both Leads to Heat Sink with Lengths (f) AS shown
PEAK FORWARD SURGE CURRENT, (A)
8.3ms Single Half Sine Wave JEDEC Method
100 50
NON-REPETIVE
0 TJ=150C
7
AVERAGE FORWARD CURRENT AMPERES
6
1=.50"(12.7mm)
5 4 3 2 1 0 40 60 80 100 120
0
REPETIVE
10 1 5 10 50 100
TA=Ambient Temperature 0.275(9.5mm) Lead Lengths P Board mounting .C. Resistive or inductive Load
NUMBER OF CYCLES AT 60 Hz
140
160
180
TEMPERATURE, C
Fig.4 - TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE-pF
50
Fig.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
10 5
0 TJ=25C f=1MHz Visg=50m Vp-p
INSTANTANEOUS FORWARD CURRENT, (A)
1 30
5
10
50
100
REVERSE VOLTAGE(V)
10
3.0
Fig.5 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (mA)
10
1.0
0 TJ=25C Pulse Width-300 s 2% DUTY CYCLE
0.3
0 TA=100C
1.0
0.1
0.1
0 TA=25C
.03 .01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLT AGE, (V)
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of BY255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X