Part Number Hot Search : 
MCY74047 00BZX 74LS86 NCV8405A 18108 TEA1210 CA3304AM BZXS59V1
Product Description
Full Text Search
 

To Download BY255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
BY251 THRU BY255
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
200 to 1300 Volts 3.0 Ampere
DO-27
1.0(25.4) MIN.
Low coat construction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.375(9.5) .335(8.5) .220(5.6) DIA. .197(5.0) 1.0(25.4) MIN.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.042 ounce, 1.19 grams
.052(1.3) DIA. .048(1.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
BY251 200 140 200
BY252 400 280 400
BY253 600 420 600 3.0 125 1.1 5.0 50 500 40 30 -55 to +150 -55 to +150
BY254 800 560 800
BY255 1300 910 1300
UNIT
Volts Volts Volts Amps Amps Volts A A pF
/W
Maximum Full Load Reverse Current, full cycle average 0.375"(9.5mm)lead length at TL=75 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal Resistance from junction to ambient at .375"(9.5mm) lead length, P.C.board mounted.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
BY251 THRU BY255
VOLTAGE RANGE CURRENT
200 to 1300 Volts 3.0 Ampere
RATING AND CHRACTERISTIC CURVES BY251 Thur BY255
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
3.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
AVERAGE FORWARD CURRENT,
PEAK FORWARD SURGE
2.5
125
2.0
CURRENT, (A)
100
8.3ms Single Half Sine-Wave (JEDEC Method) =T Tj jmax
(A)
1.5
75 50 25
1.0
Single Phase Half Wave 60Hz Resistive or
0.5
0 0
Inductive Load
25
50
75
100
125
150
175
0 1 2 5 8 10 20 50
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20
10
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT,
10
Tj =100 C
1.0
1
(A)
(mA)
0.1
0.1
Tj =25 C Pulse Width=300us 1% Duty Cycle
Tj =25 C 0.01 0 20 40 60 80 100 120 140
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
TJ=25 C F=1MHz 10 0.1 1.0 4.0 10.0 100
REVERSE VOLTAGE,(VOLTS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of BY255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X