Part Number Hot Search : 
T2700B 101KL 101KL 70001 433D100F 1100E TA1281F NTE70
Product Description
Full Text Search
 

To Download BC141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN BC140/10 - BC140/16 NPN BC141/10 - BC141/16
GENERAL PURPOSE TRANSISTORS
They are silicon planar epitaxial NPN transistors mounted in TO-39 metal package. They are particulary designed for audio amplifiers and switching applications up to 1A. PNP complements are the BC160 - BC161. Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS Symbol
VCBO VCEO VEBO IC IB Ptot TJ TStg
Junction Temperature Storage Temperature range Collector-Base Voltage IE = 0 Collector-Emitter Voltage IB = 0 Emitter-Base Voltage IC = 0 Collector Current Base Current
Ratings
BC140 BC141 BC140 BC141 BC140 BC141 BC140 BC141 BC140 BC141 @ Tcase= < 45 @ Tamb= < 45
Value
80 100 40 60 7 1 0.1 3.7 0.65 175 -55 to +175
Unit
V V V A A Watts C C
THERMAL CHARACTERISTICS Symbol
RthJ-c RthJ-amb
Ratings
Thermal Resistance, Junction-case Thermal Resistance, Junction-ambient
Value
35 200
Unit
K/ W K/ W
ELECTRICAL CHARACTERISTICS
TC=25C unless otherwise noted
COMSET SEMICONDUCTORS
1/3
NPN BC140/10 - BC140/16 NPN BC141/10 - BC141/16
Symbol
ICES VCB0 VCE0 (*) VEB0 VCE(SAT) (*)
Ratings
Collector - Cutoff Current
Test Condition(s)
IE= 0 ;VCES= 60 V IE= 0 ; VCES= 60 V
Min
80 100 40 60 7 40 63 100 50 -
Typ Mx Unit
0.1 0.35 0.6 1.25 75 40 90 140 100 160 26 20 30 12 100 100 nA A V V V
Tamb = 150c Collector - Base Breakdown IC = 100 A IE= 0 Voltage Collector - Emitter IC = 30 mA IB= 0 Breakdown Voltage Emitter - Base Breakdown IE= 100 A IC= 0 Voltage Collector-Emitter saturation Voltage Base-Emitter Voltage
IC= 100 mA , IB= 10 mA IC= 500 mA , IB= 50 mA IC= 1 A, IB= 100 mA IC= 1 A , VCE= 1V IC= 100 A , VCE= 1 V
BC140 BC141 BC140 BC141 BC140 BC141 BC140 BC141 BC140 BC141
VBE (*)
Gr 10 Gr 16 Gr 10 Gr 16 Gr 10 Gr 16
hFE (*)
DC Current Gain
IC= 100 mA , VCE= 1 V IC= 1 A , VCE= 1 V
fT CCBO toff ton
Transition Frequency Collector - base Capacitance Turn-off times Turn-on times
IC= 50 mA , VCE= 10 V IE= 0 ;VCB= 10V f = 1 MHZ IC=100 mA IB1=-IB2=5 mA IC=100 mA IB1=1 mA
1 1.8 250 160 250 25 850 250
V
-
MHZ
pF ns ns
(*) Pulsed : pulse duration = 300s, duty cycle = 1%
COMSET SEMICONDUCTORS
2/3
NPN BC140/10 - BC140/16 NPN BC141/10 - BC141/16
MECHANICAL DATA CASE TO-39 DIMENSIONS
A B C D E F G H L mm 6,25 13,59 9,24 8,24 0,78 1,05 0,42 45 4,1
Pin 1 : Pin 2 : Case :
Emitter Base Collector
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
COMSET SEMICONDUCTORS
3/3


▲Up To Search▲   

 
Price & Availability of BC141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X