|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Time and hours meters electromechanic Hour counters with DIN dimensions Display 7-digits, VAC trigger B 148 Features - Time and hour counter - AC voltage - 7-digit number wheel counter - Measuring range 99999.99 h - Without reset B 148 for AC Technical data - electrical ratings Voltage supply Nominal frequency Power consumption Gear precision Approval 24 VAC, 110 VAC, 220..240 VAC (50/60 Hz) 50 / 60 Hz 1 VA Synchronous to mains CE conform Description Baumer IVO hour counters are applied anywhere to make costs become evident, to observe maintenance intervals, to define warranty periods or to record operation hours. Technical data - mechanical design Display Number of digits Digit height Measuring range Reading accuracy Operating temperature Storing temperature Relative humidity Protection DIN EN 60529 Housing type E-connection Mounting Dimensions W x H x L Cutout dimensions Installation depth Weight approx. Material White numbers on black 7-digits 4 mm 99 999.99 h AC: 1/100 h = 36 s -10...+50 C -20...+70 C 80 % non-condensing IP 20 Built-in housing Surface mount housing Screw terminal connector Clip frame 48 x 48 x 43 mm 45 x 45 mm 33 mm 60 g Housing: plastic Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008 1 www.baumerivo.com Time and hours meters electromechanic Hour counters with DIN dimensions Display 7-digits, VAC trigger B 148 Part number B 148.0 X C Voltage 5 24 VAC 8 110 VAC 9 220...240 VAC Frequency C 50 Hz D 60 Hz Model / front dimensions 01 Built-in mounting 45 x 45 mm, screw terminals 48 x 48 mm 02 Built-in mounting o50 mm, screw terminals 55 x 55 mm 07 Surface mount, snap-on base for DIN rail EN 50022 Dimensions Built-in counter max. 10 mm For surface mount, snap-in base with terminal cover 43 31 3.2 45 7 33 Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008 37 58 73 50 48 48 23.5 For surface mount, snap-in base w/o terminal cover 31 For surface mount, snap-in base (EN 50022) 3.2 48 48 37 58 43 30 60 2 www.baumerivo.com 62 |
Price & Availability of B148001XD5C |