Part Number Hot Search : 
AD974 C3021 MN3866S JE700 LVC1G 2SC4449 101J1 645ET
Product Description
Full Text Search
 

To Download AWT6273RM20P8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Data Sheet - Rev 2.1
AWT6273
FEATURES
* *
InGaP HBT Technology High Efficiency: 43 % @ POUT = +29 dBm 20 % @ POUT = +16 dBm 8 % @ POUT = +8 dBm
* * *
Low Quiescent Current: 7 mA Low Leakage Current in Shutdown Mode: <1 A Internal Voltage Regulator Eliminates the Need for External Reference Voltage (No VREF Required) Optimized for a 50 System Low Profile Miniature Surface Mount Package RoHS Compliant Package, 250 oC MSL-3 HSDPA Compliant (no backoff) Dual Band WCDMA Wireless Handsets Dual Mode 3GPP Wireless Handsets
AWT6273R
* * * * * *
M20 Package 10 Pin 4 mm x 4 mm x 1 mm Surface Mount Module
APPLICATIONS
The AWT6273 HELP3TM PA is the 3rd generation WCDMA product for UMTS handsets. This PA incorporates ANADIGICS' HELP3TM technology to provide low power consumption without the need for an external voltage regulator. The device is manufactured on an advanced InGaP HBT MMIC technology offering state-of-the-art reliability, temperature stability, and ruggedness. There are three selectable bias modes
PRODUCT DESCRIPTION
that optimize efficiency for different output power levels, and a shutdown mode with low leakage current, increase handset talk and standby time. The self-contained 4 mm x 4 mm x 1 mm surface mount package incorporates matching networks optimized for output power, efficiency, and linearity in a 50 system.
GND at slug (pad) VENABLE 1 VMODE1 VMODE2 RFIN VBATT
2 3 4 5
Bias Control Voltage Regulation
10 9 8 7 6
GND GND RFOUT GND VCC
Figure 1: Block Diagram
05/2008
AWT6273
GND VENABLE VMODE1 VMODE2 RFIN VBATT 1 2 3 4 5 GND
Figure 2: Pinout (X-ray Top View)
10 9 8 7 6
GND GND RFOUT GND VCC
Table 1: Pin Description
PIN 1 2 3 4 5 6 7 8 9 10 NAME VENABLE VMODE1 VMODE2 RFIN VBATT VCC GND RFOUT GND GND DESCRIPTION PA Enable Voltage Mode Control Voltage 1 Mode Control Voltage 2 RF Input Battery Voltage Supply Voltage Ground RF Output Ground Ground
2
Data Sheet - Rev 2.1 05/2008
AWT6273
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
PARAMETER Supply Voltage (VCC) Battery Voltage (VBATT) Control Voltages (VMODE1, VMODE2, VENABLE) RF Input Power (PIN) Storage Temperature (TSTG) MIN 0 0 0 -40 MAX +5 +6 +3.5 +10 +150 UNIT V V V dBm C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) Supply Voltage (VCC) Enable Voltage (VENABLE) Mode Control Voltage (VMODE1,VMODE2) RF Output Power (POUT) 3GPP HSDPA Case A HSDPA Case B HSDPA Case C Case Temperature (TC) MIN 824 +3.2 +2.15 0 +2.15 0 +28.5 (1) +27.5 (1) +26.5 (1) +26.0 (1) -10 TYP +3.4 +1.5 +2.4 +2.4 +29.0 +28.0 +27.0 +26.5 MAX 849 +4.2 +3.1 +0.5 +3.1 +0.5 +90 UNIT MHz V V V POUT < +29 dBm TBD PA "on" PA "shut down" Low Bias Mode High Bias Mode COMMENTS
dBm
1/15 < c/d < 12/15 13/15 < c/d < 15/8 15/7 < c/d < 15/0
C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications.
Notes: (1) For operation at Vcc = +3.2 V, Pout is derated by 0.5 dB.
Data Sheet - Rev 2.1 05/2008
3
AWT6273 Table 4: Electrical Specifications (TC = +25 C, VCC = +3.4 V, VBATT = +3.4 V, VENABLE = +2.4 V, 50 system)
PARAMETER MIN 25 13 10.5 40 17 6 TYP 27.5 15 12.5 -42 -44 -42 -55 -57 -62 43 20 8 7 15 0.3 0.5 2.5 MAX 30 17.5 15 -38 -38 -38 -48 -48 -48 11 21 0.8 1 5 UNIT COMMENTS POUT +29 dBm +16 dBm +8 dBm +29 dBm +16 dBm +8 dBm +29 dBm +16 dBm +8 dBm +29 dBm +16 dBm +8 dBm VMODE1 0V 2.4 V 2.4 V 0V 2.4 V 2.4 V 0V 2.4 V 2.4 V 0V 2.4 V 2.4 V VMODE2 0V 0V 2.4 V 0V 0V 2.4 V 0V 0V 2.4 V 0V 0V 2.4 V
Gain
dB
ACLR1 at 5 MHz offset (1)
dBc
ACLR2 at 10 MHz offset
dBc
Power-Added Efficiency (1)
%
Quiescent Current (Icq) Mode Control Current Enable Current BATT Current
mA mA mA mA
VMODE1 = +2.4 V, VMODE2 = +2.4 V VMODE1 = +2.4 V, VMODE2 = 0 V through VMODE pins, VMODE = +2.4 V through VENABLE pin through VBATT pin, VMODE1 = +2.4 V, VMODE2 = +2.4 V or 0 V VBATT = +4.2 V, VCC = +4.2 V, VENABLE = 0 V, VMODE1 = 0 V, VMODE2 = 0 V POUT = +29 dBm, VMODE1 = 0 V, VMODE2 = 0 V POUT < +29 dBm
Leakage Current
-
<1
5
A
Noise in Receive Band (2) Harmonics 2fo 3fo, 4fo Input Impedance Spurious Output Level (all spurious outputs) Load mismatch stress with no permanent degradation or failure
-
-136
-134
dBm/Hz
8:1
-43 -50 -
-35 -35 2:1 -70 -
dBc VSWR dBc VSWR
See Note 3 Applies over full operating range
Notes: (1) ACLR and Efficiency measured at 836.5 MHz. (2) 869 MHz to 894 MHz. (3) POUT +29 dBm, In-band load VSWR < 5:1, Out-of-band load VSWR < 10:1. Applies over all operating conditions.
4
Data Sheet - Rev 2.1 05/2008
AWT6273
APPLICATION INFORMATION
To ensure proper performance, refer to all related Application Notes on the ANADIGICS web site: http://www.anadigics.com Shutdown Mode The power amplifier may be placed in a shutdown mode by applying logic low levels (see Operating Ranges table) to the VENABLE, VMODE1 and VMODE2 voltages. Bias Modes The power amplifier may be placed in either a Low Bias mode or a High Bias mode by applying the appropriate logic level (see Operating Ranges table) to the VMODE voltages. The Bias Control table lists the recommended modes of operation for various applications. Three operating modes are recommended to optimize current consumption. High Bias/High Power operating mode is for POUT levels > 16 dBm. At ~16dBm - 7 dBm, the PA should be "Mode Switched" to Medium Bias Mode. For POUT levels < ~8 dBm, the PA can be switched to Low Bias/Low Power Mode used for this POUT range for even lower quiescent current consumption.
Table 5: Bias Control
APPLICATION WCDMA - low power (Low Bias Mode) WCDMA - med power (Medium Bias Mode) WCDMA - high power (High Bias Mode) Optional lower VCC in low power mode Shutdown POUT LEVELS < +8 dBm < +16 dBm > +16 dBm < +7 dBm BIAS MODE Low Med High Low Shutdown VENABLE +2.4 V +2.4 V +2.4 V +2.4 V 0V VMODE1 +2.4 V +2.4 V 0V +2.4 V 0V VMODE2 +2.4 V 0V 0V 2.4 V 0V VCC 3.2 - 4.2 V 3.2 - 4.2 V 3.2 - 4.2 V > 1.5 V 3.2 - 4.2 V VBATT > 3.2 V > 3.2 V > 3.2 V > 3.2 V > 3.2 V
VENABLE VMODE1 VMODE2
1
C2 0.01 F
2 3
VENABLE VMODE1 VMODE2 RFIN VBATT
GND GND RFOUT GND VCC GND at slug
10 9 8 7 6
10K Optional pull-down
RF OUT
4 5
RF IN
VBATT
VCC
C5 2.2 F
C1 0.01F
C3 0.01F
C4 2.2F ceramic
Figure 3: Application Circuit Schematic
Data Sheet - Rev 2.1 05/2008
5
AWT6273
PACKAGE OUTLINE
Figure 4: M20 Package Outline - 10 Pin 4 mm x 4 mm x 1 mm Surface Mount Module
73R
73R
Figure 5: Branding Specification - M20 Package 6
Data Sheet - Rev 2.1 05/2008
AWT6273
COMPONENT PACKAGING
Figure 6: Tape & Reel Packaging
Table 6: Tape & Reel Dimensions
PACKAGE TYPE 4 mm x 4 mm x 1 mm TAPE WIDTH 12 mm POCKET PITCH 8 mm REEL CAPACITY 2500 MAX REEL DIA 13"
Data Sheet - Rev 2.1 05/2008
7
AWT6273
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE RANGE -10 oC to +90 oC PACKAGE DESCRIPTION COMPONENT PACKAGING
AWT6273RM20P8
RoHS Compliant 10 Pin 4 mm x 4 mm x 1 mm Tape and Reel, 2500 pieces per Reel Surface Mount Module RoHS Compliant 10 Pin 4 mm x 4 mm x 1 mm Partial Tape and Reel Surface Mount Module
AWT6273RM20P9
-10 oC to +90 oC
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
WARNING
8
Data Sheet - Rev 2.1 05/2008


▲Up To Search▲   

 
Price & Availability of AWT6273RM20P8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X