Part Number Hot Search : 
10700446 WFP650 VP1306N2 A6650 SSW1N60A P8397 4914B SDA113C
Product Description
Full Text Search
 

To Download AS5C1008DJ-20IT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRAM
Austin Semiconductor, Inc. 128K x 8 SRAM
RUGGEDIZED PLASTIC HIGH SPEED SRAM
FEATURES
* * * * * * * * Access times of 15, 20 and 25 ns Fast output enable (t ) for cache applications AOE Low active power Low standby power Fully static operation, no clock or refresh required TTL Compatible Inputs and Outputs Single +5V power supply Package in Industry-standard 32-pin SOJ
NC A6 A5 A4 A3 A2 A1 A0 A16 A15 A14 A13 I/O0 I/O1 I/02 Vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 Vcc A7 CE2 WE\ A8 A9 A10 A11 OE\ A12 CE\1 I/O7 I/O6 I/O5 I/O4 I/O3
AS5C1008
PIN ASSIGNMENT
(Top View)
32-Pin Plastic SOJ (DJ)
OPTIONS
* Timing 15ns access 20ns access 25ns access * Package Plastic SOJ*
MARKING
-15 -20 -25
DJ
No. 905
* Operating Temperature Ranges -Military (-55oC to +125oC) -Industrial (-40oC to +85oC)
XT IT
PIN FUNCTIONS
A0 - A16 WE\ Address Inputs Write Enable Chip Enable Output Enable Data Inputs/Outputs Power Ground No Connection
GENERAL DESCRIPTION
The ASI AS5C1008 is a high speed, low power, 128K by 8-bit ruggedized plastic (COTS) CMOS Static RAM. It is fabricated using high performance, CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 15ns (Max) over the military and industrial temperature ranges. When Chip Enable (CE\) is HIGH, the device assumes a standby mode at which the power dissipation can be reduced down to 125mW (max) at CMOS input levels. Easy memory expansion is provided by using asserted LOW CE\ and asserted HIGH CE2, and asserted LOW write enable (WE\) controls both writing and reading of the memory. TheAS5C1008 is pin-compatible with other 128K x 8 SRAM's in the SOJ package.
CE\1, CE2 OE\ I/O0 - I/O7 VCC VSS NC
For more products and information please visit our web site at www.austinsemiconductor.com
*For ceramic versions of this product, please see the MT5C1008 datasheet.
AS5C1008 Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
SRAM
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS* Vcc Supply Relative to GND...................................-0.5V to +7.0V Voltage on any pin Relative to GND.........-0.5V to Vcc +7.0V Storage Temperature ............................................-65C to +150C Ambient Temperature with Power Applied........-55oC to +125oC Short Circuit Output Current.................................................260oC Power Dissipation...................................................................1.0W
AS5C1008
*Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
FUNCTIONAL BLOCK DIAGRAM
A0 Address A16 Decoder Memory Matrix
I/O0 Data I/O7 Input Data Control Column I/O
CE\1 CE2 WE\ OE\
AS5C1008 Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
SRAM
Austin Semiconductor, Inc.
AS5C1008
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oCPARAMETER Dynamic Operating Current TTL Standby Current TTL Inputs CONDITIONS Vcc=MAX, IOUT = 0mA, CE1 = VIL and CE2 = VIH, f = fmax Vcc=MAX, VIN = VIH or VIL, CE\1> VIH and CE2 > VIL, f = fmax -15 -20 -25 SYMBOL MIN MAX MIN MAX MIN MAX UNITS ICC1 ISB1 180 150 140 mA
90
75
70
mA
Vcc=MAX, CE\1 > Vcc -0.2V, or CE2 CMOS Standby Current < 0.2V, VIN > Vcc -0.2V and CMOS Inputs VIN < 0.2V, f = 0 Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage GND < VIN < Vcc GND < VOUT < Vcc Output Disabled Vcc = MIN, IOH = -4.0 mA Vcc = MIN, IOL = 8.0 mA
ISB2 ILI ILO VOH VOL VIH VIL 2.2 -0.5 -10 -10 2.4
10
10
10
mA A A V
10 10
-10 -10 2.4
10 10
-10 -10 2.4
10 10
0.4 Vcc +0.5 0.8
0.4 Vcc 2.2 +0.5 -0.5 0.8 2.2 -0.5
0.4 Vcc +0.5 0.8
V V V
PIN DESCRIPTIONS
A0 - A16: Address Inputs These 17 address inputs select one of the 131,072 8-bit words in the RAM. CE\1: Chip Enable 1 Input CE\1 is asserted LOW to read from or write to the device. If Chip Enable 1 is deasserted, the device is deselected and is in standby power mode. The I/O pins will be in the high-impedance state when the device is deselected. CE2: Chip Enable 2 Input CE2 is asserted HIGH to read from or write to the device. If Chip Enable 2 is deasserted, the device is deselected and is in standby power mode. The I/O pins will be in the high-impedance state when the device is deselected. OE\: Output Enable Input The Output Enable Input is asserted LOW. If asserted LOW while CE\1 is asserted (LOW) and CE2 is asserted (HIGH) and WE\ is deasserted (HIGH), data from the SRAM will be present on the I/O pins. The I/O pins will be in the high-impedance state when OE\ is deasserted. WE\: Write Enable Input The Write Enable input is asserted LOW and controls read and write operations. When CE\1 and WE\ are both asserted (LOW) and CE2 is asserted (HIGH) input data present on the I/O pins will be written into the selected memory location.
AS5C1008 Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
SRAM
Austin Semiconductor, Inc.
AS5C1008
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS (-55oC-15 DESCRIPTION READ CYCLE Read Cycle Time Address Access Time Chip Enable Access Time Output Hold from Address Change Chip Enable to Output in Low-Z Chip Disable to Output in High-Z Output Enable Access Time Output Enable to Output in Low-Z Output Disable to Output in High-Z WRITE CYCLE Write Cycle Time Chip Enable to End of Write Address Valid to End of Write Address Set-up Time Address Hold from End of Write Write Pulse Width (OE\ > VIH) Data Set-up Time Data Hold Time Write Disable to Output in Low-Z Write Enable to Output in High-Z SYMBOL tRC tAA tACE tOH tLZCE tHZCE tAOE tLZOE tHZOE tWC tCW tAW tAS tAH tWP tDS tDH tLZWE tHZWE 15 12 12 0 0 12 8 0 5 7 0 7 20 15 15 0 0 15 10 0 5 9 3 3 7 7 0 8 25 20 20 0 0 20 15 0 5 10
1
-20 MIN 20 15 15 3 3 8 7 0 20 20 3 3 MAX MIN 25
-25 MAX UNIT ns 25 25 ns ns ns ns 10 10 ns ns ns 10 ns ns ns ns ns ns ns ns ns ns ns
MIN 15
MAX
NOTE: 1. tLZCE, tLZWE, tHZCE, tLZOE, and tHZOEare simulated values.
AS5C1008 Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
SRAM
Austin Semiconductor, Inc.
CAPACITANCE (TA = +25oC, f = 1.0 MHz)
PARAMETER Input Capacitance Output Capacitance CONDITION VIN = 0V VOUT = 0V SYMBOL CIN COUT MAX 6 8 UNIT pF pF
AS5C1008
AC TEST CONDITIONS
Input Pulse Levels.......................................................GND to 3.0V Input Rise and Fall Times..........................................................3ns Input Timing Reference Levels................................................1.5V Output Reference Levels..........................................................1.5V Output Load..................................................................See Figure 1
+5V 480 Q 255 30 pF Q 255
+5V 480
5 pF
for tLZCE, tHZCE, tLZWE, tHZWE, tLZOE, and tHZOE
Fig. 1 OUTPUT LOAD EQUIVALENT
AS5C1008 Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
098765432109876543216 109876543210987654326 987 10987654321098765431154321 09876543210987654322154321 987 10987654321098765432154321 09876543210987654321154321 987 109876543210987654326 098765432109876543216 987 098765432109876543216 109876543210987654326 987 109876543210987654316 09876543210987654322154321 987 10987654321098765432154321 09876543210987654321154321 987 109876543210987654326 09876543210987654321154321 987
t AH
8765432176543210987654321 439876543210987654321 021 8765109876543210987654321 109876543210987654321 098 8765109876543210987654321 1098 4321 8765432176543210987654321 87654321 098 8765109876543210987654321 1098 432176543210987654321 8765432176543210987654321 109876543210987654321 8765432176543210987654321 109876543210987654321 098
tAW
ADDR
WRITE CYCLE TIMING (WE\ CONTROLLED, OE\ = LOW)
ADDR
DOUT
DOUT
CE\1
CE\1
OE\
CE2
CE2
NOTES: 1. CE\ is HIGH for READ cycle. 2. At any given temperature and voltage condition, tHZCE is less than tLZCE.
NOTE: 1. CE\ is HIGH for READ cycle.
High-Z
PREVIOUS DATA VALID
Austin Semiconductor, Inc.
READ CYCLE TIMING 2 (1)
READ CYCLE TIMING 1(1)
tLZOE tLZCE
tAS
54321 54321 54321 54321
DOUT
4321 4321 4321 4321
AS5C1008 Rev. 3.6 6/05
WE\
DIN
t OH
tACE
t AOE
6 tHZWE t AA tRC tWC tRC tCW t WP2
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
DATA VALID
tDS
DATA VALID
High-Z DATA VALID tHZCE tLZWE t DH tHZCE(2)
UNDEFINED
DON'T CARE
AS5C1008
SRAM
4321 4321 4321 4321
098765432109876543215 10987654321098765432 876 1098765432109876543114321 0987654321098765432214321 876 8765 1098765432109876543214321 0987654321098765432114321 109876543210987654325 098765432109876543215 876 876 0987654321098765432154321 109876543210987654325 876 109876543210987654315 0987654321098765432214321 109876543210987654321 0987654321098765432114321 876 871 1098765432109876543214321 0987654321098765432114321 109876543210987654365 098765432109876543225 876
t AH
8765409876543210987654321 391 2 8765409876543210987654321 32876543210987654321 1 8765409876543210987654321 321 91 8765409876543210987654321 32876543210987654321 87654321 1 8765409876543210987654321 32876543210987654321 09876543210987654321 9 8765409876543210987654321 39876543210987654321 21 8765409876543210987654321 32876543210987654321 21 91 8765409876543210987654321 39876543210987654321
WRITE CYCLE TIMING (CE\1 CONTROLLED, OE\ = LOW)
ADDR
CE\1
CE2
Austin Semiconductor, Inc.
tAS
654321 654321 654321 654321
ADDR
WRITE CYCLE TIMING (CE2 CONTROLLED, OE\ = LOW)
DOUT
CE\1
WE\
CE2
DIN
tAS
tAW
tAW
High-Z
tWC
tWC
tCW
tCW
t WP1
t WP1
098765432109876543215 109876543210987654325 876 1098765432109876543114321 0987654321098765432214321 876 876 109876543210987654325 0987654321098765432114321 0987654321098765431 98765432109876543225 1098765432109876543214321 0987654321098765432114321 876 1 0 8765
87654321432109876543210987654321 765 321 87658765432109876543210987654321 4765432109876543210987654321 87658765432109876543210987654321 4321 87658765432109876543210987654321 4765432109876543210987654321 321 87658765432109876543210987654321 8765432109876543210987654321 4321
AS5C1008 Rev. 3.6 6/05
DOUT
WE\
DIN
7 High-Z
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
DATA VALID
UNDEFINED DATA VALID tDS tDS t AH t DH t DH
DON'T CARE
AS5C1008
SRAM
SRAM
Austin Semiconductor, Inc.
AS5C1008
MECHANICAL DEFINITION*
ASI Case #905 (Package Designator DJ)
A A1 A2 D e1 e b e2
C B E2 E1 E
ASI SPECIFICATIONS SYMBOL A A1 A2 b C D E E1 E2 e e1 e2 MIN 0.140 BSC 0.105 0.027 TYP 0.082 0.018 TYP 0.010 TYP 0.820 0.430 0.395 0.360 0.025 0.050 TYP --0.045 0.880 0.445 0.405 0.380 0.032 --0.115 MAX
* All measurements are in inches.
AS5C1008 Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
SRAM
Austin Semiconductor, Inc.
AS5C1008
ORDERING INFORMATION
EXAMPLE: AS5C1008DJ-25/XT Device Number AS5C1008 AS5C1008 AS5C1008 Package Type DJ DJ DJ Speed ns -15 -20 -25 Process /* /* /*
*AVAILABLE PROCESSES IT = Industrial Temperature Range XT = Extended Temperature Range
-40oC to +85oC -55oC to +125oC
AS5C1008 Rev. 3.6 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9


▲Up To Search▲   

 
Price & Availability of AS5C1008DJ-20IT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X