Part Number Hot Search : 
MH46TBG IRG4PC 2N855 TRRPB BZX84C PGT20306 B123D KBP206G
Product Description
Full Text Search
 

To Download APTM100DA18CT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM100DA18CT1G
Boost chopper MOSFET + SiC chopper diode Power Module
5 6 11
VDSS = 1000V RDSon = 180m typ @ Tj = 25C ID = 40A @ Tc = 25C
Application * * * AC and DC motor control Switched Mode Power Supplies Power Factor Correction
CR1
Features
3 4 NTC
*
Q2 9 10 1 2
Power MOS 8TM MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged
12
* SiC Schottky Diode - Zero reverse recovery - Zero forward recovery - Temperature Independent switching behavior - Positive temperature coefficient on VF * * * Benefits * * * * * * Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Solderable terminals both for power and signal for easy PCB mounting Low profile RoHS Compliant Max ratings 1000 40 30 260 30 216 657 33 Unit V A V m W A
September, 2009 1-5 APTM100DA18CT1G - Rev 0
Very low stray inductance Internal thermistor for temperature monitoring High level of integration
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive)
Tc = 25C Tc = 80C
Tc = 25C
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTM100DA18CT1G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions Tj = 25C VDS =1000V VGS = 0V Tj = 125C VGS = 10V, ID = 33A VGS = VDS, ID = 2.5mA VGS = 30 V Min Typ Max 100 500 216 5 100 Unit A m V nA
3
180 4
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 500V ID = 33A Resistive switching @ 25C VGS = 15V VBus = 667V ID = 33A RG = 2.2 Min Typ 14800 1555 196 570 100 270 85 75 285 70 ns nC Max Unit pF
SiC chopper diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF QC C Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Total Capacitive Charge Total Capacitance IF = 20A Test Conditions VR=1200V Tj = 25C Tj = 175C Tc = 100C Tj = 25C Tj = 175C Min 1200 Typ 64 112 20 1.6 2.3 80 192 138 Max 400 2000 1.8 3 Unit V A A V nC pF
IF = 20A, VR = 600V di/dt =1000A/s f = 1MHz, VR = 200V f = 1MHz, VR = 400V
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight Transistor SiC Diode
Min
Typ
Max 0.19 1 150 125 100 4.7 80
Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
To heatsink
M4
www.microsemi.com
2-5
APTM100DA18CT1G - Rev 0
4000 -40 -40 -40 2.5
September, 2009
Thermal and package characteristics
APTM100DA18CT1G
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol R25 R25/R25 B25/85 B/B Characteristic Resistance @ 25C T25 = 298.15 K TC=100C
RT = R25 1 exp B25 / 85 T - T 25
T: Thermistor temperature 1 RT: Thermistor value at T
Min
Typ 50 5 3952 4
Max
Unit k % K %
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
Typical Mosfet Performance Curve
Maxim um Effective Transient Therm al Im pedance, Junction to Case vs Pulse Duration 0.2 Thermal Impedance (C/W)
0.9
0.16 0.12
0.5
0.08 0.04
0.3 0.1 0.05 Single P ulse
0 0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
www.microsemi.com
3-5
APTM100DA18CT1G - Rev 0
September, 2009
0.7
APTM100DA18CT1G
Low Voltage Output Characteristics 120
VGS=10V
Low Voltage Output Characteristics 70 60 ID, Drain Current (A) 50 40 30 20 10 0
4.5V 5V TJ=125C VGS=6, 7, 8 & 9V
ID, Drain Current (A)
TJ=25C
90
60
TJ=125C
30
0 0 5 10 15 20
0
5
10
15
20
25
30
VDS, Drain to Source Voltage (V) Normalized RDS(on) vs. Temperature RDSon, Drain to Source ON resistance
VDS, Drain to Source Voltage (V) Transfert Characteristics 60 ID, Drain Current (A)
VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle TJ=125C
3 2.5 2 1.5 1 0.5 0 25 50 75 100 125 150
VGS=10V ID=33A
50 40 30 20
TJ=25C
10 0 0 1 2 3 4 5 6
TJ, Junction Temperature (C) Gate Charge vs Gate to Source 12 VGS, Gate to Source Voltage 10 8 6 4 2 0 0 100 200 300 400 500 600
VDS=800V ID=33A TJ=25C VDS=200V
VGS, Gate to Source Voltage (V) Capacitance vs Drain to Source Voltage 100000
Ciss
C, Capacitance (pF)
VDS=500V
10000
1000
Coss
100
Crss
10
September, 2009 APTM100DA18CT1G - Rev 0
0
50
100
150
200
Gate Charge (nC)
VDS, Drain to Source Voltage (V)
www.microsemi.com
4-5
APTM100DA18CT1G
Typical SiC Diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 1.2 Thermal Impedance (C/W) 1 0.8 0.6 0.4 0.2 0.9 0.7 0.5 0.3 0.1 0.05 0 0.00001 0.0001 0.001 Single Pulse
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds) Forward Characteristics Reverse Characteristics 200
TJ=25C
40
IF Forward Current (A) IR Reverse Current (A)
30
TJ=75C
150
20
TJ=125C
100
TJ=75C TJ=125C TJ=175C TJ=25C
10
TJ=175C
50
0 0 0.5 1 1.5 2 2.5 3 3.5
VF Forward Voltage (V) Capacitance vs.Reverse Voltage
0 400
600
800
1000 1200 1400 1600
VR Reverse Voltage (V)
1400 C, Capacitance (pF) 1200 1000 800 600 400 200 0 1 10 100 VR Reverse Voltage 1000
September, 2009 5-5 APTM100DA18CT1G - Rev 0
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com


▲Up To Search▲   

 
Price & Availability of APTM100DA18CT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X