Part Number Hot Search : 
BA1332F TGA2958 8C84E2 SF601 MGF4319 HZS7A1 1410313 TDA7294S
Product Description
Full Text Search
 

To Download APTM100A40FT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM100A40FT1G
Phase leg MOSFET Power Module
5 Q1 7 8 Q2 9 10 1 2 12 3 4 NTC 6 11
VDSS = 1000V RDSon = 400m typ @ Tj = 25C ID = 21A @ Tc = 25C
Application * * * * Welding converters Switched Mode Power Supplies Uninterruptible Power Supplies Motor control
Features * Power MOS 8TM Fast FREDFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Fast intrinsic reverse diode - Avalanche energy rated - Very rugged Very low stray inductance - Symmetrical design Internal thermistor for temperature monitoring High level of integration
* * * Benefits * * * * * *
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Solderable terminals both for power and signal for easy PCB mounting Low profile RoHS Compliant
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Tc = 25C Tc = 80C Max ratings 1000 21 16 140 30 480 390 18 Unit V A V m W A
December, 2007 1-5 APTM100A40FT1G - Rev 0
Tc = 25C
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTM100A40FT1G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions Tj = 25C VDS = 1000V VGS = 0V Tj = 125C VGS = 10V, ID = 18A VGS = VDS, ID = 2.5mA VGS = 30 V Min Typ Max 250 1000 480 5 100 Unit A m V nA
3
400 4
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 500V ID = 18A Resistive switching @ 25C VGS = 15V VBus = 667V ID = 18A RG = 2.2 Min Typ 7868 825 104 305 55 145 44 40 150 38 ns nC Max Unit pF
Source - Drain diode ratings and characteristics
Symbol Characteristic IS Continuous Source current (Body diode) VSD Diode Forward Voltage dv/dt Peak Diode Recovery trr Qrr Reverse Recovery Time Reverse Recovery Charge Test Conditions Tc = 25C Tc = 80C VGS = 0V, IS = - 18A Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min Typ Max 21 16 1.1 25 300 650 Unit A V V/ns ns C
IS = - 18A VR = 100V diS/dt = 100A/s
1.61 4.21
dv/dt numbers reflect the limitations of the circuit rather than the device itself. IS - 16A di/dt 1000A/s VDD 667V Tj 125C
www.microsemi.com
2-5
APTM100A40FT1G - Rev 0
December, 2007
APTM100A40FT1G
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 2.5
Typ
Max 0.32 150 125 100 4.7 80
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To heatsink
M4
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic Resistance @ 25C R25 B 25/85 T25 = 298.15 K
RT = R25 T: Thermistor temperature 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25
Min
Typ 50 3952
Max
Unit k K
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTM100A40FT1G - Rev 0
December, 2007
APTM100A40FT1G
Typical Performance Curve
Low Voltage Output Characteristics 50
VGS=10V
Low Voltage Output Characteristics 35
TJ=125C
ID, Drain Current (A)
ID, Drain Current (A)
30 25 20 15 10 5 0
40 30
TJ=25C
VGS=6, 7, 8 &9V
TJ=125C
20 10 0 0 5 10 15 20
5V
4.5V
0
5
10
15
20
25
30
VDS, Drain to Source Voltage (V) RDSon, Drain to Source ON resistance Normalized RDSon vs. Temperature 3 ID, Drain Current (A) 2.5 2 1.5 1 0.5 0 25 50 75 100 125 150
VGS=10V ID=18A
VDS, Drain to Source Voltage (V) Transfert Characteristics
35 30 25 20 15 10 5 0 0
VDS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle TJ=125C
TJ=25C
1
2
3
4
5
6
7
TJ, Junction Temperature (C) Gate Charge vs Gate to Source VGS, Gate to Source Voltage 12 10 8 6 4 2 0 0 40 80 120 160 200 240 280 320 Gate Charge (nC)
VDS=800V VGS=10V ID=18A VDS=200V
VGS, Gate to Source Voltage (V) Capacitance vs Drain to Source Voltage 100000 10000 1000 100 10 1 0 50 100 150 200
Ciss
C, Capacitance (pF)
VDS=500V
Coss Crss
VDS, Drain to Source Voltage (V)
www.microsemi.com
4-5
APTM100A40FT1G - Rev 0
December, 2007
APTM100A40FT1G
Drain Current vs Source to Drain Voltage 50 ISD, Reverse Drain Current (A) 40
TJ=125C
30 20 10 0 0 0.3 0.6 0.9 1.2
TJ=25C
VSD, Source to Drain Voltage (V) Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05
0.3 0.1 0.05 Single Pulse 0.9 0.7 0.5
0 0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTM100A40FT1G - Rev 0
December, 2007


▲Up To Search▲   

 
Price & Availability of APTM100A40FT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X