|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APTGF90H60T3G Full - Bridge NPT IGBT Power Module 13 14 VCES = 600V IC = 90A @ Tc = 80C Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Non Punch Through (NPT) Fast IGBT - Low voltage drop - Low tail current - Switching frequency up to 100 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - RBSOA and SCSOA rated - Symmetrical design * Kelvin emitter for easy drive * Very low stray inductance * High level of integration * Internal thermistor for temperature monitoring Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * Easy paralleling due to positive TC of VCEsat * Each leg can be easily paralleled to achieve a phase leg of twice the current capability * RoHS compliant Max ratings 600 120 90 315 20 416 200A@500V Unit V April, 2009 1-7 APTGF90H60T3G - Rev 1 Q1 18 19 CR1 CR3 Q3 11 10 22 23 Q2 7 8 CR4 Q4 26 27 CR2 4 3 29 15 30 31 R1 32 16 28 27 26 25 29 30 23 22 20 19 18 16 15 31 32 2 3 4 7 8 10 11 12 14 13 All multiple inputs and outputs must be shorted together Example: 13/14 ; 29/30 ; 22/23 ... Absolute maximum ratings Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C A V W These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com www.microsemi.com APTGF90H60T3G All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics Symbol Characteristic ICES VCE(on) VGE(th) IGES Symbol Cies Coes Cres Qg Qge Qgc Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Isc Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Emitter Charge Gate - Collector Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Short Circuit data Test Conditions VGE = 0V VCE = 600V Tj = 25C Tj = 125C Tj = 25C VGE =15V IC = 100A Tj = 125C VGE = VCE , IC = 2mA VGE = 20V, VCE = 0V Min Typ Max 250 500 2.45 6 400 Typ 4400 645 401 331 40 200 40 9 120 15 42 10 130 22 1 mJ 2 450 A Max Unit A V V nA Unit pF 1.7 4 2.0 2.2 Dynamic Characteristics Test Conditions VGE = 0V VCE = 25V f = 1MHz VGE = 15V VBus = 300V IC =100A Inductive Switching (25C) VGE = 15V VBus = 400V IC = 100A RG = 1.2 Inductive Switching (125C) VGE = 15V VBus = 400V IC = 100A RG = 1.2 VGE = 15V Tj = 125C VBus = 400V IC = 100A Tj = 125C RG = 1.2 VGE 15V ; VBus = 360V tp 10s ; Tj = 125C Test Conditions Tj = 25C Tj = 125C Tc = 90C IF = 60A IF = 120A IF = 60A IF = 60A VR = 400V di/dt =400A/s 60 1.8 2.2 1.5 25 160 70 960 Min 600 VR=600V 35 600 2.2 April, 2009 2-7 APTGF90H60T3G - Rev 1 Min nC ns ns Reverse diode ratings and characteristics Symbol Characteristic VRRM IRM IF VF trr Qrr Maximum Peak Repetitive Reverse Voltage Typ Max Unit V A A V ns nC Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Tj = 150C Tj = 25C Tj = 125C Tj = 25C Tj = 125C www.microsemi.com APTGF90H60T3G Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information). Symbol R25 R25/R25 B25/85 B/B Characteristic Resistance @ 25C T25 = 298.15 K TC=100C RT = R25 1 exp B25 / 85 T - T 25 T: Thermistor temperature 1 RT: Thermistor value at T Min Typ 50 5 3952 4 Max Unit k % K % Thermal and package characteristics Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 2.5 Min Typ Max 0.3 0.65 150 125 100 4.7 110 Unit C/W V C N.m g RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz To heatsink M4 SP3 Package outline (dimensions in mm) 1 12 See application note 1901 - Mounting Instructions for SP3 Power Modules on www.microsemi.com www.microsemi.com 3-7 APTGF90H60T3G - Rev 1 April, 2009 17 28 APTGF90H60T3G Typical IGBT Performance Curve Output characteristics (VGE=15V) Output Characteristics (VGE=10V) 200 Ic, Collector Current (A) 250s Pulse Test < 0.5% Duty cycle 250s Pulse Test < 0.5% Duty cycle 200 Ic, Collector Current (A) 150 TJ=25C TJ=125C 150 TJ=25C 100 100 TJ=125C 50 50 0 0 1 2 3 4 VCE, Collector to Emitter Voltage (V) Transfer Characteristics 200 VGE, Gate to Emitter Voltage (V) 0 0 1 2 3 VCE, Collector to Emitter Voltage (V) Gate Charge IC = 100A TJ = 25C VCE=120V VCE=300V VCE=480V 4 18 250s Pulse Test < 0.5% Duty cycle Ic, Collector Current (A) 16 14 12 10 8 6 4 2 0 0 150 100 50 TJ=125C TJ=25C 0 0 1 2 3 4 5 6 7 8 VGE, Gate to Emitter Voltage (V) 9 50 100 150 200 250 300 350 400 Gate Charge (nC) Breakdown Voltage vs Junction Temp. Collector to Emitter Breakdown Voltage (Normalized) 1.20 Ic, DC Collector Current (A) DC Collector Current vs Case Temperature 140 120 100 80 60 40 20 0 25 50 75 100 125 150 TC, Case Temperature (C) 1.10 1.00 0.90 0.80 25 50 75 100 125 TJ, Junction Temperature (C) www.microsemi.com 4-7 APTGF90H60T3G - Rev 1 April, 2009 APTGF90H60T3G Turn-On Delay Time vs Collector Current td(on), Turn-On Delay Time (ns) td(off), Turn-Off Delay Time (ns) 60 VGE = 15V Turn-Off Delay Time vs Collector Current 175 150 125 100 75 50 0 50 100 150 200 250 300 ICE, Collector to Emitter Current (A) Current Fall Time vs Collector Current VCE = 400V, VGE = 15V, RG = 1.2 VCE = 400V RG = 1.2 VGE=15V, TJ=125C 50 40 Tj = 125C VCE = 400V RG = 1.2 30 VGE=15V, TJ=25C 20 0 50 100 150 200 250 300 ICE, Collector to Emitter Current (A) Current Rise Time vs Collector Current 60 50 VCE = 400V RG = 1.2 60 50 tf, Fall Time (ns) tr, Rise Time (ns) 40 30 20 10 0 0 50 100 150 200 250 ICE, Collector to Emitter Current (A) 300 VGE=15V, TJ=125C 40 30 20 10 0 0 50 100 150 200 250 ICE, Collector to Emitter Current (A) 300 TJ = 125C TJ = 25C Turn-On Energy Loss vs Collector Current Eoff, Turn-off Energy Loss (mJ) 4 Eon, Turn-On Energy Loss (mJ) 5 4 3 2 1 0 Turn-Off Energy Loss vs Collector Current VCE = 400V VGE = 15V RG = 1.2 3 2 1 0 0 VCE = 400V RG = 1.2 TJ=125C, VGE=15V TJ = 125C 50 100 150 200 250 300 0 50 100 150 200 250 300 ICE, Collector to Emitter Current (A) Switching Energy Losses vs Gate Resistance 6 Switching Energy Losses (mJ) IC, Collector Current (A) 5 4 3 Eoff, 100A ICE, Collector to Emitter Current (A) Reverse Bias Safe Operating Area 250 VCE = 400V VGE = 15V TJ= 125C Eon, 100A 200 150 100 50 0 2 1 Eon, 100A 0 2 4 6 8 10 Gate Resistance (Ohms) 12 0 200 400 600 VCE, Collector to Emitter Voltage (V) www.microsemi.com 5-7 APTGF90H60T3G - Rev 1 0 April, 2009 APTGF90H60T3G Capacitance vs Collector to Emitter Voltage Fmax, Operating Frequency (kHz) 10000 Cies Operating Frequency vs Collector Current 240 200 160 120 80 40 0 0 40 80 120 160 200 IC, Collector Current (A) hard switching ZCS ZVS VCE = 400V D = 50% RG = 1.2 TJ = 125C TC= 75C C, Capacitance (pF) 1000 Coes Cres 100 0 10 20 30 40 50 VCE, Collector to Emitter Voltage (V) Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.35 Thermal Impedance (C/W) 0.3 0.25 0.2 0.15 0.1 0.05 0.5 0.3 Single Pulse 0.0001 0.001 0.01 0.1 Rectangular Pulse Duration (Seconds) 1 10 0.9 0.7 0.1 0.05 0 0.00001 www.microsemi.com 6-7 APTGF90H60T3G - Rev 1 April, 2009 APTGF90H60T3G Typical diode Performance Curve Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.7 Thermal Impedance (C/W) 0.6 0.5 0.4 0.3 0.2 0.1 0 0.00001 0.1 0.05 0.0001 0.001 Single Pulse 0.9 0.7 0.5 0.3 0.01 0.1 1 10 Rectangular Pulse Duration (Seconds) Forward Current vs Forward Voltage 240 IF, Forward Current (A) 200 160 120 80 40 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VF, Anode to Cathode Voltage (V) QRR vs. Current Rate Charge TJ=125C VR=400V TJ=25C TJ=125C 175 trr, Reverse Recovery Time (ns) Trr vs. Current Rate of Charge TJ=125C VR=400V 150 125 100 75 50 0 400 800 120 A 60 A 30 A 1200 1600 2000 2400 -diF/dt (A/s) IRRM vs. Current Rate of Charge TJ=125C VR=400V 120 A QRR, Reverse Recovery Charge (C) 120 A IRRM, Reverse Recovery Current (A) 3 50 40 30 20 10 0 0 60 A 2 60 A 30 A 30 A 1 0 0 400 800 1200 1600 2000 2400 -diF/dt (A/s) 400 800 1200 1600 2000 2400 -diF/dt (A/s) Capacitance vs. Reverse Voltage 400 C, Capacitance (pF) 300 Max. Average Forward Current vs. Case Temp. 100 80 IF(AV) (A) 60 40 20 Duty Cycle = 0.5 TJ=175C 200 100 0 1 10 100 1000 VR, Reverse Voltage (V) 25 50 75 100 125 150 175 Case Temperature (C) Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved. www.microsemi.com 7-7 APTGF90H60T3G - Rev 1 Microsemi reserves the right to change, without notice, the specifications and information contained herein April, 2009 0 |
Price & Availability of APTGF90H60T3G |