Part Number Hot Search : 
2001834 ES5CB F1504 2SC6082 LAA100PL KSC2330A MGF1302 F1504
Product Description
Full Text Search
 

To Download APTGF200A120D3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF200A120D3G
Phase leg NPT IGBT Power Module
VCES = 1200V IC = 200A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Non Punch Through (NPT) FAST IGBT - Low voltage drop - Low tail current - Switching frequency up to 50 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - RBSOA and SCSOA rated * Kelvin emitter for easy drive * High level of integration * M6 power connectors Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * RoHS Compliant
Q1 4 5 Q2 6 7
3
1
2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C Max ratings 1200 300 200 400 20 1400 400A@1150V Unit V
September, 2008 1-5 APTGF200A120D3G - Rev 0
A V W
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGF200A120D3G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(on) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter on Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE = 15V IC = 200A Tj = 125C VGE = VCE , IC = 8 mA VGE = 20V, VCE = 0V Min Typ 3.2 3.9 5.8 Max 5 3.7 6.4 400 Unit mA V V nA
5.2
Dynamic Characteristics
Symbol Characteristic Cies Input Capacitance Cres Reverse Transfer Capacitance QG Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Isc Gate charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn On Energy Turn Off Energy Short Circuit data Test Conditions VGE = 0V, VCE = 25V f = 1MHz VGE=15V, IC=200A VCE=600V Inductive Switching (25C) VGE = 15V VBus = 600V IC = 200A RG = 4.7 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 200A RG = 4.7 VGE = 15V Tj = 125C VBus = 600V IC = 200A Tj = 125C RG = 4.7 VGE 15V ; VBus = 900V tp 10s ; Tj = 125C Min Typ 13 1 2.1 100 60 530 30 110 70 550 40 19 mJ 15 1300 A Max Unit nF C
ns
ns
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRRM IF VF trr Qrr Err
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Min 1200
Typ
Max 750 1000
Unit V A A V ns C mJ
September, 2008 2-5 APTGF200A120D3G - Rev 0
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
VR=1200V
IF = 200A
200 2.1 1.9 100 200 14 40 5.2 11.2
IF = 200A VR = 600V
di/dt =3000A/s
www.microsemi.com
APTGF200A120D3G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight For terminals To Heatsink M6 M6 IGBT Diode 2500 -40 -40 -40 3 3 Min Typ Max 0.09 0.16 150 125 125 5 5 350 Unit
C/W
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
V C N.m g
D3 Package outline (dimensions in mm)
1
A
DETAIL A
www.microsemi.com
3-5
APTGF200A120D3G - Rev 0
September, 2008
APTGF200A120D3G
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 400
TJ = 125C VGE=20V VGE=12V VGE=15V
400
TJ=25C
300
IC (A)
300 IC (A)
200
200
VGE=9V
100
TJ=125C
100
0 0 1 2 3 VCE (V) 4 5 6
0 0 1 2 3 4 VCE (V) 5 6
400
Transfert Characteristics 60 50 40
Energy losses vs Collector Current
VCE = 600V VGE = 15V RG = 4.7 TJ = 125C
300 IC (A) E (mJ)
Eon
200
TJ=125C
30 20
Eoff
100
TJ=25C
10 0
Err
0 5 6 7 8 9 10 11 12 VGE (V) Switching Energy Losses vs Gate Resistance 100 80 E (mJ) 60 40 20 0 0 5 10 15 20 25 30 Gate Resistance (ohms) 35
VCE = 600V VGE =15V IC = 200A TJ = 125C Eon
0
100
200 IC (A)
300
400
Reverse Bias Safe Operating Area 500 400 IC (A) 300 200 100
Eoff
Err
VGE=15V TJ=125C RG=4.7
0 0 300 600 900 1200 1500 VCE (V)
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.1 Thermal Impedance (C/W) 0.9 0.7 0.06 0.5 0.04 0.02 0.3 0.1 0.05 0 0.00001 0.0001 0.001
IGBT
Single Pulse 0.01 0.1 1 10
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGF200A120D3G - Rev 0
September, 2008
0.08
APTGF200A120D3G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 70 60 50 40 30 20 10 0 0 50 100 150 IC (A) 200 250
hard switching ZCS ZVS VCE=600V D=50% RG=4.7 TJ=125C TC=75C
Forward Characteristic of diode 400
300
TJ=125C
IF (A)
200
TJ=25C
100
0 0 0.5 1 1.5 VF (V) 2 2.5 3
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.18 Thermal Impedance (C/W) 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10 0.9
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGF200A120D3G - Rev 0
September, 2008


▲Up To Search▲   

 
Price & Availability of APTGF200A120D3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X