Part Number Hot Search : 
C2502 PQ2008 IZ4812S S4014BH TC2000 1N4051 S9683 NJU6623A
Product Description
Full Text Search
 

To Download AHRF6501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PolySwitch(R) PTC Devices
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com Overcurrent Protection Device
PRODUCT:
AHRF650
Raychem Circuit Protection Products
DOCUMENT: SCD 25185 PCN: A43987 REV LETTER: B REV DATE: MAY 8, 2007 PAGE NO.: 1 OF 2
Specification Status: RELEASED
Electrical Rating
Voltage: 16VDC MAX Insulating Material: Cured, Flame Retardant Epoxy Polymer Lead Material: 20 AWG Tin Plated Copper (0.8 mm [0.032] nom. diameter) Part Marking:
Raychem Logo and Voltage
16 HF6.5
Part Identification Lot Identification (can be on back)
TABLE I. INSTALLATION ENVELOPE DIMENSIONS:
A B MIN MAX MIN MAX -12.7 -22.2 -(0.50) -(0.88) *Rounded off approximation CURRENT RATINGS TIME TO TRIP C MIN 4.3 (0.17) MAX 5.8 (0.23) MIN 7.6 (0.30) D MAX --MIN --E MAX 3.0 (0.12) F TYP 1.2 (0.05) G MIN --MAX 5.08 (0.20)
mm: in*:
TABLE II. PERFORMANCE RATINGS:
RESISTANCE Ra MAX OHMS AT 25C 0.026 TRIPPED-STATE POWER DISSIPATION WATTS AT 25C TYP 4.3
AMPS SECONDS AT AT 25C 25C, 32.5 A HOLD TRIP MAX 6.5 13.7 7.0 Reference Documents: Precedence: Effectivity: CAUTION:
OHMS AT 25C MIN MAX 0.009 0.018
PS400, PS300 (reference for R1 MAX) This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
(c) 2002, 2007 Tyco Electronics Corporation. All rights reserved.
PolySwitch(R) PTC Devices
308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com Overcurrent Protection Device
PRODUCT:
AHRF650
Raychem Circuit Protection Products
DOCUMENT: SCD 25185 PCN: A43987 REV LETTER: B REV DATE: MAY 8, 2007 PAGE NO.: 2 OF 2
TABLE III. AUTOMOTIVE SPECIFIC STRESS TESTS AND TEST CONDITIONS:
ELECTRICAL STRESS TESTS ESD Voltage Withstand (see note 1) Short Circuit Fault Current Durability TEST CONDITIONS (see note 2) 25kV 25 cycles, 16V, 200A
Fault Current Durability End-of-life Mode Verification Jump Start Endurance (see note 1) Load Dump Endurance (see note 1)
350 cycles, 16V/100A 1750 cycles, 16V/100A 3 cycles, 26V, 1 minute duration 10 cycles, 86.5V
Note 1: The PolySwitch devices are tested in series with a load resistance and the voltages specified in the test conditions are shared between the PolySwitch device and the load resistance as specified in PS400. Note 2: Please refer to Appendix A of PS400 for the detailed test procedures


▲Up To Search▲   

 
Price & Availability of AHRF6501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X