Part Number Hot Search : 
HYB51 DEVICE DFREE STU60N3L B20100 M62262FP HYB51 56NN1
Product Description
Full Text Search
 

To Download ADAM-5510EKWTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADAM-5510EKW/TP
Features
10/100Base-T Ethernet interface Built-in Modbus/TCP server Supports Modbus/TCP client Supports Modbus/RTU Master Supports Modbus/RTU Slave Supports Multiprog via Ethernet IEC-61131-3 standard package Supports LD/FB/SFC/IL/ST Languages Cross-Language compiling program
8-slot Ethernetenabled SoftLogic Controller
8 I/O slots base and handles up to 128 Local I/O Points Supports AI/AO/DI/DO/Counter Function Blocks
Introduction
The ADAM-5510EKW/TP is an Ethernet-enabled SoftLogic Controller. In addition to the features of ADAM-5510KW and ADAM-5510EKW, the ADAM-5510EKW/TP has Ethernet features including Modbus/TCP Server, Modbus/TCP Client and Multiprog via Ethernet functions. Therefore, users can easily and quickly complete their programming based on Ethernet architecture.
Standard Modbus Interface
For advanced system integration, the ADAM-5510EKW/TP supports not only Modbus/RTU Master and Slave functions via serial ports, but also the Modbus/TCP Client to retrieve data from remote I/O, and Modbus/TCP Server to send data back to the HMI/SCADA Software via Ethernet port. Furthermore, the ADAM-5510EKW/TP allows users to remotely maintain multiple ADAM-5510EKW/TP controllers by running Multiprog programming software via Ethernet.
Specifications
Control System
CPU I/O Capacity LED Indicators Memory 16-bit microprocessor 8 slots Power, CPU, communication, and battery Flash disk: 512 KB Flash memory: 768 KB Flash ROM: 256 KB RAM: 640 KB SRAM, 17 KB with battery backup ROM-DOS Yes Yes
Power
Power Consumption Power Input 4 W @ 24 Vdc (not including I/O modules) Unregulated 10 ~ 30 V Unregulated 10 ~ 30 VDC CE, FCC class A 1 x DB9-M for RS-232/485 (COM1) 1 x Screw terminal for RS-485 (COM2) 1 x DB9-F for RS-232/Programming (COM3) 1 x DB9-M for RS-232/485 (COM4) 1 x Screw-terminal for power input 1 x RJ-45 for LAN 355 x 110 x 75 mm ABS+PC DIN 35 rail, stack, wall
General
Certifications Connectors
Operating System Real-time Clock Watchdog Timer
Communications (Ethernet)
Medium Transmission Speed Cat.5 cable with RJ-45 connectors 100 Mbps (10/100Base-T)
Dimensions Enclosure Mounting
Communications (Serial)
Max. Nodes Medium Protocols Transmission Speed 32 (in RS-485 daisy-chain network) RS-485 (2-wire) Modbus/RTU, Modbus/TCP 9600, 19200 and 38400 bps
Environment
Humidity 5 ~ 95%, non-condensing Operating Temperature - 10 ~ 70 C (14 ~ 158 F) Storage Temperature - 25 ~ 85 C (-13 ~ 185 F)
Protection
Power Input Communication Line Isolation Power Reversal Protection 3000 VDC 2500 VDC (COM2 only) Yes
Ordering Information
ADAM-5510EKW/TP MPROG-BAS33 8-slot Ethernet-enabled SoftLogic Controller KW Multiprog SoftLogic Development Kit Basic Edition v3.3 for Windows(R) NT/2000/XP (128-byte I/O)
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of ADAM-5510EKWTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X