|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A64 / SMA64 Cascadable Amplifier 10 to 1200 MHz Features * LOW NOISE: 3.0 dB (TYP.) * HIGH GAIN - TWO STAGES: 26 dB (TYP.) * ULTRA LOW PHASE DEVIATION FROM LINEARITY: <2O, 100-1000 MHz * LOW VSWR: 1.2:1 (TYP.) Rev. V3 Product Image Description The A64 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability. This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available Ordering Information Part Number A64 SMA64 CA64 ** Package TO-8 Surface Mount SMA Connectorized ** the connectorized version is not RoHs compliant. Electrical Specifications: Z0 = 50, VCC = +15 VDC Typical Parameter Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max) DC Current @ 15 Volts (max) mA Absolute Maximum Ratings Parameter Storage Temperature Case Temperature DC Voltage Continuous Input Power Short Term Input power (1 minute max.) Peak Power (3 sec max.) "S" Series Burn-In Temperature (case) Guaranteed 0 to 50C 10-1200 24.0 0.8 Units 25C MHz dB dB dB dB dBm dBm dBm dBm 2-1250 26.0 0.5 32 3.4 8.0 +20 +41 +47 1.5:1 / 1.5:1 35 1.9:1 / 1.9:1 38 2.0:1 / 2.0:1 40 4.3 7.0 4.8 6.5 Absolute Maximum -62C to +125C +125C +20 V 6 dBm 50 mW 0.5 W +125C -54 to +85C* 10-1200 23.0 1.0 Thermal Data: VCC = +15 VDC Parameter Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc Rating 141C/W 0.187 W 26C * Over temperature performance limits for part number CA64, guaranteed from 0oC to +50oC only. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. A64 / SMA64 Cascadable Amplifier 10 to 1200 MHz Typical Performance Curves at +25C Outline Drawing: TO-8 * Rev. V3 WEIGHT: 1 gram (0.04 oz.) max Outline Drawing: Surface Mount * WEIGHT: 1 gram (0.04 oz.) max Outline Drawing: SMA Connectorized * WEIGHT: 19 grams (0.67 oz.) max 2 Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of A64 |