Part Number Hot Search : 
C1210 HCT2G 2SC383 SMB75 0N60B2 BUT12A ESS3890 P6KE150A
Product Description
Full Text Search
 

To Download A120X25-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMP-TRAP(R)-Form 101
A120X
SEMICONDUCTOR PROTECTION FUSES
A120X Amp-trap(R) Form 101 Semiconductor Protection fuses, rated 1/2A through 30A, 1200VAC are popular for use in traction drive auxiliary circuits and similar applications. A120X fuses are also suitable for use on 1000VDC auxiliary circuits with low time constants.
Features / Benefits (R) 1000 Volt DC rated for wide range of circuits (R) Compact size fits in where competitive sizes will not fit
Ratings (R) AC: 1/2-30A 1200VAC, 100kA I.R. (R) DC: 1/2-30A 1000VDC, 100kA I.R. L/R = 10ms
Approvals (R) Ferraz Shawmut Certified
Catalog Numbering System
A 120 X 25 - 1
HIGHLIGHTS: Fast Acting (R) Current Limiting 2 (R) Low l t (R) Compact Size
(R)
APPLICATIONS: (R) Protection of traction drive auxiliary circuits, etc.
Amp-trap(R) Fuse Rated Volts - 1200 Style (Fast acting, low l2t) Amperes* Common Mounting Type* Ferrule
A 120 X 25 1
Dimensions - In (mm)
* For ampere ratings and types not listed, call Technical Services.
Standard Fuse Ampere Ratings Catalog Numbers
AMPERE RATING 1/2 1 2 3 4 5 CATALOG NUMBER A120X1/2-1 A120X1-1 A120X2-1 A120X3-1 A120X4-1 A120X5-1 AMPERE RATING 6 10 15 20 25 30 CATALOG NUMBER A120X6-1 A120X10-1 A120X15-1 A120X20-1 A120X25-1 A120X30-1
Single Pole Fuse Block for A120X Fuses
FUSE AMPERE RATING 1/2-30 FUSE BLOCK CATALOG NUMBER P292
D 44
AMP-TRAP(R)-Form 101
A120X
SEMICONDUCTOR PROTECTION FUSES
A120X1/2 to 30
Melting Time - Current Data, 1200V Fuses
Current in Amperes
D
Time in Seconds
Peak Let-Thru Current Data - A120X2 to 30, 1200 Volts AC
Maximum Instantaneous Peak Let-Thru Amperes
I2t Data - 1200 Volts AC, 100kA
FUSE AMPERE RATING 1/2 1 2 3 4 5 6 10 15 20 25 30 I2t DATA MELTING CLEARING (A2s) (A2s) .10 .40 4.3 8.9 10 18 29 500 1100 2000 3100 4400 1.9 7.5 30 69 120 190 280 970 2100 3700 5700 8300
Available Current in RMS Symmetrical Amperes D 45


▲Up To Search▲   

 
Price & Availability of A120X25-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X