Part Number Hot Search : 
MAX528 M52358VP SD1434 BDV65A ZMM5241 NF03L ISL6840 FTS2015
Product Description
Full Text Search
 

To Download 78L08A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 78LXX
Description
This series of fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. Each of these regulators can deliver up to 100 mA of output current. The internal limiting and termal shutdown features of these regulators make them essentially immune to overload. When used as a replacement for a Zener diode-resistor combination, an effective improvement in output impedance can be obtained together with lower-bias current.
Features
* * * * * 3-Terminal Regulators Output Current Up to 100 mA No External Components Internal Thermal Overload Protection Internal Short-Circuit Limiting
Package TO-92 (top view
Internal Block Digram
Package
O C
I
BEIJING ESTEK ELECTRONICS CO.,LTD
1
78LXX
Absolute Maximum Ratings
over operating temperature range (unless otherwise noted) Parameter 78L05A thru 78L10A 30 0 to 150 -65 to 150 260 Maximum 78L12A thru 78L18A 35 0 to 150 -65 to 150 260 Units 78L24A 40 0 to 150 -65 to 150 260 V C
Input voltage Operating free-air, case, or virtual junction temperature range Storage temperature range Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
Recommended Operating Conditions
Parameter 78L05A 78L06A 78L08A 78L09A 78L10A 78L12A 78L15A 78L18A 78L24A Min 7 8 10.5 11.5 12.5 14.5 17.5 20.5 26.5 0 Max 20 20 23 24 25 27 30 33 39 100 125 Units
Input voltage, VI
V
Output current, IO Operating virtual junction temperature, TJ
mA C
Device Selection Guide
Device 78L05A 78L06A 78L08A 78L09A 78L10A 78L12A 78L15A 78L18A 78L24A Output Voltage 5V 6V 8V 9V 10 V 12 V 15 V 18 V 24 V
BEIJING ESTEK ELECTRONICS CO.,LTD
2
78LXX
Electrical Characteristics 78L05A
Electrical characteristics at specified virtual junction temperature, VI= 10V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40 mA, VI= 7V to 20V IO= 1mA to 70mA, Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 8V to 20V IO= 1mA to 40mA VI= 7V to 20V VI= 8V to 20V VI= 8V to 18V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz Test Conditions* 25C 0C to 125C Min 4.8 4.75 4.75 25C 25C 25C 25C 25C 25C 125C 0C to 125C 41 78L05A Typ 5 5 5 32 26 49 15 8 42 1.7 3.8 6 5.5 1.5 0.1 mA Units Max 5.2 5.25 5.25 150 100 60 30 mV dB mV V V V
Electrical Characteristics 78L06A
Electrical characteristics at specified virtual junction temperature, VI= 11V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40 mA, VI= 8V to 20V IO= 1mA to 70mA, Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 9V to 20V IO= 1mA to 40mA VI= 8V to 20V VI= 9V to 20V VI= 9V to 19V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz Test Conditions* 25C 0C to 125C Min 5.75 5.7 5.7 25C 25C 25C 25C 25C 25C 125C 0C to 125C 40 78L06A Typ 6 6 6 35 29 48 16 9 46 1.7 3.9 6 5.5 1.5 0.1 Units Max 6.25 6.3 6.3 175 125 80 40 mV dB mV V V mA V
* **
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33F capacitor across the input and a 0.1F capacitor across the output. This specification applies only for dc power dissipation permitted by absolute maximum ratings.
BEIJING ESTEK ELECTRONICS CO.,LTD
3
78LXX
Electrical Characteristics 78L08A
Electrical characteristics at specified virtual junction temperature, VI= 14V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40 mA, VI= 10.5V to 23V IO= 1mA to 70mA, Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 11V to 23V IO= 1mA to 40mA VI= 10.5V to 23V VI= 11V to 23V VI= 13V to 23V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz 25C 25C 25C 125C 0C to 125C 0C to 125C 25C 37 Test Conditions* 25C 0C to 125C Min 7.7 7.6 7.6 25C 78L08A Typ 8 8 8 42 36 46 18 10 54 1.7 4 6 5.5 1.5 0.1 80 40 mV V mA Units Max 8.3 8.4 8.4 175 125 dB V mV V
Electrical Characteristics 78L09A
Electrical characteristics at specified virtual junction temperature, VI= 16V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40 mA, VI= 12V to 24V IO= 1mA to 70mA, Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 13V to 24V IO= 1mA to 40mA * ** VI= 12V to 24V VI= 13V to 24V VI= 15V to 25V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz 25C 25C 25C 125C 0C to 125C 0C to 125C 25C 38 Test Conditions* 25C 0C to 125C Min 8.6 8.55 8.55 25C 78L09A Typ 9 9 9 45 40 45 19 11 58 1.7 4.1 6 5.5 1.5 0.1 mA 90 40 V V Units Max 9.4 9.45 9.45 175 125 dB mV mV V
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33F capacitor across the input and a 0.1F capacitor across the output. This specification applies only for dc power dissipation permitted by absolute maximum ratings.
BEIJING ESTEK ELECTRONICS CO.,LTD
4
78LXX
Electrical Characteristics 78L10A
Electrical characteristics at specified virtual junction temperature, VI= 17V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40 mA, VI= 13V to 25V IO= 1mA to 70mA, Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 14V to 25V IO= 1mA to 40mA VI= 13V to 25V VI= 14V to 25V VI= 15V to 25V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz 25C 25C 25C 125C 0C to 125C 0C to 125C 25C 37 Test Conditions* 25C 0C to 125C Min 9.6 9.5 9.5 25C 78L10A Typ 10 10 10 51 42 44 20 11 62 1.7 4.2 6 5.5 1.5 0.1 mA 90 40 V V Units Max 10.4 10.5 10.5 175 125 dB mV mV V
Electrical Characteristics 78L12A
Electrical characteristics at specified virtual junction temperature, VI= 19V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40mA, VI= 14V to 27V IO= 1mA to 70mA Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 16V to 27V IO= 1mA to 40mA * ** VI= 14.5V to 27V VI= 16V to 27V VI= 15V to 25V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz 25C 25C 25C 125C 0C to 125C 0C to 125C 25C 37 25C Test Conditions* 25C 0C to 125C Min 11.5 11.4 11.4 78L12A Typ 12 12 12 55 49 42 22 13 70 1.7 4.3 6.5 6 1.5 0.1 mA 100 50 V V Units Max 12.5 12.6 12.6 250 200 dB mV mV V
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33F capacitor across the input and a 0.1F capacitor across the output. This specification applies only for dc power dissipation permitted by absolute maximum ratings.
BEIJING ESTEK ELECTRONICS CO.,LTD
5
78LXX
Electrical Characteristics 78L15A
Electrical characteristics at specified virtual junction temperature, VI= 23V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40mA, VI= 17.5V to 30V IO= 1mA to 70mA VI= 17.5V to 30V VI= 19V to 30V VI= 18.5V to 28.5V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100KHz Test Conditions* 25C 0C to 125C Min 14.4 14.25 14.25 25C 0C to 125C 25C 25C 25C 25C 125C Bias current change VI= 19V to 30V IO= 1mA to 40mA 0C to 125C 34 78L15A Typ Max 15 15.6 15 15 65 58 39 25 15 82 1.7 4.6 6.5 6 1.5 0.1 mA 15.75 15.75 300 250 150 75 Units
V
Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current
mV dB mV V V
Electrical Characteristics 78L18A
Electrical characteristics at specified virtual junction temperature, VI= 26V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40mA, VI= 20.5V to 33V IO= 1mA to 70mA Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 22V to 33V IO= 1mA to 40mA * ** VI= 20.5V to 33V VI= 22V to 33V VI= 21.5V to 31.5V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz 25C 25C 25C 125C 0C to 125C 0C to 125C 25C 32 Test Conditions* 25C 0C to 125C Min 17.3 17.1 17.1 25C 78L18A Typ 18 18 18 70 64 36 27 19 89 1.7 4.7 6.5 6 1.5 0.1 mA 180 90 V V Units Max 18.7 18.9 18.9 360 300 dB mV mV V
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33F capacitor across the input and a 0.1F capacitor across the output. This specification applies only for dc power dissipation permitted by absolute maximum ratings.
BEIJING ESTEK ELECTRONICS CO.,LTD
6
78LXX
Electrical Characteristics 78L24A
Electrical characteristics at specified virtual junction temperature, VI= 32V, IO = 40mA (unless otherwise noted) Parameter Output voltage** IO= 1mA to 40mA, VI= 26.5V to 39V IO= 1mA to 70mA Input regulation Ripple rejection Output regulation Output noise voltage Dropout voltage Bias current Bias current change VI= 28V to 39V IO= 1mA to 40mA * ** VI= 26.5V to 39V VI= 29V to 39V VI= 27.5V to 37.5V, f= 120Hz IO= 1mA to 100mA IO= 1mA to 40mA f= 10Hz to 100 KHz 25C 25C 25C 125C 0C to 125C 0C to 125C 25C 30 Test Conditions* 25C 0C to 125C Min 23 22.8 22.8 25C 78L24A Typ 24 24 24 95 78 33 41 28 97 1.7 4.8 6.5 6 1.5 0.1 mA 240 120 V V Units Max 25 25.2 25.2 480 400 dB mV mV V
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33F capacitor across the input and a 0.1F capacitor across the output. This specification applies only for dc power dissipation permitted by absolute maximum ratings.
Ordering Information
ORDERING NUMBER PACKAG E TO - 92 MARKING ET 78LXX
78LXX
Address :
Postalcode:100039 Tel: 86-010-58895780 / 81 / 82 / 83 / 84 Http://www.estek.com.cn Email:sales@estek.com.cn
6A06--6A07 Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Fax : 010-58895793
REV No:01-060804
BEIJING ESTEK ELECTRONICS CO.,LTD
7


▲Up To Search▲   

 
Price & Availability of 78L08A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X