|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers February 2010 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) High Speed 10MBit/s Logic Gate Optocouplers Features Description The 6N137M, HCPL2601M, HCPL2611M single-channel and HCPL2630M, HCPL2631M dual-channel optocouplers consist of a 850 nm AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output. This output features an open collector, thereby permitting wired OR outputs. The switching parameters are guaranteed over the temperature range of -40C to +85C. A maximum input signal of 5mA will provide a minimum output sink current of 13mA (fan out of 8). An internal noise shield provides superior common mode rejection of typically 10kV/s. The HCPL2601M and HCPL2631M has a minimum CMR of 5kV/s. The HCPL2611M has a minimum CMR of 10kV/s. Very high speed - 10 MBit/s Superior CMR - 10 kV/s Fan-out of 8 over -40C to +85C Logic gate output Strobable output Wired OR-open collector U.L. recognized (File # E90700, Vol. 2) Applications Ground loop elimination LSTTL to TTL, LSTTL or 5-volt CMOS Line receiver, data transmission Data multiplexing Switching power supplies Pulse transformer replacement Computer-peripheral interface Schematics Package Outlines N/C 1 8 VCC 8 +1 VF1 8 VCC 1 8 1 +2 VF _ 3 7 VE _2 7 V01 8 6 VO _ V 3 6 V02 8 1 1 F2 N/C 4 5 GND +4 5 GND Truth Table (Positive Logic) Input Enable H H L L NC NC Output L H H H L H www.fairchildsemi.com 6N137M HCPL2601M HCPL2611M H HCPL2630M HCPL2631M (Preliminary) L H L H L A 0.1F bypass capacitor must be connected between pins 8 and 5(1). (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Absolute Maximum Ratings (TA = 25C unless otherwise specified) Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol TSTG TOPR TSOL EMITTER IF VE VR PI DETECTOR Supply Voltage VCC (1 minute max) IO VO PO Output Current Output Voltage Collector Output Power Dissipation Single Channel Dual Channel (Each Channel) Each Channel Single Channel Dual Channel (Each Channel) 7.0 50 50 7.0 85 60 V mW V mA DC/Average Forward Input Current Enable Input Voltage Not to Exceed VCC by more than 500mV Reverse Input Voltage Power Dissipation Single Channel Dual Channel (Each Channel) Single Channel Each Channel Single Channel Dual Channel (Each Channel) 50 30 5.5 5.0 100 45 V V mW mA Storage Temperature Operating Temperature Lead Solder Temperature Parameter Value -40 to +125 -40 to +100 260 for 10 sec Units C C C Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Symbol IFL IFH VCC VEL VEH TA N Parameter Input Current, Low Level Input Current, High Level Supply Voltage, Output Enable Voltage, Low Level Enable Voltage, High Level Low Level Supply Current Fan Out (TTL load) Min. 0 *6.3 4.5 0 2.0 -40 Max. 250 15 5.5 0.8 VCC +85 8 Units A mA V V V C *6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is 5.0mA or less. (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 2 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Electrical Characteristics (TA = 0 to 70C unless otherwise specified) Individual Component Characteristics Symbol EMITTER VF BVR CIN VF / TA DETECTOR ICCH ICCL High Level Supply Current Low Level Supply Current VCC = 5.5V, IF = 0mA, VE = 0.5V Single Channel Dual Channel IEL IEH VEH VEL Low Level Enable Current High Level Enable Current High Level Enable Voltage Low Level Enable Voltage VCC = 5.5V, VE = 0.5V VCC = 5.5V, VE = 2.0V VCC = 5.5V, IF = 10mA VCC = 5.5V, IF = 10mA (3) Parameter Input Forward Voltage Input Reverse Breakdown Voltage Input Capacitance Input Diode Temperature Coefficient IF = 10mA Test Conditions Min. Typ.* Max. 1.8 Unit V V TA = 25C IR = 10A VF = 0, f = 1MHz IF = 10mA 5.0 1.4 1.75 60 -1.4 pF mV/C Single Channel Dual Channel VCC = 5.5V, IF = 10mA VE = 0.5V 6 10 8 14 -0.7 -0.5 2.0 10 15 13 21 -1.6 -1.6 0.8 mA mA mA mA V V Switching Characteristics (TA = -40C to +85C, VCC = 5V, IF = 7.5mA unless otherwise specified) Symbol TPLH AC Characteristics Propagation Delay Time to Output HIGH Level Propagation Delay Time to Output LOW Level Output Rise Time (10-90%) Output Rise Time (90-10%) Enable Propagation Delay Time to Output HIGH Level Enable Propagation Delay Time to Output LOW Level Common Mode Transient Immunity (at Output HIGH Level) Test Conditions RL = 350, CL = 15pF(4) (Fig. 12) TA = 25C(5) RL = 350, CL = 15pF (Fig. 12) (RL = 350, CL = 15pF (Fig. 12) RL = 350, CL = 15pF (6) Min. 20 Typ.* 40 Max. Unit 75 100 ns TA = 25C TPHL 25 40 75 100 ns |TPHL-TPLH| Pulse Width Distortion tr tf tELH 1 30 10 15 35 ns ns ns ns (Fig. 12) RL = 350, CL = 15pF(7) (Fig. 12) IF = 7.5mA, VEH = 3.5V, RL = 350, CL = 15pF(8) (Fig. 13) IF = 7.5mA, VEH = 3.5V, RL = 350, CL = 15pF(9) (Fig. 13) TA = 25C, |VCM| = 50V 6N137M, HCPL2630M (Peak), IF = 0mA, HCPL2601M, VOH (Min.) = 2.0V, HCPL2631M RL = 350(10) (Fig. 14) |VCM| = 400V HCPL2611M tEHL 15 ns |CMH| 10,000 5000 10,000 V/s 10,000 5000 10,000 15,000 10,000 10,000 15,000 V/s |CML| Common Mode Transient Immunity (at Output LOW Level) RL = 350, IF = 7.5mA, 6N137M, HCPL2630M VOL (Max.) = 0.8V, HCPL2601M, TA = 25C(11) (Fig. 14) HCPL2631M |VCM| = 400V HCPL2611M (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 3 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Electrical Characteristics (Continued) Transfer Characteristics (TA = -40 to +85C unless otherwise specified) Symbol IOH VOL IFT DC Characteristics HIGH Level Output Current LOW Level Output Current Input Threshold Current Test Conditions VCC = 5.5V, VO = 5.5V, IF = 250A, VE = 2.0V(2) VCC = 5.5V, IF = 5mA, VE = 2.0V, ICL = 13mA(2) VCC = 5.5V, VO = 0.6V, VE = 2.0V, IOL = 13mA Min. Typ.* Max. 100 Unit A V mA 0.4 3 0.6 5 Isolation Characteristics (TA = -40C to +85C unless otherwise specified.) Symbol II-O Characteristics Input-Output Insulation Leakage Current Withstand Insulation Test Voltage Resistance (Input to Output) Capacitance (Input to Output) Test Conditions Relative humidity = 45%, TA = 25C, t = 5s, VI-O = 3000 VDC(12) RH < 50%, TA = 25C, II-O 10A, t = 1 min.(12) VI-O = 500V(12) f= 1MHz(12) Min. Typ.* Max. 1.0* Unit A VISO RI-O CI-O 5000 1011 1 VRMS pF *All Typicals at VCC = 5V, TA = 25C Notes: 1. The VCC supply to each optoisolator must be bypassed by a 0.1F capacitor or larger. This can be either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and GND pins of each device. 2. Each channel. 3. Enable Input - No pull up resistor required as the device has an internal pull up resistor. 4. tPLH - Propagation delay is measured from the 3.75mA level on the HIGH to LOW transition of the input current pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse. 5. tPHL - Propagation delay is measured from the 3.75mA level on the LOW to HIGH transition of the input current pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse. 6. tr - Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse. 7. tf - Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse. 8. tELH - Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of the input voltage pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse. 9. tEHL - Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of the input voltage pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse. 10. CMH - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the HIGH state (i.e., VOUT > 2.0V). Measured in volts per microsecond (V/s). 11. CML - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the LOW output state (i.e., VOUT < 0.8V). Measured in volts per microsecond (V/s). 12. Device considered a two-terminal device: Pins 1, 2, 3 and 4 shorted together, and Pins 5, 6, 7 and 8 shorted together. (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 4 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Typical Performance Curves Fig. 1 Low Level Output Voltage vs. Ambient Temperature 0.8 IF = 5mA VE = 2V VCC = 5.5V Fig. 2 Input Diode Forward Voltage vs. Forward Current VOL - LOW LEVEL OUTPUT VOLTAGE (V) 0.7 0.6 IOL = 12.8mA IF - FORWARD CURRENT (mA) 10 0.5 IOL = 16mA 1 0.4 0.3 IOL = 9.6mA IOL = 6.4mA 0.100 0.2 0.1 0.0 -40 0.010 -20 0 20 40 60 80 100 0.001 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 TA - AMBIENT TEMPERATURE (C) VF - FORWARD VOLTAGE (V) Fig. 3 Switching Time vs. Forward Current 120 50 VCC = 5V TA = 25C Fig. 4 Low Level Output vs. Ambient Temperature TP - PROPAGATION DELAY (ns) 100 IOL - LOW LEVEL OUTPUT CURRENT (mA) 45 IF = 15mA 80 RL = 4k (tPLH) 40 IF = 10mA 60 RL = 1k (tPLH) RL = 350 (tPLH) 35 IF = 5mA 40 RL = 4k (tPHL) RL = 1k (tPHL) RL = 350 (tPHL) 30 VCC = 5V VE = 2V VOL = 0.6V 20 25 0 5 7 9 11 13 15 20 -40 -20 0 20 40 60 80 100 IF - FORWARD CURRENT (mA) TA - AMBIENT TEMPERATURE (C) Fig. 5 Input Threshold Current vs. Ambient Temperature 4.0 IFT - INPUT THRESHOLD CURRENT (mA) VCC = 5V VE = 2V VOL = 0.6V Fig. 6 Output Voltage vs. Input Forward Current 6 3.5 5 3.0 RL = 350 VO - OUTPUT VOLTAGE (V) 4 RL = 1k 2.5 RL = 1k 3 RL = 350 2.0 RL = 4k 2 RL = 4k 1.5 1 1.0 -40 -20 0 20 40 60 80 100 0 0 1 2 3 4 5 6 TA - AMBIENT TEMPERATURE (C) IF - FORWARD CURRENT (mA) (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 5 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Typical Performance Curves (Continued) Fig. 7 Pulse Width Distortion vs. Temperature 60 500 IF = 7.5mA VCC = 5V IF = 7.5mA VCC = 5V RL = 4k (tR) Fig. 8 Rise and Fall Time vs. Temperature PWD - PULSE WIDTH DISTORTION (ns) 40 RL = 4k tR / tF - RISE AND FALL TIME (ns) 50 400 300 30 20 10 0 -10 -40 200 100 RL = 1k (tR) RL = 350 (tR) RL = 1k 0 RL = 4k (tF) RL = 1k (tF) RL = 350 (tF) RL = 350 -20 0 20 40 60 80 100 -100 -40 -20 0 20 40 60 80 100 TA - AMBIENT TEMPERATURE (C) TA - AMBIENT TEMPERATURE (C) Fig. 9 Enable Propagation Delay vs. Temperature TE - ENABLE PROPAGATION DELAY (ns) 100 IF = 7.5mA VCC = 5V Fig. 10 Switching Time vs. Temperature 100 90 IF = 7.5mA VCC = 5V RL = 4k (tPLH) TP - PROPAGATION DELAY (ns) 80 RL = 4k (tELH) 80 70 60 RL = 1k (tPLH) 60 40 RL = 1k (tELH) 50 RL = 350 (tPLH) 20 RL = 350 (tELH) RL = 4k/1k/350 (tEHL) 40 30 20 -40 RL = 4k (tPHL) RL = 1k (tPHL) RL = 350 (tPHL) 0 -40 -20 0 20 40 60 80 100 -20 0 20 40 60 80 100 TA - AMBIENT TEMPERATURE (C) TA - AMBIENT TEMPERATURE (C) Fig. 11 High Level Output Current vs. Temperature 1.6 IOH - HIGH LEVEL OUTPUT CURRENT (A) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -40 VCC = 5V VO = 5.5V VE = 2V IF = 250A -20 0 20 40 60 80 100 TA - AMBIENT TEMPERATURE (C) (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 6 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Test Circuits Pulse Generator tr = 5ns Z O = 50 +5V IF = 7.5 mA VCC 1 2 Input Monitor (I F) 47 8 7 6 CL .1 f bypass RL Output (VO ) Input (IF ) t PHL Output (VO ) tPLH IF = 3.75 mA 1.5 V 90% 10% tf tr 3 4 Output (VO ) GND 5 Fig. 12 Test Circuit and Waveforms for tPLH, tPHL, tr and tf Pulse Generator tr = 5ns Z O = 50 Input Monitor (V E) +5V 3.0 V VCC 1 7.5 mA 8 7 6 CL .1 f bypass RL Output (VO ) Input (VE ) t EHL t ELH 1.5 V 2 3 4 Output (VO ) 1.5 V GND 5 Fig. 13 Test Circuit tEHL and tELH (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 7 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Test Circuits (Continued) VCC 1 IF A B VFF 8 7 6 5 .1 f bypass +5V 2 3 4 350 Output (VO) GND VCM Pulse Gen Peak VCM 0V 5V Switching Pos. (A), IF = 0 VO VO (Min) CM H VO (Max) VO 0.5 V Switching Pos. (B), I F = 7.5 mA CM L Fig. 14 Test Circuit Common Mode Transient Immunity (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 8 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Package Dimensions Through Hole PIN 1 ID. 4 3 2 1 4 3 2 1 0.4" Lead Spacing (Option TV) (Pending) PIN 1 ID. 0.270 (6.86) 0.250 (6.35) 5 6 7 8 0.270 (6.86) 0.250 (6.35) 0.390 (9.91) 0.370 (9.40) 5 6 7 8 SEATING PLANE 0.070 (1.78) 0.045 (1.14) 0.200 (5.08) MAX 0.156 (3.94) 0.144 (3.68) SEATING PLANE 0.020 (0.51) MIN 0.390 (9.91) 0.370 (9.40) 0.156 (3.94) 0.070 (1.78) 0.144 (3.68) 0.045 (1.14) 0.020 (0.51) MIN 0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP 0.016 (0.40) 0.008 (0.20) 15 MAX 0.300 (7.62) TYP 0.200 (5.08) MAX 0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP 0.031 (0.78) 0.016 (0.40) 0.008 (0.20) 0 to 15 0.400 (10.16) TYP Surface Mount - 0.3" Lead Spacing (Option S) 0.390 (9.91) 0.370 (9.40) 4 3 2 1 8-Pin Surface Mount DIP - Land Pattern (Option S) 0.070 (1.78) PIN 1 ID. 0.270 (6.86) 0.250 (6.35) 0.060 (1.52) 5 6 7 8 0.100 (2.54) 0.295 (7.49) 0.415 (10.54) 0.030 (0.76) 0.156 (3.94) 0.144 (3.68) 0.070 (1.78) 0.045 (1.14) 0.020 (0.51) MIN 0.300 (7.62) TYP 0.016 (0.40) 0.008 (0.20) 0.200 (5.08) MAX 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP 0.015 (0.40) MIN Both Sides 0.315 (8.00) MIN 0.405 (10.30) MAX. Note: All dimensions are in inches (millimeters) Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 9 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Ordering Information Option No Suffix S SD V TV SV SDV Example Part Number 6N137M 6N137SM 6N137SDM 6N137VM 6N137TVM 6N137SVM 6N137SDVM Surface Mount Lead Bend Description Standard Through Hole Device, 50 pcs per tube Surface Mount; Tape and Reel IEC60747-5-2 approval pending (VDE) IEC60747-5-2 approval pending (VDE), 0.4" lead spacing IEC60747-5-2 approval pending (VDE), surface mount IEC60747-5-2 approval pending (VDE), surface mount, tape and reel Marking Information 1 6N137 V 3 4 2 6 XX YY 5 B Definitions 1 2 3 4 5 6 Note: `HCPL' devices are marked only with the numerical characters (for example, HCPL2630 is marked as `2630'). The `M' suffix on the part number is an order identifier only. It is used to identify orders for the white package version. The `M' does not appear on the device's top mark. Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) (pending approval) Two digit year code, e.g., `07' Two digit work week ranging from `01' to `53' Assembly package code (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 10 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Carrier Tape Specifications (Option SD) D0 K0 t P0 P2 E A0 W1 B0 F W d User Direction of Feed P D1 Symbol W t P0 D0 E F P2 P A0 B0 K0 W1 d R Pocket Pitch Tape Width Description Tape Thickness Sprocket Hole Pitch Sprocket Hole Diameter Sprocket Hole Location Pocket Location Dimension in mm 16.0 0.3 0.30 0.05 4.0 0.1 1.55 0.05 1.75 0.10 7.5 0.1 2.0 0.1 12.0 0.1 10.30 0.20 10.30 0.20 4.90 0.20 Pocket Dimensions Cover Tape Width Cover Tape Thickness Max. Component Rotation or Tilt Min. Bending Radius 13.2 0.2 0.1 max 10 30 (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 11 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers Reflow Profile 260 240 TL 220 200 180 160 140 120 100 80 60 40 20 0 TP Max. Ramp-up Rate = 3C/S Max. Ramp-down Rate = 6C/S tP Tsmax Preheat Area Tsmin ts tL Temperature (C) 120 Time 25C to Peak 240 360 Time (seconds) Profile Freature Temperature Min. (Tsmin) Temperature Max. (Tsmax) Time (tS) from (Tsmin to Tsmax) Ramp-up Rate (tL to tP) Liquidous Temperature (TL) Time (tL) Maintained Above (TL) Peak Body Package Temperature Time (tP) within 5C of 260C Ramp-down Rate (TP to TL) Time 25C to Peak Temperature Pb-Free Assembly Profile 150C 200C 60-120 seconds 3C/second max. 217C 60-150 seconds 260C +0C / -5C 30 seconds 6C/second max. 8 minutes max. (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 12 Single-Channel: 6N137M, HCPL2601M, HCPL2611M Dual-Channel: HCPL2630M, HCPL2631M (Preliminary) -- High Speed 10MBit/s Logic Gate Optocouplers TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. AccuPower Auto-SPM Build it Now CorePLUS CorePOWER CROSSVOLT CTL Current Transfer Logic DEUXPEED(R) Dual CoolTM EcoSPARK(R) EfficientMax (R) Fairchild(R) Fairchild Semiconductor(R) FACT Quiet Series FACT(R) (R) FAST FastvCore FETBench FlashWriter(R)* FPS F-PFS FRFET SM Global Power Resource Green FPS Green FPS e-Series Gmax GTO IntelliMAX ISOPLANAR MegaBuck MICROCOUPLER MicroFET MicroPak MicroPak2 MillerDrive MotionMax Motion-SPM OptoHiTTM OPTOLOGIC(R) OPTOPLANAR(R) (R) (R) PowerTrench(R) PowerXSTM Programmable Active Droop (R) QFET QS Quiet Series RapidConfigure Saving our world, 1mW/W/kW at a timeTM SignalWise SmartMax SMART START SPM(R) STEALTH SuperFET SuperSOT -3 SuperSOT -6 SuperSOT -8 SupreMOS SyncFET Sync-LockTM (R) * The Power Franchise (R) TinyBoost TinyBuck TinyCalc TinyLogic(R) TINYOPTO TinyPower TinyPWM TinyWire TriFault Detect TRUECURRENT * SerDes PDP SPMTM Power-SPM UHC Ultra FRFET UniFET VCX VisualMax XSTM (R) * Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only. Rev. I47 (c)2009 Fairchild Semiconductor Corporation 6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3 www.fairchildsemi.com 13 |
Price & Availability of 6N137SDM |