Part Number Hot Search : 
F49L040A BLF88 BCM847DS BU252 512K16 RP103X SP486E 1N960C
Product Description
Full Text Search
 

To Download 59045-I-T-00-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.hamlin.com
File E61760(N) Actuator
59045 Mini PCB Mount Features and Benefits
Features
* 2 part magnetically operated proximity sensor * Normally open contact configuration * Moulded stand-offs to allow board washing * Customer defined sensitivity
Benefits
* Mounts directly into printed circuit board * No standby power requirement * Operates through non-ferrous materials such as wood, plastic or aluminium * Hermetically sealed, magnetically operated contacts continue to operate long after optical and other technologies fail due to contamination * Simple installation and adjustment
Applications
* Position and limit sensing * Security system switch * Door switch
Sensor
DIMENSIONS (in) mm
A Max 57045 59045 (.170) 4,32 (.170) 4,32 B Max (.700) 17,78 (.700) 17,78 C + .10 (0,25) See Note Below (.600)15,24 D Max (.130) 3,3 (.130) 3,3 E + .015 (0,38) - (.130) 3,30
Mounting: (.062) 1,57 thick board, (.125) 3,17 holes on (.540) 13,72
CUSTOMER OPTIONS - Switching Specifications
TABLE 1 Contact Type Switch Type Power Voltage Current Resistance Capacitance Temperature Time Shock Vibration Switching Breakdown Switching Carry Contact, Initial Insulation Contact Operating Storage Operate Release 11ms 12 sine 50-2000 Hz Watt - max. Vdc - max. Vdc - min. A - max. A - max. - max. - min. pF - typ. C C ms - max. ms - max. G - max. G - max. Form A Normally Open 1 10 200 250 0.5 1.2 0.2 1010 0.3 -40 to +105 -65 to +105 1.0 1.0 100 30
CUSTOMER OPTIONS - Sensitivity
TABLE 2 Sensitivity Options:Activate Distances are approximate using Hamlin 57045 actuator as illustrated Switch AT before modification
D
T U Pull In AT Range Activate Distance d (in) mm (.157) 4,0
Select Option Switch Type
S Pull In AT Range Activate Distance d (in) mm (.197) 5,0 Pull In AT Range
Activate Distance d (in) mm (.177) 4,5
1 Normally Open
15-20
20-25
25-30
ORDERING INFORMATION
N.B. 57045 actuator sold separately
59045 Table 1 Table 2
1
X
00
0
Series 59045 Switch Type Sensitivity
Hamlin USA Hamlin UK Hamlin Germany Hamectrol France
ISSUE No: 4 DATE: 1/5/3
Tel: Tel: Tel: Tel:
+1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6181 953660 * Fax: +49 (0) 6181 9536666 * Email: sales.de@hamlin.com +33 (0) 1 4687 0202 * Fax: +33 (0) 1 4686 6786 * Email: sales.fr@hamlin.com 24
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN.


▲Up To Search▲   

 
Price & Availability of 59045-I-T-00-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X