Part Number Hot Search : 
Y3014 13003A 6754MR SBR12050 SBR1680 4738A SBR12050 TSOP532
Product Description
Full Text Search
 

To Download 5019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 5019 & 5019N Cable Assembly - Minigrabber(R) Test Clips To Bantam Plug
FEATURES: * Shielded cable to reduce noise * Provides quick access from Bantam Jack to terminals * Bantam Plug is molded to the cable to provide optimum durability MATERIALS: Conn.: 1st End - Minigrabber(R) Contact - Beryllium Copper Spring - Stainless Steel Finish: Contact - Gold Plated Insulation: Handle - Glass filled nylon. Color matches wire. Barrel - Glass filled nylon. Color matches wire. Marking: "Pomona Electronics" "Minigrabber(R)"
Breakout Leads: 20 AWG, 41 x 36 T.C., PVC insulated, 2.21 (.087) O.D. Color: Red and Black, Red lead connected to tip, Black lead connected to ring. Molded Breakout: PVC, Color - Gray Cable: 2 conductor shielded stranded copper, 7 x 30, PVC insulated, 4,57 (.180) O.D. Color - Gray Conn.: 2nd End - Bantam Plug (Miniature Phone Plug) Finish: 5019 brass, 5019N nickel plated . Insulation: PVC. Color - Black RATINGS: Operating Temperature: +50C (+122F) Max. Operating Voltage: 300 VRMS/DC ORDERING INFORMATION: Model 5019-60 and 5019N-60 Standard Length - 60" (1520mm) Ordering Example: 5019N-60, cable is 60" long with brass nickel plated Bantam connector.
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Made in USA
7/1/02 SY/EH/LS Last saved by Laura Goldberg
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
PomonaACCESS 90295 (800) 444-6785 or (425) 446-6010 More drawings available at www.pomonaelectronics.com
Page 1 of 1
C:\Laura Goldberg\FlukeDataSheet \d5019_19N_1_02.doc


▲Up To Search▲   

 
Price & Availability of 5019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X