Part Number Hot Search : 
LTC176 LTM8040 1N4007GP SC802B 2G08UM 71660 DTA124E AD9219
Product Description
Full Text Search
 

To Download 44812-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0192
General Information Part Number: 76650-0192 Manufacturer: Title: Description: Product Family: Certificates: Molex / Waldom Deluxe Board Stacking Application Kit Includes KK100, HDM, EBBI 50D, SEARAY, Plateau HS Mezz, IEEE1386, SlimStack Product Families. Pitches range: 0.635mm (.025)" - 2.54mm (0.1)" Mezzanine IEEE 1386, HDM(R)**, SlimStackTM, KK(R) 100, EBBITM 50D, Plateau HS MezzTM, and SEARAY* (Molex Parts within this kit) - EU RoHS and RoHS by Exempt Compliant
Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Pitch: Connector Type: Circuit Sizes: Current Rating: Voltage: Product Highlights The SEARAY board-to-board connector is designed for computer, networking, telecom, storage and general market applications with high pin-count devices or memory modules that are mounted on mezzanine or module PC Boards (PCBs). The design of our SEARAY has superior electrical and mechanical features that are cost competitive. The unique, Molex-patented, solder charge technology results in better process yields and a lower applied cost versus equivalent BGA connector products. Circuit sizes range from 160 through 500 positions, and mated stack heights cover 7mm (.276") to 13mm (.512"). Molex's SlimStack connectors are tested to accommodate frequency rates up to 3 GHz for various high-speed applications. With a broad range of circuit sizes and stack heights, SlimStack offers an economical way to achieve high-speed performance in both 50 and 100 Ohm systems. Utilizes proprietary Plateau TechnologyTM (plated gold housing) to provide a highspeed high-density mezzanine connector system for differential and single-ended signal applications. The gold-plated plastic shields each differential pair from neighboring pairs, lowering crosstalk and improving signal clarity. Different stack heights and circuit sizes provide flexibility in design and grounding the conductive housing eliminates the need for individual ground pin designations within the connector.
* SEARAY is a trademark of Samtec, Inc. ** HDM(R) is a registered trademark of Amphenol Corporation
Board-to-Board 0.635mm (.025"), 1.0mm (.039"), 1.20mm (.047"), 1.27mm (.050"), [1.27mm (.050")]sq. , 2mm (.079"), and 2.54mm (.100") Receptacles and Headers/Plugs 2, 3, 4, 6, 8, 12, 20, 50, 64, 72 and 200 0.5, 1.0, 1.5, 2.5 and 4 Amps 30, 100 and 240 Volts
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0192
Product Highlights continued The High Density Metric (HDM) connector system is designed for applications that require high interconnect density and high-speed signal integrity. Signal modules of 72 and 144 contacts are available. Daughtercard modules are combined on a metal stiffener so that they are handled as one connector. Special modules are available for power, guidance, mounting and coding functions. These building blocks can be combined to create very large connectors. Connectors of above 1000 circuits are not unusual. The power contacts can handle 15A of current per power blade, efficiently delivering hundreds of watts in multiple voltage levels, even in hot plug applications. The IEEE 1386 standard contains the details for adding standardized PCI mezzanine cards (PMC) to VMEbus and Multibus host boards. There are also many LAN, WAN, telecommunications, PC and workstation users who want a standardized mezzanine scheme and see the IEEE 1386 as the best approach. The fully shrouded leaf-style design minimizes the chance of damaging plug contacts. Our receptacle contacts feature a low mating force that reduces PCB stress. Gold over Nickel contact plating enhances long-term reliability, while the UL94V-0 LCP housings withstand SMT reflow processes. Excellent tolerance absorption allows the connector to be used in combinations of one to four mated pairs for up to 256 circuits. The connector design is hard-metric, easy-mating, robust, surface-mounted and features high circuit density, with excellent electrical performance. Along with that, it comes in a range of stacking heights from 8.00 through 15.00mm (.315 through .591") for optimizing system function. The proven KK system of "building block" connectors can be used to create thousands of different configurations. The Molex KK interconnection system can provide all the options necessary to complement PC board interconnection design requirements. For this reason, KK has become known as a versatile interconnecting system developed to meet the challenge of modularization. The Molex EBBI 50D series meets the market demand for low-cost, unshielded, high density, leaf-style connectors. Several configurations are available including vertical, right angle and blind-mating to provide valuable design flexibility and expandability. Leaf-style terminals are arranged in two rows on .050" spacing within a polarized "D"shaped housing for rugged mechanical protection. Housings are made of high temperature, UL 94V-0 thermoplastic. Terminals are plated with 30 micro-inches min. gold in the mating area for long term reliability and durability.
** HDM(R) is a registered trademark of Amphenol Corporation
Features and Benefits * Unique patented solder attach is more cost effective and reliable than BGA * SEARAY footprint is compatible with other 1.27mm(.050") by 1.27mm(.050") products * Robust guidance and polarization aligns connectors to mate in correct position
Applications * High and Mid-Range Computers and Servers * Medical Scanning Equipment * Military * Network Routers and Switches * Mobile Base Stations
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0192
Features and Benefits continued * 3 GHz performance * Cross Talk < 7% * 6.00 to 16.00mm stack heights * Economical design * For 50 and 100 Ohm applications * Anti-flux design * Metal solder tabs provide PCB hold down and strain relief for SMT tails * Polarizing pegs assist placement * Housing lock on 20 to 60 circuits * Superior terminal design/wipe length * Easy board processing * Advanced gold-plated housings with integrated shielding system * Two points of contact on each signal * Multiple stack heights from 10 to25mm (.394 to .984") * Available in 6, 12, 24, and 36 differential pair sizes (12, 24, 48 and 72 contacts) * Up to 32mm board-to-board stack heights * For parallel board packaging * Available in press-fit or solder tail * For Mezzanine cards, parallel backplanes and bridge board applications * End walls facilitate blind mating * Surface Mount Compatible * High-density 2.00mm metric connector in the same form factor as Future bus * 6-row 2mm connector provides 30 contacts per linear centimeter (> 75/inch) * Designed for high-density, high-speed applications * Modular components for design flexibility; 72 position (6 row by 12) and 144 position (6 row by 24) modules * Tail lengths available in 0.5mm increments to optimize PCB thickness Applications continued * Mobile Phone * PDA * Digital Video Camera * Digital Still Camera * Digital Video Player * Digital Audio Player * Voice Recorder * Notebook PC * Any Compact Applications
* Switches and Hubs * Routers * Servers and Blade Servers * Workstations * Storage Devices
* High-End Computer * Storage * Telecom (General) * Broadcast Equipment * Telecom Infrastructure * Networking * Telecom (Home/Office)
Features and Benefits continued
Applications continued
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0192
* Leaf-style design protects pins * Low insertion force * For use in combinations of 1 to 4 mated pairs * High-temperature LCP housing for use with lead-free processing temps * Multiple stack heights 8.00-15.00mm (.315-.591"), offers design flexibility * Low mating forces, less stress on PCB and solder joints * Select 30u" Gold plating on contact, high reliability with 100-cycle durability rating * Anti-flux intrusion feature, compatible with no-wash soldering processes * End-to-end stackable * Strain relieving board hooks * Also available without board hooks * Various pin lengths available * Voided circuits available (contact Molex) * Versions to accept mating pins vertically, horizontally or through the PCB * Network Interface Cards for NIC-HBA * SCSI Host Bus and Adapter Cards for NIC-HBA * Board-to-Board Mezzanine Connectors for SwitchRouter * Mezzanine Card Connectors for Server * Mezzanine Card Connectors for Disk Array
* Vending and Gaming Machines * Production Equipment * Industrial Instruments * Energy and Power * Comfort and Infotainment * Brown Goods * Security and Alarms * Business Machines * Computer Peripherals * Consumer (General) * Vending and Gaming * Business Machines * High-End Computer * Production Equipment
* Polarized D-shape leaf contact for parallel board packaging * Leaf-style interface provides highdurability * Available in 50, 68, and 80 circuits * Blind-mate version * SMT versions available * Receptacle mates to standard .062 inch pc card edge * Polarized guide posts allow extra lead-in on blind-mate versions * Polarized guide features provide generous 2.0mm radial lead-in for blind mating * Press-fit retention pegs for mechanical hold down before and after processing * Low profile--12.50mm (.492") stack height for parallel board stacking * Surface Mount Compatible
Bill of Materials for Part No. 76650-0192
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 4 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0192
Country Molex Part No. of Origin 45970-2311 45971-2311 52885-0274 52901-0274 55091-0274 53647-0274 75003-0305 75003-0308 75005-0304 75005-0306 73770-0100 73780-2257 71436-0164 71436-2164 71439-0164 22-03-2021 22-03-2031 22-03-2041 22-03-2061 22-03-2081 USA USA Japan Japan Japan Japan USA USA USA USA USA USA USA USA USA Quantity in Kit Description [1.27mm (.050")]sq. Pitch SEARAY* Plug, 200 Circuits, H = 6.1mm 1 [1.27mm (.050")]sq. Pitch SEARAY* Receptacle, 200 Circuits, H = 6.55mm 1 .635mm (.025") Pitch SlimStackTM 20 Circuit Receptacle, H = 5 MM 1 .635mm (.025") Pitch SlimStackTM 20 Circuit Receptacle, H = 11 MM 1 .635mm (.025") Pitch SlimStackTM 20 Circuit Plug, H = 6 mm .635mm (.025") Pitch SlimStackTM 20 Circuit Plug, H = 8 mm 1.20mm (.047") Pitch Plateau HS MezzTM Plug 6 Pair 12 Circuit, H = 5.5mm 1.20mm (.047") Pitch Plateau HS MezzTM Plug 6 Pair 12 Circuit, H = 8.5mm 1.20mm (.047") Pitch Plateau HS MezzTM Receptacle 6 Pair 12 Circuit, H = 4.5mm 1.20mm (.047") Pitch Plateau HS MezzTM Receptacle 6 Pair 12 Circuit H = 6.5mm 2mm (.079") Pitch 72 Circuit HDM(R)** Press-Fit Stacking Header, H = 15mm 2mm (.079") Pitch 72 Circuit HDM(R)** Press-Fit Receptacle, H = 17mm 1.00mm (.039") Pitch Mezzanine IEEE 1386, 64 Circuit Plug, H = 8mm 1.00mm (.039") Pitch Mezzanine IEEE 1386, 64 Circuit Plug, H = 10mm 1.00mm (.039") Pitch Mezzanine IEEE 1386, 64 Circuit Receptacle, H = 8mm 1 1 1 1 1 1 1 1 1 1 1 5 3 3 2 2
MEXICO 2.54mm (.100") Pitch KK(R) 100 Header Vertical 2 Circuit MEXICO 2.54mm (.100") Pitch KK(R) 100 Header Vertical 3 Circuit MEXICO 2.54mm (.100") Pitch KK(R) 100 Header Vertical 4 Circuit MEXICO 2.54mm (.100") Pitch KK(R) 100 Header Vertical 6 Circuit MEXICO 2.54mm (.100") Pitch KK(R) 100 Header Vertical 8 Circuit
* SEARAY is a trademark of Samtrec, Inc. ** HDM(R) is a registered trademark of Amphenol Corporation
Bill of Materials for Part No. 76650-0192 continued
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 5 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0192
Country Molex Part No. of Origin 22-02-2025 22-02-2035 22-02-2045 22-02-2065 22-02-2085 71660-7050 71661-7050 44812-0002 44812-0003 44812-0004 44812-0006 44812-0008 Description Quantity in Kit 5 3 3 2 2 1 1 2 2 2 1 1
2.54mm (.100") Pitch KK(R) 100 Receptacle^ Top Entry 2 MEXICO Circuit 2.54mm (.100") Pitch KK(R) 100 Receptacle^ Top Entry 3 MEXICO Circuit 2.54mm (.100") Pitch KK(R) 100 Receptacle^ Top Entry 4 MEXICO Circuit 2.54mm (.100") Pitch KK(R) 100 Receptacle^ Top Entry 6 MEXICO Circuit 2.54mm (.100") Pitch KK(R) 100 Receptacle^ Top Entry 8 MEXICO Circuit 1.27mm (.050") Pitch EBBITM 50D Receptacle, Vertical, BlindUSA Mate, 50 Circuits 1.27mm (.050") Pitch EBBITM 50D Plug, Vertical, Blind-Mate, USA 50 Circuits 2.54mm (.100") Pitch KK(R) 100 Receptacle Bottom and Top USA Entry 2 Circuit 2.54mm (.100") Pitch KK(R) 100 Receptacle Bottom and Top USA Entry 3 Circuit 2.54mm (.100") Pitch KK(R) 100 Receptacle Bottom and Top USA Entry 4 Circuit 2.54mm (.100") Pitch KK(R) 100 Receptacle Bottom and Top Entry 6 Circuit USA 2.54mm (.100") Pitch KK(R) 100 Receptacle Bottom and Top Entry 8 Circuit USA
^ Current rating is dependent upon PCB traces, Copper weight, solder, etc. (contact Molex for more information)
No Recommended Molex Tool for Part No. 76650-0192*
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of 44812-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X