Part Number Hot Search : 
DMC16 ZTR500 D1104 NJU7664 A6507 KV1501 MAX27451 M63806KP
Product Description
Full Text Search
 

To Download 2SD1297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1297
DESCRIPTION *With TO-3PN package *High DC current gain *Low saturation voltage APPLICATIONS *For audio frequency power amplifier and low speed high current switching industrial use
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PT Total power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 3.0 150 -55~150 CONDITIONS Open emitter Open base Open collector MAX 150 100 8 25 50 1.5 100 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=30mA ;IB=0 IC=15A ;IB=30mA IC=15A ;IB=30mA VCB=100V; IE=0 VEB=5V; IC=0 IC=15A ; VCE=2V IC=25A ; VCE=2V 1000 250 MIN 100
2SD1297
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
1.5 2.2 10 5 30000
V V A mA
Switching times ton tstg tf Turn-on time Storage time Fall time IC=15A; IB1=-IB2=30mA VCC=60V;RL=4@ 1.0 5.0 2.0 s s s
hFE-1 Classifications M 1000-3000 L 2000-5000 K 4000-10000 J 8000-30000
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1297
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD1297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X