Part Number Hot Search : 
SI7946DP 2DD100P 2KBP08M SZA1000 3122V 3C20S2 IRPLCFL2 XC6215
Product Description
Full Text Search
 

To Download 2SD1297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1297
DESCRIPTION With TO-3PN package High DC current gain Low saturation voltage APPLICATIONS For audio frequency power amplifier and low speed high current switching industrial use
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER

INC
Collector-base voltage
Collector-emitter voltage
E SEM ANG H
Open base
OND IC
CONDITIONS
TOR UC
MAX 150 100 8 25 50 1.5 UNIT V V V A A A
Open emitter
Emitter-base voltage Collector current Collector current-peak Base current
Open collector
TC=25ae PT Total power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature
100 W 3.0 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=30mA ;IB=0 IC=15A ;IB=30mA IC=15A ;IB=30mA VCB=100V; IE=0 VEB=5V; IC=0 IC=15A ; VCE=2V IC=25A ; VCE=2V 1000 250 MIN 100
2SD1297
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
1.5 2.2 10 5 30000 |I
V V A mA
Switching times ton tstg tf
Fall time
Turn-on time Storage time

hFE-1 Classifications M 1000-3000 L 2000-5000 K 4000-10000 J 8000-30000
INC
E SEM ANG H
IC=15A; IB1=-IB2=30mA VCCO 60V;RL=4
OND IC
TOR UC
1.0 |I 5.0 2.0
s |I |I s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1297

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD1297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X