Part Number Hot Search : 
HD74H DMP6101A CR6727A RD16MW DS2004 ULN206 SDA9388X 8X931AA
Product Description
Full Text Search
 

To Download 2SD1294 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1294
DESCRIPTION *With TO-3P(I) package *Wide area of safe operation *High DC current gain *Darlington APPLICATIONS *Power regulator for line operated TV
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 6015 6015 6 5 20 80 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Emitter cut-off current DC current gain CONDITIONS IC=100mA ;IB=0 IC=100mA ;IE=0 IC=0.5A ;IB=1mA IC=1A; IB=1mA IC=0.5A;VCE=5V VEB=6V; IC=0 IC=0.5A ; VCE=5V 2000 MIN 45 45
2SD1294
SYMBOL VCEO VCBO VCEsat-1 VCEsat-2 VBE IEBO hFE
TYP.
MAX 75 75 1.5 2.5 1.8 0.1 20000
UNIT V V V V V mA
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1294
Fig.2 outline dimentions
3


▲Up To Search▲   

 
Price & Availability of 2SD1294

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X