Part Number Hot Search : 
TDA73090 12025 LM2402 LT8650S PI74A S100R R5M7084 SA102
Product Description
Full Text Search
 

To Download 2SD1294 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1294
DESCRIPTION With TO-3P(I) package Wide area of safe operation High DC current gain Darlington APPLICATIONS Power regulator for line operated TV
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICP PC Tj Tstg PARAMETER

INC
Collector-base voltage
Collector-emitter voltage
E SEM ANG H
Open base
OND IC
CONDITIONS
TOR UC
VALUE 60A 60A 6 5 20 15 15 UNIT V V V A A W ae ae
Open emitter
Emitter-base voltage Collector current (DC) Collector current (Pulse) Collector power dissipation Junction temperature Storage temperature
Open collector
TC=25ae
80 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SD1294
SYMBOL
TYP.
MAX
UNIT
VCEO
Collector-emitter breakdown voltage
IC=100mA ;IB=0
45
75
V
VCBO
Collector-base breakdown voltage
IC=100mA ;IE=0
45
75
V
VCEsat-1
Collector-emitter saturation voltage
IC=0.5A ;IB=1mA
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=1A; IB=1mA
2.5
V
VBE
Base-emitter on voltage
IC=0.5A;VCE=5V
1.8
V
IEBO
Emitter cut-off current
VEB=6V; IC=0
0.1
mA
hFE
DC current gain
IC=0.5A ; VCE=5V
2000

CHA IN
E SEM NG
OND IC
TOR UC
20000
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1294

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimentions
3


▲Up To Search▲   

 
Price & Availability of 2SD1294

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X