Part Number Hot Search : 
MIHW3042 ISL84582 ADP3417 MIC21 C245M MAX3301E ITR20508 L79M00
Product Description
Full Text Search
 

To Download 2SD1291 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1291
DESCRIPTION With TO-3PN package Built-in damper diode High voltage ,high reliability Wide area of safe operation APPLICATIONS For color TV horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Fig.1 simplified outline (TO-3PN) and symbol Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VEBO IC ICM PC Tj Tstg PARAMETER

INC
Collector-base voltage Emitter-base voltage
E SEM ANG H
OND IC
CONDITIONS
TOR UC
VALUE 1500 5 3 13 UNIT V V A A W ae ae
Open emitter
Open collector
Collector current (DC) Collector current (Pulse) Collector power dissipation Junction temperature Storage temperature TC=25ae
65 130 -55~130
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SD1291
SYMBOL
MAX
UNIT
V(BR)EBO
Emitter-base breakdown voltage
IE=500mA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=2.5A; IB=0.8A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=2.5A; IB=0.8A
1.5
V
VCB=750V; IE=0 ICBO Collector cut-off current VCB=1500V; IE=0
50
|I
A
1
mA
hFE
DC current gain
IC=2.5A ; VCE=10V
4
12
ts
Storage time
tf
VF
Fall time

IC=2.5A ILeak=0.8A,LB=5|I
H
Diode forward voltage
IN
ANG CH
MIC E SE
IF=-4A,IB=0
DUC ON
4
TOR
8 |I 1 2.2
s
|I
s
V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1291

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1291

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X