Part Number Hot Search : 
SMAJ78A MACPE C244A STK4180 04300 DSS41A24 PE9710 04300
Product Description
Full Text Search
 

To Download 2SD1290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD1290
DESCRIPTION With TO-3PN package Built-in damper diode High voltage ,high reliability Wide area of safe operation APPLICATIONS For color TV horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open collector VALUE 1500 5 3 10 50 130 -55~130 ae ae UNIT V V A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage CONDITIONS IE=500mA; IC=0 IC=2A; IB=0.75A IC=2A; IB=0.75A VCB=750V; IE=0 ICBO Collector cut-off current VCB=1500V; IE=0 hFE ts tf VF DC current gain Storage time Fall time Diode forward voltage IC=2A ; VCE=10V 3 3 H MIN 5 TYP.
2SD1290
SYMBOL VEBO VCEsat VBEsat
MAX
UNIT V
5.0 1.5 50 1 8 7 1 2.2 |I |I |I
V V A mA
IC=2A ILeak=0.75A,LB=5|I
s s V
IF=-4A,IB=0
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1290
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD1290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X