Part Number Hot Search : 
MAX452 CS3001 XVT9012 URR80 313600 L3383 FSL126MR SFH4045N
Product Description
Full Text Search
 

To Download 2SD1290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1290
DESCRIPTION With TO-3PN package Built-in damper diode High voltage ,high reliability Wide area of safe operation APPLICATIONS For color TV horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Fig.1 simplified outline (TO-3PN) and symbol Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VEBO IC ICM PC Tj Tstg PARAMETER

INC
Collector-base voltage Emitter-base voltage
E SEM ANG H
TC=25ae
OND IC
CONDITIONS
TOR UC
VALUE 1500 5 3 10 50 130 -55~130 ae ae UNIT V V A A W
Open emitter
Open collector
Collector current (DC) Collector current (Pulse) Collector power dissipation Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage CONDITIONS IE=500mA; IC=0 IC=2A; IB=0.75A IC=2A; IB=0.75A VCB=750V; IE=0 ICBO Collector cut-off current VCB=1500V; IE=0 hFE ts tf VF DC current gain Storage time Fall time IC=2A ; VCE=10V 3 3 IC=2A ILeak=0.75A,LB=5|I H MIN 5 TYP.
2SD1290
SYMBOL V(BR)EBO VCEsat VBEsat
MAX
UNIT V
5.0 1.5 50 1 8 7 |I |I |I
V V A mA
s s V
Diode forward voltage

CHA IN
E SEM NG
IF=-4A,IB=0
OND IC
TOR UC
1 2.2
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1290

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X