Part Number Hot Search : 
SM6135W 74HCT SZ1010 1N5258B 020RL SMA70 1N6292 LS244
Product Description
Full Text Search
 

To Download 2SD1044 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1044
DESCRIPTION *High DC Current Gain : hFE= 700(Min.)@ IC= 1A, VCE= 4V *High Collector-Emitter Breakdown Voltage: V(BR) CEO= 80V(Min) *Wide Area of Safe Operation
APPLICATIONS *Designed for high power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCER
Collector-Emitter Voltage
VCEO
Collector-Emitter Voltage
w w
scs .i w
VALUE 100 V 100 V 80 V 6 V 6 A 3 A
UNIT
.cn mi e
VEBO IC
Emitter-Base Voltage
Collector Current-Continuous
IB
B
Base Current- Continuous Collector Power Dissipation @TC=25 Junction Temperature
PC
60
W
Tj
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1044
TYP.
MAX
UNIT
VCER
Collector-Emitter Breakdown Voltage
IC= 50mA, RBE= 1k
100
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA, IB= 0
80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A, IB= 30mA
B
1.7
V A
ICBO
Collector Cutoff current
VCB= 100V, IE= 0
10
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
10
mA
hFE
DC Current Gain
IC= 1A; VCE= 4V
hFE classifications Q 700-2500
2000-5000
w w
P
O
4000-10000
scs .i w
.cn mi e
700
10000
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SD1044

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X