Part Number Hot Search : 
15020 3266P102 2N495302 SST201 MDIN03K VRA24 P2016 IRF5806
Product Description
Full Text Search
 

To Download 2SC3171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PFa package *High collector current *High speed switching APPLICATIONS *For high speed switching applications PINNING(see Fig.2)
PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SC3171
ABSOLUTE MAXIMUM RATINGS(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 3 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 10 20 5 100 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A ;L=25mH IC=5A; IB=1A IC=5A; IB=1A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=5A ; VCE=5V IC=0.5A ; VCE=10V 15 8 MIN 400
2SC3171
SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V
1.0 1.5 0.1 0.1
V V mA mA
8
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A; IB1=-IB2=1A VCC=100V 1.0 3.0 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3171
Fig.2 outline dimensions (unindicated tolerance:0.3mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X