Part Number Hot Search : 
C330M SF65G SMAJ45 FN4815 MS8GE EP2SGX60 BZX55C47 ZPD68
Product Description
Full Text Search
 

To Download 2SB566 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB566 2SB566A
DESCRIPTION With TO-220C package Complement to type 2SD476/476A APPLICATIONS For low frequency power amplifier power switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO PARAMETER Collector-base voltage 2SB566 VCEO Collector-emitter voltage 2SB566A VEBO IC ICM PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Collectorl power dissipation Junction temperature Storage temperature TC=25ae Open collector Open base -60 -5 -4 -8 40 150 -55~150 ae ae V A A W CONDITIONS Open emitter VALUE -70 -50 V UNIT V
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-base breakdown voltage 2SB566 IC=-50mA; RBE= 2SB566A IE=-10|I A; IC=0 IC=-10|I CONDITIONS A ; IE=0
2SB566 2SB566A
SYMBOL V(BR)CBO
MIN -70 -50
TYP.
MAX
UNIT V
V(BR)CEO
Collector-emitter breakdown voltage
V -60 -5 -1.0 -1.2 -1 35 60 15 200 MHz |I V V V A
V(BR)EBO VCEsat VBEsat ICBO hFE-1 hFE-2 fT
Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain DC current gain Transition frequency
IC=-2 A;IB=-0.2 A IC=-2 A;IB=-0.2 A VCB=-50V; IE=0 IC=-0.1A ; VCE=-4V IC=-1A ; VCE=-4V IC=-0.5A ; VCE=-4V
Switching times ton toff tstg Turn-on time Turn-off time Storage time IC=-0.5A ; VCC=-10.5V IB1=-IB2=-0.05 A 0.3 3.0 2.5 |I |I |I s s s
hFE-2 classifications B 60-120 C 100-200
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB566 2SB566A
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SB566 2SB566A
4


▲Up To Search▲   

 
Price & Availability of 2SB566

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X