Part Number Hot Search : 
STTH30 A9341 BNBSP DF005 49LV64 LR024 P2501 BUV50
Product Description
Full Text Search
 

To Download 2SB1086A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-126 package Complement to type 2SD1563A Low collector saturation voltage Large current capability APPLICATIONS Designed for use in low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SB1086A
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current -peak Total power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -160 -160 -5 -1.5 -3.0 10 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SB1086A
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA ;IB=0
-160
V
V(BR)CBO
Collector-base breakdown voltage
IC=-50|I
A ;IE=0
-160
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50|I
A ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-1.0A ;IB=-0.1A
-2.0
V
VBEsat
Base-emitter saturation voltage
IC=-1.0A ;IB=-0.1A
-1.5
V
ICBO
Collector cut-off current
VCB=-120V; IE=0
-1.0
|I
A
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-1.0
|I
A
hFE
DC current gain
IC=-0.1A ; VCE=-5V
56
270
fT
Transition frequency
IC=-0.1A ; VCE=-5V
50
MHz
COB
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
30
pF
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1086A
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1086A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X