Part Number Hot Search : 
V23990 200A6 DG528 74S90 TSM924C FEE16W AN7134 LMO12W
Product Description
Full Text Search
 

To Download 2N7002-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSFET
SMD Diodes Specialist
2N7002-G (N-Channel)
RoHS Device
Features
Power dissipation : 0.35W
SOT-23
0.119(3.00) 0.110(2.80)
Equivalent Circuit
0.056(1.40) 0.047(1.20)
D
D
G S
0.083(2.10) 0.066(1.70) 0.006(0.15) 0.002(0.05)
G S
G : Gate S : Source D : Drain
0.044(1.10) 0.035(0.90)
0.103(2.60) 0.086(2.20)
Maximum Ratings (at TA=25C)
Parameter
Drain-Source voltage Drain current Power dissipation Junction and storage temperature
Symbol
VDS ID PD TJ, TSTG
Value
60 250 350 -55 ~ +150
Unit
V mA mW C
0.020(0.50) 0.013(0.35)
0.006(0.15)max
0.007(0.20)min
Dimensions in inches and (millimeter)
Electrical Characteristics (at TA=25C unless otherwise noted)
Parameter
Drain-Source breakdown voltage Gate-Threshold voltage Gate-body leakage Zero gate voltage drain current VDS=60V, VGS=0V, TJ=125C VGS=10V, VDS=7.5V On-state drain current VGS=4.5V, VDS=10V VGS=10V, ID=250mA Drain-Source on resistance VGS=4.5V, ID=200mA Forward tran conductance Diode forward voltage Total gate charge Gate-Source charge Gate-Drain charge Input capacitance Output capacitance Reverse transfer capacitance Turn-on time Turn-off time VDD=30V, RL=200 ID=100mA, VGEN=10V RG=10 VDS=25V, VGS=0V, f=1MHz VDS=30V, VGS=10V, ID=250mA VDS=15V, ID=200mA IS=200mA, VGS=0V gts VSD Qg Qgs Qgd Ciss COSS CrSS td(ON) tr td(off) rDS(ON) 2.0 300 0.85 0.6 0.06 0.06 25 6 1.2 7.5 6 7.5 20 20 nS pF 1.2 1.0 nC 4 mS V ID(ON) 500 700 1.5 3
Conditions
VGS=0V, ID=10A VDS=VGS, ID=250A VDS=0V, VGS=15V VDS=60V, VGS=0V
Symbol
V(BR)DSS Vth(GS) IGSS IDSS
Min
60 1
Typ
70
Max
Unit
V
1.5
2.5 10 1
A
nA
500 800 1300
mA
REV:B
QW-BTR12
Page 1
Comchip Technology CO., LTD.
MOSFET
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (2N7002-G)
Fig.1 On-Region Characteristics
1.0
VGS=10V 9.0V 8.0V 7.0V 6.5V 6.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0/1.0V
Fig.2 On-Resistance vs Drain Current
7
O TJ= 25C
ID, Drain-Source Current (A)
0.8
RDS(ON), Normalized Drain-Source On-Resistance
6
VGS = 5.0V
5 4 3 2 1 0
VGS = 10V
0.6
5.5V
5.0V
0.4
0.2
0 0 1 2 3 4 5
0
0.2
0.4
0.6
0.8
1.0
VDS, Drain-Source Voltage(V)
ID, Drain Current (A)
Fig.3 On-Resistance vs Junction Temperature
2.0
Fig.4 On-Resistance vs Gate-Source Voltage
6
RDS(ON), Normalized Drain-Source On-Resistance
RDS(ON), Normalized Drain-Source On-Resistance
5
1.5
VGS=10V, ID=0.5A
4
ID = 500mA
VGS=5V, ID=0.05A
1.0
3
ID = 50mA
2
0.5
1
0 -55
0 -30 -5 20 45 70 95
O
120
145
0
2
4
6
8
10
12
14
16
18
TJ, Junction Temperature (
C)
VGS, Gate to Source Voltage (V)
REV:B
QW-BTR12
Page 2
Comchip Technology CO., LTD.
MOSFET
SMD Diodes Specialist
Reel Taping Specification
P0 P1 d Index hole E T
F B P A
W C
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
3.10 0.10
0.122 0.004
B
2.85 0.10
0.112 0.004
C
1.40 0.10
0.055 0.004
d
1.55 0.10
0.061 0.004
D
178 1
7.008 0.04
D1
50.0 MIN.
1.969 MIN.
D2
13.0 0.20
0.512 0.008
SOT-23
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.002
W
8.00 0.30
0.315 0.012
W1
14.4 MAX.
0.567 MAX.
SOT-23
(mm) (inch)
REV:B
QW-BTR12
Page 3
Comchip Technology CO., LTD.
MOSFET
SMD Diodes Specialist
Marking Code
3
Part Number 2N7002-G Marking Code
7002
7002
1 2
Suggested PAD Layout
SOT-23 SIZE (mm) A B C D 0.80 1.90 2.02 2.82 (inch) 0.031
C D A
0.075 0.080 0.111
B
Standard Package
Qty per Reel Case Type (Pcs) SOT-23 3000 Reel Size (inch) 7
REV:B
QW-BTR12
Page 4
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of 2N7002-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X