Part Number Hot Search : 
SD335 LB1413 PC1002 IRFP3 MC4053 C3500 100BGC LVC1G32
Product Description
Full Text Search
 

To Download 2801P-R-ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CATV
Model 2801PRO
Multimode CATV Transport
+POWER
RF IN
Supports transmission of sub-band, low-band, FM, mid-band, and highband channels, adding flexibility to the system. Plug-and-play design assures easy installation. The most comprehensive product of its type available in the industry. Ideal for small corporate TV video distribution, campus media retrieval systems, teleconferencing applications, or as a return path transmitter for larger video systems.
SERIAL NUMBER
SERIAL NUMBER
RF LEVEL
orce
Optical Broadcast Systems
2020 Kraft Drive, Suite 1000 * Blacksburg, VA 24060 http://www.forceinc.com * Made in USA
orce
Optical Broadcast Systems
2020 Kraft Drive, Suite 1000 * Blacksburg, VA 24060 http://www.forceinc.com * Made in USA
Model 2801 PRO: Stand-alone Transmitter and Receiver
RF In (5-350 MHz)
The Model 2801 PRO 5 Channel CATV VSB/AM video link provides a high-quality system for transferring five video channels per multimode fiber with complete EMI immunity. The use of state-of-the-art 1300 nm LEDs and PIN detectors allows Model 2801 PRO to operate at exceptional performance levels. The unit offers excellent analog bandwidth that ranges from 5 to 350 MHz, allowing transmission of all sub-band, low-band, FM, mid-band, and high-band channels. This system also offers excellent performance at lower channel loadings. The Model 2801 PRO provides an inexpensive option for transmitting high-quality video, making it an obvious choice for video delivery services using multimode fiber.
2801 PRO Transmitter
MM Fiber
2801 PRO Receiver
RF Out
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation. 2020 Kraft Drive, Suite 1000, Blacksburg, VA 24060 USA (800) 732-5252 * TEL (540) 961-1945 * FAX (540) 961-1900 www.forceinc.com * www.emcore.com
(c) Copyright 2007. EMCORE Corporation
RF OUT
MANUFACTURED DATE
MANUFACTURED DATE
+POWER
Able to transmit up to 5 CATV channels over one multimode fiber.
2801P-T-1310-ST CATV TX MULTIMODE, 1300 nm 10-300 MHz
2801P-R-ST CATV RX MULTIMODE, 1300 nm 10-300 MHz
OPT OUT
OPT IN OPT LEVEL
Specifications and Ordering Information
Optical Characteristics*
Operating Wavelength Lower Bandwidth Upper Bandwidth Optical Output Power Optical Loss Range Impedance Carrier-to-Noise Ratio
54 53 52 51 50 49 48 47 46 45 44 43 42 41 40
Electrical Characteristics*
Typ 1300 2 400 -7.0 Max 1330 5 -6.0 9 Units nm Mhz Mhz dBm dB ohms Power Supply Voltage (Tx) Power Supply Voltage (Rx) Power Supply Current (Tx) Power Supply Current (Rx) Min +9.0 +9.0 Typ Max +11.0 +11.0 270 110 Units VDC VDC mA mA
Min 1290 350 -8.0 0
250 100
75 See Graph Below
1 Channel
Physical Characteristics*
Min Weight Physical Dimensions Typ Max 6 170 3.75 x 2.95 x 1.12 95 x 75 x 29 Units oz. g in. mm
Video CNR (dB)
3 Channels 5 Channels
Environmental Characteristics*
CSO = -70 dBc CTB = -55 dBc
Operating Temp. Range Storage Temp. Range Relative Humidity
-7
Min +10 -20 10
Typ
Max +45 +70 95
Units C C %
-17
-16
-15
-14 -13 -12 -11 -10 Received Optical Power (dBm)
-9
-8
+POWER
SERIAL NUMBER
SERIAL NUMBER
RF LEVEL
RF IN
orce
Optical Broadcast Systems
2020 Kraft Drive, Suite 1000 * Blacksburg, VA 24060 http://www.forceinc.com * Made in USA
orce
Optical Broadcast Systems
2020 Kraft Drive, Suite 1000 * Blacksburg, VA 24060 http://www.forceinc.com * Made in USA
Model 2801 PRO Transmitter & Receiver
MM 5 Channel Tx and Rx P/N
2801 PRO Tx and Rx Options Std.-alone Tx, , 1300 nm, ST Std.-alone Rx, 1300 nm, ST 5 Channels 2801P-T-1310-ST 2801P-R-ST Accessory Options Tx Stand-alone P.S. +9 Volts DC Rx Stand-alone P.S. +9 Volts DC 3RU Rack Chassis 3RU Adapter Card 3RU P.S., Universal AC 3RU P.S., -48 Volts DC
Rack and P P/N .S.
Rack Accessories Power Supplies PS090-1 PS090-1 3000CB-NN 3000A-NN-1 3000UA-NN 3000UC-NN
*System performance specifications indicated for use with 62.5/125 m multimode fiber. See IOM2801 PRO for complete performance specifications. Contact an Applications Engineer or visit our website for complete specifications on rack-mounting and power supply options.
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation. 2020 Kraft Drive, Suite 1000, Blacksburg, VA 24060 USA (800) 732-5252 * TEL (540) 961-1945 * FAX (540) 961-1900 www.forceinc.com * www.emcore.com
Rev. 3.0, 3/20/07
RF OUT
MANUFACTURED DATE
MANUFACTURED DATE
+POWER
2801P-T-1310-ST CATV TX MULTIMODE, 1300 nm 10-300 MHz
2801P-R-ST CATV RX MULTIMODE, 1300 nm 10-300 MHz
OPT OUT
OPT IN OPT LEVEL
(c) Copyright 2007. EMCORE Corporation


▲Up To Search▲   

 
Price & Availability of 2801P-R-ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X