|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR Electronics, Inc. KR Electronics General Description KR 2760 is a 65 MHz surface mount bandpass filter. Other center frequencies and bandwidths available. Please consult the factory. www.krfilters.com Features * 65 MHz Center Frequency * 1 dB Bandwidth, 10 MHz min * Surface Mount Package * 50 Source and Load Typical Performance Passband Amplitude & Group Delay (1 dB/div and 5 nsec/div) 16 Feb 2007 10:45:42 CH1 CH2 S21 S21 LOG DEL 1 dB/ 5 ns/ REF 0 dB REF 40 ns Overall Response (10 dB/div) 16 Feb 2007 10:47:37 CH1 S21 LOG 10 dB/ REF 0 dB Cor Cor Smo Cor START 60 . 000 000 MHz STOP 70 . 000 000 MHz CENTER 65 . 000 000 MHz SPAN 119 . 000 000 MHz KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2007, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. KR Electronics 2760 Bandpass Specifications Parameter Filter type Center Frequency Insertion Loss 1 dB Bandwidth Attenuation at 60 MHz Attenuation at 70 MHz Source and Load Specification Bandpass 65 MHz < 2 dB 10 MHz min > 40 dB > 40 dB 50 1 dB 15 MHz Typical www.krfilters.com Physical Dimensions Notes: 1. Surface mount package -- Metal cover (can also be supplied in an package with SMA Connectors) 2. Dimensions in inches 3. Maximum reflow temperature is 209 C for 15 sec maximum. 4. If boards are cleaned after installation, dry units completely. KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2007, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 |
Price & Availability of 2760 |